Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD1053C Datasheet(PDF) 9 Page - International Rectifier

Part # SD1053C
Description  FAST RECOVERY DIODES Hockey Puk Version
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD1053C Datasheet(HTML) 9 Page - International Rectifier

Back Button SD1053C Datasheet HTML 2Page - International Rectifier SD1053C Datasheet HTML 3Page - International Rectifier SD1053C Datasheet HTML 4Page - International Rectifier SD1053C Datasheet HTML 5Page - International Rectifier SD1053C Datasheet HTML 6Page - International Rectifier SD1053C Datasheet HTML 7Page - International Rectifier SD1053C Datasheet HTML 8Page - International Rectifier SD1053C Datasheet HTML 9Page - International Rectifier SD1053C Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
SD1053C..L Series
D-699
Ordering Information Table
1
-
Diode
2
-
Essential part number
3
-
3 = Fast recovery
4
-
C = Ceramic Puk
5
-
Voltage code: Code x 100 = V
RRM
(See Voltage Ratings table)
6
-
t
rr
code
7
-
L = Puk Case DO-200AB(B-PUK)
SD 105
3
C
30 S30
L
1
2
3
4
5
6
7
Device Code
Code
(
µs)
(A)
(A/
µs)
(V)
(
µs)
(
µC)
(A)
Test conditions
Max. values @ T
J
= 150°C
Recovery Characteristics
Typical t
rr
I
pk
di/dt
V
r
t
rr
Q
rr
I
rr
@ 25% I
RRM
Square Pulse
@ 25% I
RRM
S20
2.0
1000
100
- 50
4.0
400
180
S30
3.0
1000
100
- 50
4.5
550
230
T
J
= 25oC
Conduction angle
Units
Conditions
Single Side Double Side
Single Side Double Side
Sinusoidal conduction
Rectangular conduction
180°
0.009
0.008
0.006
0.006
T
J
= T
J
max.
120°
0.011
0.011
0.011
0.011
90°
0.014
0.014
0.015
0.015
K/W
60°
0.020
0.021
0.021
0.022
30°
0.036
0.036
0.036
0.036
∆R
thJ-hs
Conduction
(The following table shows the increment of thermal resistence R
thJ-hs
when devices operate at different conduction angles than DC)
SD1053C..L
S20
S30
T
J
Max. junction operating temperature range
-40 to 150
T
stg
Max. storage temperature range
-40 to 150
R
thJ-hs
Max. thermal resistance, case junction
0.073
DCoperation single side cooled
to heatsink
0.031
DCoperation double side cooled
F
Mounting force, ± 10%
14700
N
(1500)
(Kg)
wt
Approximate weight
255
g
Case style
DO-200AB(B-PUK)
See Outline Table
°C
Parameter
Units
Conditions
Thermal and Mechanical Specifications
K/W
To Order
Next Data Sheet
Index
Previous Datasheet


Similar Part No. - SD1053C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD1053C18S20L VISHAY-SD1053C18S20L Datasheet
449Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 920/1050 A
Revision: 14-May-08
SD1053C18S20L VISHAY-SD1053C18S20L Datasheet
464Kb / 12P
   Fast Recovery Diodes (Hockey PUK Version), 920/1050 A
Revision: 14-May-08
SD1053C18S20L VISHAY-SD1053C18S20L_12 Datasheet
464Kb / 12P
   Fast Recovery Diodes (Hockey PUK Version), 920/1050 A
Revision: 14-May-08
SD1053C18S30L VISHAY-SD1053C18S30L Datasheet
449Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 920/1050 A
Revision: 14-May-08
SD1053C18S30L VISHAY-SD1053C18S30L Datasheet
464Kb / 12P
   Fast Recovery Diodes (Hockey PUK Version), 920/1050 A
Revision: 14-May-08
More results

Similar Description - SD1053C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
SD1553C IRF-SD1553C Datasheet
505Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
SD823C IRF-SD823C Datasheet
618Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD263C IRF-SD263C Datasheet
354Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD703C IRF-SD703C Datasheet
600Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com