Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FYLS-0805RGBC Datasheet(PDF) 8 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYLS-0805RGBC
Description  SMD led lamp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYLS-0805RGBC Datasheet(HTML) 8 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYLS-0805RGBC Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0805RGBC Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0805RGBC Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0805RGBC Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0805RGBC Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0805RGBC Datasheet HTML 6Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0805RGBC Datasheet HTML 7Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLS-0805RGBC Datasheet HTML 8Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Model. No.
Rev.
Page
8/8
The influence of ultrasonic cleaning on the leds depends on factors such as ultrasonic power and the way.
Reverse voltage should not exceed the absolute maximum rating on the data sheet. The colour of the LEDs
SMD LED should not be modified after soldering. If modification cannot be avoided, the modification
Static Electricity and surge voltage damage the LEDs. So it is recommended that an ESD wrist band,
Duration above 183
℃ is 80 sec. max
Time within 5
℃ of actual peak temperature=10 sec.
max
Peak preheat temperature:100-150
ramp-down rate:6
℃/sec.max
Peak temperature:250
FYLS-0805RGBC
A
Http://www.foryard.com
Model No.
:FYLS-0805RGBC
Solder=Sn63-Pb37
Average ramp-up rate:4
℃/sec.max
Peak preheat temperature:100-150
preheat time:100seconds.max
ramp-down rate:6
℃/sec.max
Peak temperature:230
Time within 5
℃ of actual peak
temperature=10 sec. max
Duration above 217
℃ is 80 sec. max
Average ramp-up rate:4
℃/sec.max
Solder= Pb-Free
(3) Recommend Soldering pad design(unit=mm)
The appearance and specifications of the product may be modified for improvement without notice.
Reflow soldering should not be done more than one time
High-brightness LED light may injure human eyes. Avoid looking directly into lighted LED
must be pre-qualified to avoid damage to the SMD LEDs.
preheat time:100seconds.max
No stress should be exerted on the package during soldering.
When washing is required, IPA (Isopropyl Alcohol) should be used.
This device should not be used in any type of fluid such as water, oil, organic solvent and etc
is changed slightly an operating current and thermal.
4. Others
All devices, equipment and machinery must be properly grounded
ESD shoe strap or an anti-electrostatic glove be used when handling the LEDs.
3. Static Electricity


Similar Part No. - FYLS-0805RGBC

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLS-0805BGC FORYARD-FYLS-0805BGC Datasheet
156Kb / 5P
   SMD
FYLS-0805BHRC FORYARD-FYLS-0805BHRC Datasheet
156Kb / 5P
   SMD
FYLS-0805BPGC FORYARD-FYLS-0805BPGC Datasheet
513Kb / 8P
   SMD led lamp
FYLS-0805BSRC FORYARD-FYLS-0805BSRC Datasheet
156Kb / 5P
   SMD
FYLS-0805BUBC FORYARD-FYLS-0805BUBC Datasheet
155Kb / 5P
   SMD
More results

Similar Description - FYLS-0805RGBC

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLS-3020URC FORYARD-FYLS-3020URC Datasheet
525Kb / 8P
   SMD led lamp
FYLS-3528BUBC FORYARD-FYLS-3528BUBC_15 Datasheet
526Kb / 8P
   SMD led lamp
FYLS-1204RGBC FORYARD-FYLS-1204RGBC Datasheet
504Kb / 8P
   SMD led lamp
FYLS-1204SRC FORYARD-FYLS-1204SRC Datasheet
843Kb / 8P
   SMD led lamp
FYLS-3528UW2C FORYARD-FYLS-3528UW2C_15 Datasheet
493Kb / 8P
   SMD led lamp
FYLS-3528UWC FORYARD-FYLS-3528UWC_15 Datasheet
506Kb / 8P
   SMD led lamp
FYLS-3528UY2C FORYARD-FYLS-3528UY2C_15 Datasheet
488Kb / 8P
   SMD led lamp
FYLS-0603ASRC-Z2 FORYARD-FYLS-0603ASRC-Z2 Datasheet
483Kb / 8P
   SMD led lamp
FYLS-0603BUBC-Z1 FORYARD-FYLS-0603BUBC-Z1 Datasheet
500Kb / 8P
   SMD led lamp
logo
BetLux Electronics
BL-LS0402HC BETLUX-BL-LS0402HC Datasheet
91Kb / 4P
   SMD LED LAMP
BL-LS1204EGC BETLUX-BL-LS1204EGC Datasheet
120Kb / 4P
   SMD LED LAMP
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com