Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UD6016 Datasheet(PDF) 4 Page - Unitpower Technology Limited

Part # UD6016
Description  N-Ch 60V Fast Switching MOSFETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNITPOWER [Unitpower Technology Limited]
Direct Link  http://www.unitpower.cn
Logo UNITPOWER - Unitpower Technology Limited

UD6016 Datasheet(HTML) 4 Page - Unitpower Technology Limited

  UD6016 Datasheet HTML 1Page - Unitpower Technology Limited UD6016 Datasheet HTML 2Page - Unitpower Technology Limited UD6016 Datasheet HTML 3Page - Unitpower Technology Limited UD6016 Datasheet HTML 4Page - Unitpower Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
N-Ch 60V Fast Switching MOSFETs
10
100
1000
10000
1
5
9
13
17
21
25
VDS Drain to Source Voltage(V)
F=1.0MHz
Ciss
Coss
Crss
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
t , Pulse Width (s)
0.01
0.05
0.1
0.2
DUTY=0.5
SINGLE
P
DM
D = T
ON/T
T
Jpeak = TC+PDMXRθJC
T
ON
T
0.02
Fig.8 Safe Operating Area
Fig.9 Normalized Maximum Transient Thermal Impedance
Fig.7 Capacitance
Fig.10 Switching Time Waveform
Fig.11 Unclamped Inductive Switching Waveform
UD6016


Similar Part No. - UD6016

ManufacturerPart #DatasheetDescription
logo
ShenZhen XinDeYi Electr...
UD6016 XINDEYI-UD6016 Datasheet
718Kb / 4P
   N-Ch 60V Fast Switching MOSFETs
logo
SHENZHEN DOINGTER SEMIC...
UD6016 DOINGTER-UD6016 Datasheet
2Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - UD6016

ManufacturerPart #DatasheetDescription
logo
Unitpower Technology Li...
UM6016 UNITPOWER-UM6016 Datasheet
748Kb / 4P
   N-Ch 60V Fast Switching MOSFETs
logo
ShenZhen XinDeYi Electr...
UD6006 XINDEYI-UD6006 Datasheet
677Kb / 4P
   N-Ch 60V Fast Switching MOSFETs
UM6004 XINDEYI-UM6004 Datasheet
860Kb / 4P
   N-Ch 60V Fast Switching MOSFETs
logo
uPI Group Inc.
QM6006D UPI-QM6006D Datasheet
237Kb / 4P
   N-Ch 60V Fast Switching MOSFETs
QM6008G UPI-QM6008G Datasheet
229Kb / 4P
   N-Ch 60V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UD6006 UNITPOWER-UD6006 Datasheet
677Kb / 4P
   N-Ch 60V Fast Switching MOSFETs
UI6008 UNITPOWER-UI6008 Datasheet
731Kb / 4P
   N-Ch 60V Fast Switching MOSFETs
logo
FETek Technology Corp.
FKBA6054 FETEK-FKBA6054 Datasheet
492Kb / 4P
   N-Ch 60V Fast Switching MOSFETs
Ver : A
FKD6066 FETEK-FKD6066 Datasheet
496Kb / 4P
   N-Ch 60V Fast Switching MOSFETs
Ver : A
FKQ6008 FETEK-FKQ6008 Datasheet
557Kb / 4P
   N-Ch 60V Fast Switching MOSFETs
Ver : A
FKR6006 FETEK-FKR6006 Datasheet
496Kb / 4P
   N-Ch 60V Fast Switching MOSFETs
Ver : A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com