Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UFDC-1M-16 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # UFDC-1M-16
Description  High-Speed Universal Frequency-to-Digital Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UFDC-1M-16 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  UFDC-1M-16 Datasheet HTML 1Page - List of Unclassifed Manufacturers UFDC-1M-16 Datasheet HTML 2Page - List of Unclassifed Manufacturers UFDC-1M-16 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
High-Speed Universal
Frequency-to-Digital Converter
UFDC-1M-16
FEATURES
• 16 measuring modes and one generator mode
• 2 channels for frequency and period
measurements
• Provides frequency (time)-to-digital conversion
for many types of sensors and transducers
• Frequency range from 1 Hz up to 7.5 MHz
without prescaling and 120 MHz with
prescaling;
• Programmable accuracy (relative error) for
frequency (period) conversion from 1 % to
0.001%
• Relative quantization error is constant in all
specified frequency range
• Non-redundant conversion time
• Scalable resolution
• Internal reference clock 16 MHz
@ 16 MHz quartz oscillator
• Quartz-accurate automated calibration
• 3-wire serial interface (SPI compatible)
• 2-wire interface (I2C compatible)
• RS232/485 serial interface
• Master and slave communication modes
• Frequency generator mode 8 MHz with quartz
crystal stability
APPLICATIONS
Physical and Chemical Sensor Systems
Digital Sensors, SoC, SiP
Smart and Intelligent Sensors and Systems
Industrial and Process Control
Data Acquisition Systems
Instrumentations
Customer Electronics
Automotive
GENERAL DESCRIPTION
The
Universal
Frequency-to-Digital
Converter
(UFDC-1M-16) is a fully digital CMOS integrated circuit
based on novel patented methods for frequency,
period,
its
ratio,
duty-cycle
and
phase-shift
measurements. The main difference of UFDC-1M-16
from the UFDC-1 is increased in 32 times conversion
speed. By using this IC it is possible to build a wide
variety of digital, smart sensors and intelligent sensor
systems. The device represents a high-resolution
conversion for data acquisition systems designed to
support all range of frequency-time domain and digital
FUNCTIONAL BLOCK DIAGRAM
sensor applications. It offers high performance with
flexibility and requires minimum possible number of
external components.
The UFDC-1M-16 can be easy included into digital
environment, controlled by an external microcontroller
(slave mode) or work independently as a separate
measuring unit without an external control (master
mode). The function selection can be configured in
both software and hardware.
The IC converts frequency-time domain signals into
digital
domain
and
provides
interface
to
microcontroller, DAQ or sensor system to read these
digital results. resolution and programmable accuracy
during the non-redundant conversion time.
The
UFDC-1M-16
has
16
measuring
and
one
generating modes. The measuring mode can be
hardware-selected by using four selection external
pins M0-M2 and the relative error by using four
selection pins N0-N2 (RS232 master communication
mode). The mode and accuracy can be also selected
by using any of three possible interfaces (slave
communication mode). A communication interface type
(RS232, SPI or I
2C) can be automatically selected
according to the circuit connection.
MEASURING MODES
• Frequency, f
x1 1 Hz – 7.5 MHz directly and up to
120 MHz with prescaling
• Period, T
x1 150 ns – 20 s


Similar Part No. - UFDC-1M-16

ManufacturerPart #DatasheetDescription
logo
TECHNOLOGY ASSISTANCE B...
UFDC-1 TAB-UFDC-1 Datasheet
260Kb / 3P
   Universal Frequency-to-Digital Converter
logo
List of Unclassifed Man...
UFDC-1 ETC2-UFDC-1 Datasheet
95Kb / 3P
   Universal Frequency-to-Digital Converter
More results

Similar Description - UFDC-1M-16

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UFDC-1 ETC2-UFDC-1 Datasheet
95Kb / 3P
   Universal Frequency-to-Digital Converter
logo
TECHNOLOGY ASSISTANCE B...
UFDC-1 TAB-UFDC-1 Datasheet
260Kb / 3P
   Universal Frequency-to-Digital Converter
logo
Analog Devices
ADC1102 AD-ADC1102_15 Datasheet
1Mb / 4P
   High Speed Analog to Digital Converter
ADC1109 AD-ADC1109_15 Datasheet
1Mb / 4P
   HIGH SPEED ANALOG TO DIGITAL CONVERTER
logo
NXP Semiconductors
TDA8760 PHILIPS-TDA8760 Datasheet
195Kb / 28P
   10-bit high-speed analog-to-digital converter
1996 Sep 12
TDA8715 PHILIPS-TDA8715 Datasheet
430Kb / 15P
    8 - BIT HIGH SPEED ANALOG - TO - DIGITAL CONVERTER
November 1990
TDA8703 PHILIPS-TDA8703 Datasheet
141Kb / 18P
   8-bit high-speed analog-to-digital converter
1996 Aug 26
TDA8716 PHILIPS-TDA8716 Datasheet
167Kb / 21P
   8-bit high-speed analog-to-digital converter
1996 Aug 26
TDA8752 PHILIPS-TDA8752 Datasheet
151Kb / 36P
   Triple high speed Analog-to-Digital Converter ADC
1999 Mar 09
TDA8752A PHILIPS-TDA8752A Datasheet
209Kb / 36P
   Triple high-speed Analog-to-Digital Converter ADC
1999 Feb 24
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com