Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD233N Datasheet(PDF) 3 Page - International Rectifier

Part # SD233N
Description  FAST RECOVERY DIODES Stud Version
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD233N Datasheet(HTML) 3 Page - International Rectifier

  SD233N Datasheet HTML 1Page - International Rectifier SD233N Datasheet HTML 2Page - International Rectifier SD233N Datasheet HTML 3Page - International Rectifier SD233N Datasheet HTML 4Page - International Rectifier SD233N Datasheet HTML 5Page - International Rectifier SD233N Datasheet HTML 6Page - International Rectifier SD233N Datasheet HTML 7Page - International Rectifier SD233N Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SD233N/R Series
2222222222222
12
Voltage
V
RRM
max. repetitive
V
RSM
, maximum non-
I
RRM
max.
Type number
Code
peak and off-state voltage
repetitive peak voltage
T
J
= 125°C
V
V
mA
30
3000
3100
36
3600
3700
40
4000
4100
45
4500
4600
ELECTRICAL SPECIFICATIONS
Voltage Ratings
SD233N/R
50
I
F(AV)
Max. average forward current
235
A
180° conduction, half sine wave.
@ Case temperature
60
°C
I
F(RMS)
Max. RMS current
370
A
@ 45°C case temperature
I
FSM
Max. peak, one-cycle
5500
t = 10ms
No voltage
non-repetitive forward current
5760
t = 8.3ms
reapplied
4630
t = 10ms
50% V
RRM
4840
t = 8.3ms
reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
151
t = 10ms
No voltage
Initial T
J
= T
J
max.
138
t = 8.3ms
reapplied
107
t = 10ms
50% V
RRM
98
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
1510
KA2
√s t = 0.1 to 10ms, no voltage reapplied
V
F(TO)1
Low level of threshold voltage
1.56
(16.7% x
π x I
F(AV)
< I <
π x I
F(AV)
), T
J
= T
J
max.
V
F(TO)2
High level of threshold voltage
1.68
(I >
π x I
F(AV)
), T
J
= T
J
max.
r
f1
Low level of forward slope resistance
1.64
(16.7% x
π x I
F(AV)
< I <
π x I
F(AV)
), T
J
= T
J
max.
r
f2
High level of forward slope resistance
1.53
(I >
π x I
F(AV)
), T
J
= T
J
max.
V
FM
Max. forward voltage
3.2
V
Ipk= 1000A, T
J
= 125°C, tp = 400 µs square pulse
Parameter
SD233N/R
Units
Conditions
Forward Conduction
KA
2s
A
m
V
Test conditions
Max. values @ T
J
= 125°C
Code
(
µs)
(A)
(A/
µs)
(V)
(
µs)
(
µC)
(A)
Recovery Characteristics
S50
5.0
1000
100
- 50
4.5
680
240
(*) di/dt = 25A/us @ T
J
= 25°C
T
J
= 25 oC
typical t
rr
I
pk
di/dt (*)
V
r
t
rr
Q
rr
I
rr
@ 25% I
RRM
Square Pulse
@ 25% I
RRM
To Order
Next Data Sheet
Index
Previous Datasheet


Similar Part No. - SD233N

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
SD233N7 SHIELD-SD233N7 Datasheet
608Kb / 6P
   Spiderbox짰 and Distribox짰: examples of special configurations for SD and SP series
More results

Similar Description - SD233N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD253N IRF-SD253N Datasheet
139Kb / 7P
   FAST RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
12NSF NAINA-12NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
40-NSFR NAINA-40-NSFR Datasheet
102Kb / 2P
   Fast Recovery Diodes (Stud Version)
logo
International Rectifier
SD103N IRF-SD103N Datasheet
129Kb / 9P
   FAST RECOVERY DIODES Stud Version
SD153N IRF-SD153N Datasheet
463Kb / 8P
   FAST RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
40NSF NAINA-40NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
16NSF NAINA-16NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
70NSF NAINA-70NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
logo
International Rectifier
SD203N IRF-SD203N Datasheet
122Kb / 9P
   FAST RECOVERY DIODES Stud Version
SD453N IRF-SD453N Datasheet
518Kb / 6P
   FAST RECOVERY DIODES Stud Version
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com