Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM572YC15 Datasheet(PDF) 1 Page - Mercury United Electronics Inc

Part # HM572YC15
Description  Ultra Small SMD seam sealed spread spectrum Low EMI clock crystal oscillator units.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERCURY [Mercury United Electronics Inc]
Direct Link  http://www.mercuryunited.com
Logo MERCURY - Mercury United Electronics Inc

HM572YC15 Datasheet(HTML) 1 Page - Mercury United Electronics Inc

  HM572YC15 Datasheet HTML 1Page - Mercury United Electronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
General Specifications
( Unit : mm )
Mercury www .mercury-crystal.com
■Taiwan : (886)-2-2406-2779 / sales-tw@mercury-crystal.com ■U.S.A: (1)-909-466-0427 / sales-us@mercury-crystal.com ■China : (86)-512-5763-8100 / sales-cn@mecxtal.com
Industrial ( -40°C to +85°C )
DE
F
" I20 " ± 20 ppm over -40°C to +85°C
Aging
± 5 ppm per year ( max.) ; T = 25 ℃
Frequency Stability
(1) Codes
Frequency Stability over
± 25 ppm
± 50 ppm ± 100 ppm
If non-standard , please enter the
Operating Temperature Range
desired stability after the " C " or " I "
Commercial ( -10°C to +70°C )
AB
C
For example :
" C20 " ±20 ppm over -10°C to +70°C ;
Cycle - to - cycle Jitter
± 100 ps ( typical ) ; ± 150 ps ( max. )
Start - Up Time (Ts)
2.0 m sec.( typical ) ; 5.0 m sec.( max. )
Storage Temperature
- 65°C to 150°C
Modulation Carrier Frequency ( Dither rate )
12 KHz ( min. ) ; 42 KHz (max.) [ Freq. dependent . ]
Duty Cycle
50% ± 5% [CL=15pF;at 50%VDD ]
Current Consumption
8.0 ~ 50.0 MHz
50.1 ~ 100.0 MHz
100.1 ~ 165.0 MHz
10 mA typ.
18 mA typ.
35 mA typ.
Output Logic Low " 0 "
0.8V (max.) ; 0.2V (typ.) [ at 10% VDD ]
Output Load
15 pF
Rise Time ( Tr ) / Fall Time ( Tf )
4n sec. (max.) [ 10% VDD ↔ 90% VDD ]
Spread Type / Total Spread Percentage
Center Spread / ± 1.5 %
EMI Reduction ( applys to the whole spectrum )
-15 dBc ( min.) [ 100 MHz ]
Output Logic High " 1 "
2.0V (min.) ; 3.2V ( typ.) [ at 90% VDD ]
Frequency Range
8.0 ~ 165.0 MHz
Output Wave Form
CMOS output
Characteristic Group
Mercury Group " Y "
Input Voltage ( VDD)
3.3 V D.C. ± 5 %
Digital copiers; PDAs
Automotive; GPS car navigation systems
Networking; LAN / WAN; Routers
LCD PC monitors / LCD TVs
Storage systems ( CD-ROM, VCD, DVD and HDD )
ADSL; PCMCIA
Scanner; Modems; projectors
Still Digital cameras (SDCs)
General Specifications
Paramenters
Electrical Spec.
Features
Ultra Small SMD seam sealed spread spectrum Low EMI clock crystal oscillator units.
Tri-state function available.
Applications
Printers ; Multiple function printers (MPCs)
Embedded systems; Electrical musical instrument
Spread Spectrum Low EMI Clock Oscillator
HM572 series
Center Spread ± 1.5 %
SMD CMOS output
Y group
7.0 x 5.0 x 1.4 mm


Similar Part No. - HM572YC15

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
HM572YC05 MERCURY-HM572YC05 Datasheet
122Kb / 1P
   Ultra Small SMD seam sealed spread spectrum Low EMI clock crystal oscillator units.
More results

Similar Description - HM572YC15

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
HM572RD05 MERCURY-HM572RD05 Datasheet
121Kb / 1P
   Ultra Small SMD seam sealed spread spectrum Low EMI clock crystal oscillator units.
HM572RD30 MERCURY-HM572RD30 Datasheet
121Kb / 1P
   Ultra Small SMD seam sealed spread spectrum Low EMI clock crystal oscillator units.
HM53RC025 MERCURY-HM53RC025 Datasheet
120Kb / 1P
   Ultra Small SMD seam sealed spread spectrum Low EMI clock crystal oscillator units.
HM53RD30 MERCURY-HM53RD30 Datasheet
120Kb / 1P
   Ultra Small SMD seam sealed spread spectrum Low EMI clock crystal oscillator units.
HM57PD125 MERCURY-HM57PD125 Datasheet
121Kb / 1P
   Ultra Small SMD seam sealed spread spectrum Low EMI clock crystal oscillator units.
HM572RD10 MERCURY-HM572RD10 Datasheet
121Kb / 1P
   Ultra Small SMD seam sealed spread spectrum Low EMI clock crystal oscillator units.
HM572YC05 MERCURY-HM572YC05 Datasheet
122Kb / 1P
   Ultra Small SMD seam sealed spread spectrum Low EMI clock crystal oscillator units.
HM572YD10 MERCURY-HM572YD10 Datasheet
121Kb / 1P
   Ultra Small SMD seam sealed spread spectrum Low EMI clock crystal oscillator units.
HM572YD20 MERCURY-HM572YD20 Datasheet
121Kb / 1P
   Ultra Small SMD seam sealed spread spectrum Low EMI clock crystal oscillator units.
HM572YD30 MERCURY-HM572YD30 Datasheet
121Kb / 1P
   Ultra Small SMD seam sealed spread spectrum Low EMI clock crystal oscillator units.
HM53RD10 MERCURY-HM53RD10 Datasheet
120Kb / 1P
   Ultra Small SMD seam sealed spread spectrum Low EMI clock crystal oscillator units.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com