Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4906-SM Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TGA4906-SM
Description  4 Watt Ka-Band Power Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4906-SM Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TGA4906-SM_15 Datasheet HTML 1Page - TriQuint Semiconductor TGA4906-SM_15 Datasheet HTML 2Page - TriQuint Semiconductor TGA4906-SM_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA4906-SM_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA4906-SM_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA4906-SM_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA4906-SM_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA4906-SM_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA4906-SM_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TGA4906-SM
4 Watt Ka-Band Power Amplifier
Datasheet: Rev H 8-13-14
- 2 of 18 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Recommended Operating Conditions
Parameter
Min Typ
Max Units
Operating Temp. Range
-40
+85
°C
Vd
6
V
Idq
1.6
A
Id_drive (Under RF Drive)
3.0
A
Id_drive (Under RF Drive)
1/
2.0
A
Vg
-0.7
V
Ig
1
mA
Ig_drive
(Under RF drive)
-5
14
mA
Electrical specifications are measured at specified test
conditions. Specifications are not guaranteed over all
recommended operating conditions.
1/ For operation above 30 GHz, stability is degraded for large
signal drain current less than 2.0 A.
Absolute Maximum Ratings
Parameter
Rating
Drain Voltage,Vd
+6.5 V
Gate Voltage,Vg
-5 to 0 V
Drain to Gate Voltage, Vd
– Vg
11 V
Drain Current, Id
3.7 A
Gate Current, Ig
-15 to 94 mA
Power Dissipation, Pdiss
24 W
RF Input Power, CW, T = 25 °C
26 dBm
Channel Temperature, Tch
200 °C
Mounting Temperature (30 sec)
260 °C
Storage Temperature
-40 to 150 °C
Operation of this device outside the parameter ranges
given above may cause permanent damage.
Electrical Specifications
Test conditions unless otherwise noted:
Vd =+6V, Idq = 1.6A, Vg= -0.7V Typical, Temp= +25°C
Z0: 50 Ώ
Parameter
Conditions
Min
Typ
Max
Units
Operational Frequency Range
28
31
GHz
Gain
22
dB
Input Return Loss
12
dB
Output Return Loss
6
dB
Output Power @ Saturation
36
dBm
28 to < 29 GHz
34
dBm
29 to < 30 GHz
35
dBm
30 to < 31 GHz
33
dBm
Output Power @ 1dB Gain Compression
34.5
dBm
Output TOI @ 20 dBm/Tone Pout/tone
38
dBm
Gain Temperature Coefficient
-0.05
dB/°C
Saturated Output Power Temperature
Coefficient
-0.01
dB/°C


Similar Part No. - TGA4906-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4906-SM TRIQUINT-TGA4906-SM Datasheet
503Kb / 13P
   4 Watt Ka-Band Packaged HPA
More results

Similar Description - TGA4906-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4905-CP TRIQUINT-TGA4905-CP Datasheet
113Kb / 9P
   4 Watt Ka Band Packaged Amplifier
TGA4905-CP TRIQUINT-TGA4905-CP_15 Datasheet
407Kb / 10P
   4 Watt Ka Band Packaged Amplifier
TGA1055 TRIQUINT-TGA1055 Datasheet
482Kb / 3P
   Ka Band 2 Watt Power Amplifier
TGA2575-TS TRIQUINT-TGA2575-TS_15 Datasheet
596Kb / 12P
   Ka-Band 3 Watt Power Amplifier
TGA4539-SM TRIQUINT-TGA4539-SM_15 Datasheet
901Kb / 14P
   Ka Band 1 Watt Power Amplifier
logo
Qorvo, Inc
TGA2575 QORVO-TGA2575 Datasheet
551Kb / 11P
   Ka-Band 3 Watt Power Amplifier
logo
TriQuint Semiconductor
TGA4539-SM TRIQUINT-TGA4539-SM Datasheet
1Mb / 14P
   Ka-Band 1 Watt Power Amplifier
TGA2575 TRIQUINT-TGA2575_15 Datasheet
504Kb / 11P
   Ka-Band 3 Watt Power Amplifier
TGA4514 TRIQUINT-TGA4514_15 Datasheet
480Kb / 13P
   2 Watt Ka-Band Power Amplifier
TGA4906 TRIQUINT-TGA4906_15 Datasheet
217Kb / 13P
   4 Watt Ka-Band HPA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com