Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4943-SL Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TGA4943-SL
Description  40 & 100 Gb/s 8Vpp Optical Modulator Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4943-SL Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TGA4943-SL Datasheet HTML 1Page - TriQuint Semiconductor TGA4943-SL Datasheet HTML 2Page - TriQuint Semiconductor TGA4943-SL Datasheet HTML 3Page - TriQuint Semiconductor TGA4943-SL Datasheet HTML 4Page - TriQuint Semiconductor TGA4943-SL Datasheet HTML 5Page - TriQuint Semiconductor TGA4943-SL Datasheet HTML 6Page - TriQuint Semiconductor TGA4943-SL Datasheet HTML 7Page - TriQuint Semiconductor TGA4943-SL Datasheet HTML 8Page - TriQuint Semiconductor TGA4943-SL Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TGA4943-SL
Table II
Recommended Operating Conditions
21.5 Gbps Operation Vin = 500 mVpp
Output
Voltage
(Vpp)
Drain
Voltage:
Vd1,
Vd2, Vd3
(V)
Quiescent
Drain
Current:
Idq1, Idq2,
Idq3 (mA)
Under RF
Drive
Drain
Current:
Id1+ Id2 +
Id3
(mA)
Control
Voltage:
Vc1, Vc2,
Vc3 (V)
Gate Voltage:
Vg1, Vg2, Vg3
(V)*
Pdiss
(W)
3.6
5
40, 30, 84
44, 72, 91
0.7, 0.7, -0.23
-0.56, -1.89, -1.34
0.96
4
5
40, 30, 100
44, 72, 101
0.7, 0.7, -0.01
-0.56, -1.89, -1.25
1.00
5
5
40, 30, 133
44, 72, 125
0.7, 0.7, 0.23
-0.56, -1.89, -1.09
1.09
6
5
40, 30, 160
44, 72, 149
0.7, 0.7, 0.42
-0.56, -1.89, -0.97
1.18
4
6
51, 51, 63
53, 90, 101
0.7, 0.7, -0.06
-0.51, -1.68, -1.53
1.32
3
May 2011 © Rev E
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 info-networks@tqs.com
4
6
51, 51, 63
53, 90, 101
0.7, 0.7, -0.06
-0.51, -1.68, -1.53
1.32
5
6
51, 51, 100
53, 90,125
0.7, 0.7, 0.14
-0.51, -1.68, -1.30
1.42
6
6
51, 51, 135
53, 90,149
0.7, 0.7, 0.36
-0.51, -1.68, -1.11
1.51
7
6
51, 51, 167
53, 90,175
0.7, 0.7, 0.59
-0.51, -1.68, -0.95
1.59
8
6
51, 51, 201
53, 90, 201
0.7, 0.7, 0.86
-0.51, -1.68, -0.78
1.66
6
7
62, 50, 98
64, 101, 150
0.7, 0.7, 0.24
-0.47, -1.74, -1.34
2.03
7
7
62, 50, 144
64, 101, 161
0.7, 0.7, 0.45
-0.47, -1.74, -1.09
2.16
8
7
62, 50, 179
64, 101, 202
0.7, 0.7, 0.66
-0.47, -1.74, -0.92
2.28
9
7
62, 50, 223
64, 101, 227
0.7, 0.7, 0.91
-0.47, -1.74, -0.69
2.4
* Gate and control voltages should be adjusted to reach target drain currents and optimal
eye performance and may vary from above voltages.


Similar Part No. - TGA4943-SL

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4943-SL TRIQUINT-TGA4943-SL Datasheet
1Mb / 14P
   28 Gb/s 8Vpp Optical Modulator Driver
logo
Qorvo, Inc
TGA4943-SL QORVO-TGA4943-SL Datasheet
1Mb / 15P
   40 & 100 Gb/s 8Vpp Optical Modulator Driver
More results

Similar Description - TGA4943-SL

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA4943-SL QORVO-TGA4943-SL Datasheet
1Mb / 15P
   40 & 100 Gb/s 8Vpp Optical Modulator Driver
logo
TriQuint Semiconductor
TGA4943-MOD TRIQUINT-TGA4943-MOD_15 Datasheet
380Kb / 9P
   40 and 100 Gb/s 8Vpp Optical Modulator Driver Module
TGA4943-SL TRIQUINT-TGA4943-SL Datasheet
1Mb / 14P
   28 Gb/s 8Vpp Optical Modulator Driver
TGA4954-SL TRIQUINT-TGA4954-SL Datasheet
1Mb / 14P
   9.9 - 12.5 Gb/s Optical Modulator Driver
TGA4954-SL TRIQUINT-TGA4954-SL_15 Datasheet
2Mb / 15P
   9.9 - 12.5 Gb/s Optical Modulator Driver
TGA4823-SM TRIQUINT-TGA4823-SM Datasheet
972Kb / 16P
   9.9 - 12.5 Gb/s Linear/Limiting Optical Modulator Driver
TGA4823-2-SM TRIQUINT-TGA4823-2-SM Datasheet
1Mb / 16P
   9.9 -12.5 Gb/s Linear/Limiting Optical Modulator Driver
TGA4823-2-SM TRIQUINT-TGA4823-2-SM_15 Datasheet
1Mb / 16P
   9.9 to 12.5 Gb/s Linear/Limiting Optical Modulator Driver
logo
Qorvo, Inc
TGA4957-SM QORVO-TGA4957-SM Datasheet
299Kb / 1P
   28 Gb/s Differential Modulator Driver
logo
Vitesse Semiconductor C...
VSC7983 VITESSE-VSC7983 Datasheet
1Mb / 2P
   11.2 Gb/s Electroabsorption Modulator Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com