Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4943-SL Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TGA4943-SL
Description  40 & 100 Gb/s 8Vpp Optical Modulator Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4943-SL Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TGA4943-SL Datasheet HTML 1Page - TriQuint Semiconductor TGA4943-SL Datasheet HTML 2Page - TriQuint Semiconductor TGA4943-SL Datasheet HTML 3Page - TriQuint Semiconductor TGA4943-SL Datasheet HTML 4Page - TriQuint Semiconductor TGA4943-SL Datasheet HTML 5Page - TriQuint Semiconductor TGA4943-SL Datasheet HTML 6Page - TriQuint Semiconductor TGA4943-SL Datasheet HTML 7Page - TriQuint Semiconductor TGA4943-SL Datasheet HTML 8Page - TriQuint Semiconductor TGA4943-SL Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TGA4943-SL
Table I
Absolute Maximum Ratings 1/
Symbol
Parameter
Value
Notes
Vd1, Vd2, Vd3
Drain Voltage
9 V
2/ 3/ 4/ 5/
Vd1-Vg1, Vd2-Vg2,
Vd3-Vg3
Drain to Gate Voltage
10 V, 13 V, 13 V
2/ 3/ 4/ 5/
Vg1, Vg2, Vg3
Gate Voltage Range
-5 to 0 V
Vc1, Vc2, Vc3
Control Voltage Range
(Vd-7) to +5.5 V
3/ 4/ 5/
Id1, Id2
Drain Current
80, 135 mA
2/
Id3
Drain Current
270 mA
2/
Ig1, Ig2, Ig3
Gate Current Range
-15 to 21 mA,
-30 to 21 mA,
-30 to 21 mA
5/
Ic1, Ic2, Ic3
Control Current Range
-15 to 21 mA
5/
Vin_pp
Peak-Peak Input Voltage
7 V
2
May 2011 © Rev E
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 info-networks@tqs.com
Vin_pp
Peak-Peak Input Voltage
7 V
Pin
Input Continuous Wave Power
24 dBm
2/
Pd
Max Power Dissipation
3.05 W
6/
Tch
Maximum Channel Temperature
200 °C
1/
These ratings represent the maximum operable values for this device. Stresses beyond those listed
under “Absolute Maximum Ratings” may cause permanent damage to the device and / or affect
device lifetime. These are stress ratings only, and functional operation of the device at these
conditions is not implied.
2/
Combinations of supply voltage, supply current, input power, and output power shall not exceed the
maximum power dissipation listed in Table IV.
3/
Assure Vd1 – (Vc1-Vg1) – Id1*50 ≤ 6.5 V,
Assure Vd2 – (Vc2-0.34*Vg2) – Id2*50 ≤ 6.5 V,
Assure Vd3 – (Vc3-0.34*Vg3) ≤ 6.5 V,
4/
Assure (Vd1-Id1*50) –Vc1 >= -0.5,
Assure (Vd2-Id2*50) –Vc2 >= -0.5,
Assure Vd3 – Vc3 >= -0.5.
5/
HOT PLUGGABLE: Comply with voltage and currents outlined in Max Ratings Table.
6/
Maximum Power Dissipation is based upon Baseplate temperature of 80 °C and Channel
Temperature of 200 °C, using the thermal resistance published in Table IV.


Similar Part No. - TGA4943-SL

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4943-SL TRIQUINT-TGA4943-SL Datasheet
1Mb / 14P
   28 Gb/s 8Vpp Optical Modulator Driver
logo
Qorvo, Inc
TGA4943-SL QORVO-TGA4943-SL Datasheet
1Mb / 15P
   40 & 100 Gb/s 8Vpp Optical Modulator Driver
More results

Similar Description - TGA4943-SL

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA4943-SL QORVO-TGA4943-SL Datasheet
1Mb / 15P
   40 & 100 Gb/s 8Vpp Optical Modulator Driver
logo
TriQuint Semiconductor
TGA4943-MOD TRIQUINT-TGA4943-MOD_15 Datasheet
380Kb / 9P
   40 and 100 Gb/s 8Vpp Optical Modulator Driver Module
TGA4943-SL TRIQUINT-TGA4943-SL Datasheet
1Mb / 14P
   28 Gb/s 8Vpp Optical Modulator Driver
TGA4954-SL TRIQUINT-TGA4954-SL Datasheet
1Mb / 14P
   9.9 - 12.5 Gb/s Optical Modulator Driver
TGA4954-SL TRIQUINT-TGA4954-SL_15 Datasheet
2Mb / 15P
   9.9 - 12.5 Gb/s Optical Modulator Driver
TGA4823-SM TRIQUINT-TGA4823-SM Datasheet
972Kb / 16P
   9.9 - 12.5 Gb/s Linear/Limiting Optical Modulator Driver
TGA4823-2-SM TRIQUINT-TGA4823-2-SM Datasheet
1Mb / 16P
   9.9 -12.5 Gb/s Linear/Limiting Optical Modulator Driver
TGA4823-2-SM TRIQUINT-TGA4823-2-SM_15 Datasheet
1Mb / 16P
   9.9 to 12.5 Gb/s Linear/Limiting Optical Modulator Driver
logo
Qorvo, Inc
TGA4957-SM QORVO-TGA4957-SM Datasheet
299Kb / 1P
   28 Gb/s Differential Modulator Driver
logo
Vitesse Semiconductor C...
VSC7983 VITESSE-VSC7983 Datasheet
1Mb / 2P
   11.2 Gb/s Electroabsorption Modulator Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com