Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA8014-SCC Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # TGA8014-SCC
Description  6 - 18 GHz Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA8014-SCC Datasheet(HTML) 4 Page - TriQuint Semiconductor

  TGA8014-SCC_15 Datasheet HTML 1Page - TriQuint Semiconductor TGA8014-SCC_15 Datasheet HTML 2Page - TriQuint Semiconductor TGA8014-SCC_15 Datasheet HTML 3Page - TriQuint Semiconductor TGA8014-SCC_15 Datasheet HTML 4Page - TriQuint Semiconductor TGA8014-SCC_15 Datasheet HTML 5Page - TriQuint Semiconductor TGA8014-SCC_15 Datasheet HTML 6Page - TriQuint Semiconductor TGA8014-SCC_15 Datasheet HTML 7Page - TriQuint Semiconductor TGA8014-SCC_15 Datasheet HTML 8Page - TriQuint Semiconductor TGA8014-SCC_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TriQuint Semiconductor Texas Phone: (972)994 8465
Fax: (972)994 8504 Web: www.triquint.com
Product Data Sheet
January 18, 2002
4
TABLE II
DC PROBE TESTS (100%)
(TA = 25
°C + 5 °C)
NOTES
SYMBOL
TEST CONDITIONS 3/
LIMITS
UNITS
MIN
MAX
5/
IDSS1
STD
228
356
mA
5/
IDSS2
STD
305
475
mA
3/,5/
Gm1
STD
119
182
mS
3/,5/
Gm2
STD
159
243
mS
1/, 3/,5/
|VP1|STD
2.2
3.8
V
1/, 3/,5/
|VP2|STD
2.2
3.8
V
1/,5/
|VBVGD1|STD
8
30
V
1/,5/
|VBVGD2|STD
8
30
V
1/,5/
|VBVGS1|STD
8
30
V
1/,5/
|VBVGS2|STD
8
30
V
1/
VP, VBVGD, and VBVGS are negative.
2/
Intermediate high current FET family is standard product since August 1, 1990.
3/
VDSS = VDS @ IDSS.
4/
The measurement conditions are subject to change at the manufacture’s
discretion (with appropriate notification to the buyer).
5/
STD refers to Standard Test Conditions, see Table IV.
TGA8014-SCC


Similar Part No. - TGA8014-SCC_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA8014-SCC TRIQUINT-TGA8014-SCC Datasheet
532Kb / 6P
   6 - 18 GHz Power Amplifier
More results

Similar Description - TGA8014-SCC_15

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CPA-18-6037 TELEDYNE-CPA-18-6037 Datasheet
877Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
CPA-18-6027 TELEDYNE-CPA-18-6027 Datasheet
876Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
CPA-18-6038 TELEDYNE-CPA-18-6038 Datasheet
877Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
CPA-18-6026 TELEDYNE-CPA-18-6026 Datasheet
876Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
CPA-18-6036 TELEDYNE-CPA-18-6036 Datasheet
876Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
CPA-18-6025 TELEDYNE-CPA-18-6025 Datasheet
876Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
CPA-18-6028 TELEDYNE-CPA-18-6028 Datasheet
876Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
CPA-18-6035 TELEDYNE-CPA-18-6035 Datasheet
876Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
TPA-18-6035 TELEDYNE-TPA-18-6035 Datasheet
871Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
logo
TriQuint Semiconductor
TGA8014 TRIQUINT-TGA8014 Datasheet
532Kb / 6P
   6 - 18 GHz Power Amplifier
logo
Broadcom Corporation.
AMMC-6420 BOARDCOM-AMMC-6420 Datasheet
394Kb / 8P
   6 - 18 GHz Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com