Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA8334-SCC Datasheet(PDF) 10 Page - TriQuint Semiconductor

Part # TGA8334-SCC
Description  2 - 20 GHz Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA8334-SCC Datasheet(HTML) 10 Page - TriQuint Semiconductor

Back Button TGA8334-SCC Datasheet HTML 4Page - TriQuint Semiconductor TGA8334-SCC Datasheet HTML 5Page - TriQuint Semiconductor TGA8334-SCC Datasheet HTML 6Page - TriQuint Semiconductor TGA8334-SCC Datasheet HTML 7Page - TriQuint Semiconductor TGA8334-SCC Datasheet HTML 8Page - TriQuint Semiconductor TGA8334-SCC Datasheet HTML 9Page - TriQuint Semiconductor TGA8334-SCC Datasheet HTML 10Page - TriQuint Semiconductor TGA8334-SCC Datasheet HTML 11Page - TriQuint Semiconductor TGA8334-SCC Datasheet HTML 12Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TriQuint Semiconductor Texas Phone: (972)994 8465 Fax: (972)994 8504 Web: www.triquint.com
Product Data Sheet
April 25, 2003
10
GaAs MMIC devices are susceptible to damage from Electrostatic Discharge. Proper precautions should be observed
during handling, assembly and test.
MECHANICAL
DRAWING
TGA8334-SCC


Similar Part No. - TGA8334-SCC

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA8334-SCC TRIQUINT-TGA8334-SCC Datasheet
580Kb / 7P
   2 - 20 GHz Power Amplifier
More results

Similar Description - TGA8334-SCC

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA8334 TRIQUINT-TGA8334 Datasheet
580Kb / 7P
   2 - 20 GHz Power Amplifier
logo
Teledyne Technologies I...
TGM-20-2002 TELEDYNE-TGM-20-2002 Datasheet
895Kb / 2P
   Module Amplifier 2 GHz - 20 GHz
TGM-20-2001 TELEDYNE-TGM-20-2001 Datasheet
907Kb / 2P
   Module Amplifier 2 GHz - 20 GHz
TGM-20-2004 TELEDYNE-TGM-20-2004 Datasheet
907Kb / 2P
   Module Amplifier 2 GHz - 20 GHz
TGM-20-2003 TELEDYNE-TGM-20-2003 Datasheet
895Kb / 2P
   Module Amplifier 2 GHz - 20 GHz
logo
Hittite Microwave Corpo...
HMC-C003 HITTITE-HMC-C003 Datasheet
500Kb / 4P
   WIDEBAND POWER AMPLIFIER MODULE, 2 - 20 GHz
HMC-C023 HITTITE-HMC-C023 Datasheet
447Kb / 6P
   WIDEBAND POWER AMPLIFIER MODULE, 2 - 20 GHz
logo
Qorvo, Inc
CMD295 QORVO-CMD295 Datasheet
265Kb / 13P
   2-20 GHz Driver Amplifier
CMD295C4 QORVO-CMD295C4_V01 Datasheet
401Kb / 14P
   2-20 GHz Driver Amplifier
August 23, 2021
logo
Custom MMIC Design Serv...
CMD295C4 MMIC-CMD295C4 Datasheet
301Kb / 13P
   2-20 GHz Driver Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com