Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA9088A-SCC Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # TGA9088A-SCC
Description  17-21 GHz Medium Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA9088A-SCC Datasheet(HTML) 5 Page - TriQuint Semiconductor

  TGA9088A-SCC Datasheet HTML 1Page - TriQuint Semiconductor TGA9088A-SCC Datasheet HTML 2Page - TriQuint Semiconductor TGA9088A-SCC Datasheet HTML 3Page - TriQuint Semiconductor TGA9088A-SCC Datasheet HTML 4Page - TriQuint Semiconductor TGA9088A-SCC Datasheet HTML 5Page - TriQuint Semiconductor TGA9088A-SCC Datasheet HTML 6Page - TriQuint Semiconductor TGA9088A-SCC Datasheet HTML 7Page - TriQuint Semiconductor TGA9088A-SCC Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TriQuint Semiconductor Texas : Phone (972)994 8465
Fax (972)994 8504 Web: www.triquint.com
Product Data Sheet
September 26, 2002
5
TGA9088A-SCC
-40
-35
-30
-25
-20
-15
-10
-5
0
17
18
19
20
21
Frequency (GHz)
5th
10th
20th
30th
40th
50th
60th
70th
80th
90th
95th
Typical On-Wafer Electrical Characteristics
7V, 66mA Self Bias
-40
-35
-30
-25
-20
-15
-10
-5
0
17
18
19
20
21
Frequency (GHz)
5th
10th
20th
30th
40th
50th
60th
70th
80th
90th
95th


Similar Part No. - TGA9088A-SCC

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA9088A-SCC TRIQUINT-TGA9088A-SCC Datasheet
165Kb / 8P
   17-21 GHz Medium Power Amplifier
More results

Similar Description - TGA9088A-SCC

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA9088A-SCC TRIQUINT-TGA9088A-SCC Datasheet
165Kb / 8P
   17-21 GHz Medium Power Amplifier
TGA9088A TRIQUINT-TGA9088A Datasheet
461Kb / 4P
   17-21 GHz Intermediate Power Amplifier
logo
Analog Devices
ADH499S AD-ADH499S Datasheet
209Kb / 7P
   21 - 32 GHz Medium Power Amplifier
Rev. A
logo
TriQuint Semiconductor
TGA2565-SM TRIQUINT-TGA2565-SM_15 Datasheet
621Kb / 13P
   11 17 GHz Medium Power Amplifier
logo
Qorvo, Inc
TGA2565-SM QORVO-TGA2565-SM Datasheet
676Kb / 13P
   11-17 GHz Medium Power Amplifier
logo
Hittite Microwave Corpo...
HMC499LC4 HITTITE-HMC499LC4_09 Datasheet
244Kb / 6P
   SMT PHEMT MEDIUM POWER AMPLIFIER, 21 - 32 GHz
logo
Alpha Industries
AA022P2-00 ALPHA-AA022P2-00 Datasheet
126Kb / 2P
   21-23 GHz GaAs MMIC Medium Power Amplifier
logo
Hittite Microwave Corpo...
HMC499LC4 HITTITE-HMC499LC4 Datasheet
348Kb / 6P
   SMT PHEMT MEDIUM POWER AMPLIFIER, 21 - 32 GHz
HMC498LC4 HITTITE-HMC498LC4_09 Datasheet
231Kb / 6P
   GaAs PHEMT MEDIUM POWER AMPLIFIER, 17 - 24 GHz
HMC498LC4 HITTITE-HMC498LC4 Datasheet
333Kb / 6P
   GaAs PHEMT MEDIUM POWER AMPLIFIER, 17 - 24 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com