Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA9092-SCC Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # TGA9092-SCC
Description  6 - 18 GHz High Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA9092-SCC Datasheet(HTML) 7 Page - TriQuint Semiconductor

Back Button TGA9092-SCC Datasheet HTML 2Page - TriQuint Semiconductor TGA9092-SCC Datasheet HTML 3Page - TriQuint Semiconductor TGA9092-SCC Datasheet HTML 4Page - TriQuint Semiconductor TGA9092-SCC Datasheet HTML 5Page - TriQuint Semiconductor TGA9092-SCC Datasheet HTML 6Page - TriQuint Semiconductor TGA9092-SCC Datasheet HTML 7Page - TriQuint Semiconductor TGA9092-SCC Datasheet HTML 8Page - TriQuint Semiconductor TGA9092-SCC Datasheet HTML 9Page - TriQuint Semiconductor TGA9092-SCC Datasheet HTML 10Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
TriQuint Semiconductor Texas: Phone (972)994 8465
Fax (972)994 8504 Web: www.triquint.com/mmw
Product Data Sheet
January 10, 2005
TGA9092-SCC
15
16
17
18
19
20
21
22
23
24
25
26
27
6
7
8
9
10
11
1213
141516
1718
Frequency (GHz)
Data Based on the 50th Percentile On-Wafer RF
Probe Test Results, Sample Size = 3370 Devices
Bias Conditions: Vd = 8 V, Id = 1.2 A


Similar Part No. - TGA9092-SCC

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA9092-SCC TRIQUINT-TGA9092-SCC Datasheet
291Kb / 10P
   6 - 18 GHz High Power Amplifier
More results

Similar Description - TGA9092-SCC

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA6517 UMS-CHA6517 Datasheet
432Kb / 10P
   6 - 18 GHz High Power Amplifier
logo
TriQuint Semiconductor
TGA9092 TRIQUINT-TGA9092 Datasheet
492Kb / 4P
   6 - 18 GHz High Power Amplifier
TGA9092-SCC TRIQUINT-TGA9092-SCC Datasheet
291Kb / 10P
   6 - 18 GHz High Power Amplifier
logo
Teledyne Technologies I...
CPA-18-6037 TELEDYNE-CPA-18-6037 Datasheet
877Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
CPA-18-6027 TELEDYNE-CPA-18-6027 Datasheet
876Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
CPA-18-6038 TELEDYNE-CPA-18-6038 Datasheet
877Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
CPA-18-6026 TELEDYNE-CPA-18-6026 Datasheet
876Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
CPA-18-6036 TELEDYNE-CPA-18-6036 Datasheet
876Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
CPA-18-6025 TELEDYNE-CPA-18-6025 Datasheet
876Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
CPA-18-6028 TELEDYNE-CPA-18-6028 Datasheet
876Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com