Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD300N20PC Datasheet(PDF) 4 Page - International Rectifier

Part # SD300N20PC
Description  STANDARD RECOVERY DIODES Stud Version
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD300N20PC Datasheet(HTML) 4 Page - International Rectifier

  SD300N20PC Datasheet HTML 1Page - International Rectifier SD300N20PC Datasheet HTML 2Page - International Rectifier SD300N20PC Datasheet HTML 3Page - International Rectifier SD300N20PC Datasheet HTML 4Page - International Rectifier SD300N20PC Datasheet HTML 5Page - International Rectifier SD300N20PC Datasheet HTML 6Page - International Rectifier SD300N20PC Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SD300N/R Series
4
www.irf.com
Bulletin I2081 rev. C 03/03
Outline Table
Conform to JEDEC DO-205AB (DO-9)
All dimensions in millimeters (inches)
CERAMIC HOUSING
MAX.
19 (0.75)
DIA. 8.5 (0.33) NOM.
DIA. 27.5 (1.08) MAX.
SW 32
3/4"-16UNF-2A*
C.S. 35mm
4 (0.16) MAX.
2
(0.054 s.i.)
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
80
90
100
110
120
130
140
150
160
170
180
0
50
100 150 200 250 300 350 400
30°
60°
90°
120°
180°
Average Forward Current (A)
Cond uction Angle
R
(DC) = 0.11 K/ W
thJC
SD300N/ RSeries (1600V to 2000V)
80
90
100
110
120
130
140
150
160
170
180
0
100
200
300
400
500
600
700
30°
60°
90°
180°
DC
120°
Average Forward Current (A)
Cond uc tion Period
R
(DC) = 0.11 K/ W
thJC
SD300N/ RSeries (1600V to 2000V)
* FOR METRIC DEVICE: M16 X 1.5
CONTACT FACTORY


Similar Part No. - SD300N20PC

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
SD300N20PC NJSEMI-SD300N20PC Datasheet
149Kb / 1P
   Standard Recovery
More results

Similar Description - SD300N20PC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD600N IRF-SD600N Datasheet
264Kb / 8P
   STANDARD RECOVERY DIODES Stud Version
SD150N IRF-SD150N Datasheet
211Kb / 7P
   STANDARD RECOVERY DIODES Stud Version
70300U IRF-70300U Datasheet
210Kb / 7P
   STANDARD RECOVERY DIODES Stud Version
SD500N IRF-SD500N Datasheet
191Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
200HF IRF-200HF Datasheet
180Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
130HF IRF-130HF Datasheet
309Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
25NS NAINA-25NS Datasheet
109Kb / 2P
   Standard Recovery Diodes (Stud Version)
16NS NAINA-16NS Datasheet
114Kb / 2P
   Standard Recovery Diodes (Stud Version)
55NS NAINA-55NS Datasheet
113Kb / 2P
   Standard Recovery Diodes (Stud Version)
12NS NAINA-12NS_1 Datasheet
117Kb / 2P
   Standard Recovery Diodes (Stud Version)
16NS NAINA-16NS_11 Datasheet
115Kb / 2P
   Standard Recovery Diodes (Stud Version)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com