Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGC2510-SM Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # TGC2510-SM
Description  Ku-Band Upconverter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGC2510-SM Datasheet(HTML) 7 Page - TriQuint Semiconductor

Back Button TGC2510-SM Datasheet HTML 3Page - TriQuint Semiconductor TGC2510-SM Datasheet HTML 4Page - TriQuint Semiconductor TGC2510-SM Datasheet HTML 5Page - TriQuint Semiconductor TGC2510-SM Datasheet HTML 6Page - TriQuint Semiconductor TGC2510-SM Datasheet HTML 7Page - TriQuint Semiconductor TGC2510-SM Datasheet HTML 8Page - TriQuint Semiconductor TGC2510-SM Datasheet HTML 9Page - TriQuint Semiconductor TGC2510-SM Datasheet HTML 10Page - TriQuint Semiconductor TGC2510-SM Datasheet HTML 11Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
TGC2510-SM
Ku-Band Upconverter
Data Sheet: Rev E 8-13-14
- 7 of 23 -
Disclaimer: Subject to change without notice
© 2014 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Typical Performance
IF Input Power = -10 dBm, VDLO = 5 V, IDLO = 60 mA, VDRF = 5 V, IDRF = 240 mA, VGX = -1.2 V, VREF = 2 V.
Data taken with external IF hybrid and LO nulling applied
0
5
10
15
20
25
30
35
40
10
11
12
13
14
15
16
RF Frequency (GHz)
OIP3 vs. RF Output and IF Input
Vcontrol = 0 V, LO = 0 dBm, USB, 25 °C
1.0 GHz
2.0 GHz
3.0 GHz
3.5 GHz
0
5
10
15
20
25
30
35
40
10
11
12
13
14
15
16
RF Frequency (GHz)
OIP3 vs. RF Output and IF Input
Vcontrol = 0 V, LO = 6 dBm, USB, 25 °C
1.0 GHz
2.0 GHz
3.0 GHz
3.5 GHz
0
5
10
15
20
25
0
0.5
1
1.5
2
2.5
3
3.5
4
IF Frequency (GHz)
Conversion Gain vs. IF vs. RF
Vcontrol = 0 V, LO = 6 dBm, LSB, 25 °C
10 GHz
13 GHz
16 GHz
0
5
10
15
20
25
0
0.5
1
1.5
2
2.5
3
3.5
4
IF Frequency (GHz)
Conversion Gain vs. IF vs. RF
Vcontrol = 0 V, LO = 6 dBm, USB, 25 °C
10 GHz
13 GHz
16 GHz
0
5
10
15
20
25
30
35
40
10
11
12
13
14
15
16
RF Frequency (GHz)
OIP3 vs. RF Output and IF Input
Vcontrol = 0 V, LO = 0 dBm, LSB, 25 °C
1.0 GHz
2.0 GHz
3.0 GHz
3.5 GHz
0
5
10
15
20
25
30
35
40
10
11
12
13
14
15
16
RF Frequency (GHz)
OIP3 vs. RF Output and IF Input
Vcontrol = 0 V, LO = 6 dBm, LSB, 25 °C
1.0 GHz
2.0 GHz
3.0 GHz
3.5 GHz


Similar Part No. - TGC2510-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGC2510-SM TRIQUINT-TGC2510-SM Datasheet
1Mb / 22P
   Ku-Band Upconverter
logo
Qorvo, Inc
TGC2510-SM QORVO-TGC2510-SM Datasheet
1,014Kb / 23P
   Ku - Band Upconverter
TGC2510-SMEVBLH QORVO-TGC2510-SMEVBLH Datasheet
1,014Kb / 23P
   Ku - Band Upconverter
TGC2510-SMEVBLL QORVO-TGC2510-SMEVBLL Datasheet
1,014Kb / 23P
   Ku - Band Upconverter
TGC2510-SMEVBUH QORVO-TGC2510-SMEVBUH Datasheet
1,014Kb / 23P
   Ku - Band Upconverter
More results

Similar Description - TGC2510-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGC2510-SM TRIQUINT-TGC2510-SM Datasheet
1Mb / 22P
   Ku-Band Upconverter
logo
Qorvo, Inc
TGC2510-SM QORVO-TGC2510-SM Datasheet
1,014Kb / 23P
   Ku - Band Upconverter
logo
Analog Devices
ADMV4630 AD-ADMV4630 Datasheet
2Mb / 40P
   14.0 GHz to 14.5 GHz, SATCOM, Ku Band Upconverter
Rev. A
logo
TriQuint Semiconductor
TGC4510-SM TRIQUINT-TGC4510-SM_15 Datasheet
1Mb / 28P
   K Band Upconverter
logo
Qorvo, Inc
TGC4510-SM QORVO-TGC4510-SM Datasheet
1Mb / 25P
   K - Band Upconverter
logo
Motorola, Inc
MRFIC1884 MOTOROLA-MRFIC1884 Datasheet
52Kb / 4P
   Dual-Band CDMA Upconverter
logo
Analog Devices
HMC7053 AD-HMC7053 Datasheet
313Kb / 8P
   Ka-Band Block Upconverter
logo
TriQuint Semiconductor
TGA2533-SM TRIQUINT-TGA2533-SM_15 Datasheet
878Kb / 13P
   Ku-Band Power Amplifier
logo
Communications & Power ...
VDU1587 CPI-VDU1587 Datasheet
316Kb / 1P
   Ku-Band Monopulse Set
logo
TriQuint Semiconductor
TGA2527-SM TRIQUINT-TGA2527-SM Datasheet
563Kb / 13P
   Ku-Band Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com