Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAF2027(L) Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HAF2027(L)
Description  Silicon N Channel Power MOS FET Power Switching
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAF2027(L) Datasheet(HTML) 5 Page - Renesas Technology Corp

  HAF2027(L)_15 Datasheet HTML 1Page - Renesas Technology Corp HAF2027(L)_15 Datasheet HTML 2Page - Renesas Technology Corp HAF2027(L)_15 Datasheet HTML 3Page - Renesas Technology Corp HAF2027(L)_15 Datasheet HTML 4Page - Renesas Technology Corp HAF2027(L)_15 Datasheet HTML 5Page - Renesas Technology Corp HAF2027(L)_15 Datasheet HTML 6Page - Renesas Technology Corp HAF2027(L)_15 Datasheet HTML 7Page - Renesas Technology Corp HAF2027(L)_15 Datasheet HTML 8Page - Renesas Technology Corp HAF2027(L)_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
HAF2027(L), HAF2027(S)
REJ03G1674-0100
Rev.1.00
May 21, 2008
Page 3 of 8
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
ID1
80
A
VGS = 6 V, VDS = 10 V
Note3
ID2
15
A
VGS = 3.5 V, VDS = 10 V
Note3
Drain current
ID3
10
mA
VGS = 1.2 V, VDS = 10 V
Note3
Drain to source breakdown
voltage
V(BR)DSS
60
V
ID = 10 mA, VGS = 0
V(BR)GSS
16
V
IG = 300
µA, VDS = 0
Gate to source breakdown
voltage
V(BR)GSS
–2.5
V
IG = –100
µA, VDS = 0
IGSS1
100
µA
VGS = 6 V, VDS = 0
IGSS2
50
µA
VGS = 3.5 V, VDS = 0
IGSS3
1
µA
VGS = 1.2 V, VDS = 0
Gate to source leak current
IGSS4
–100
µA
VGS = –2.4 V, VDS = 0
IGS(OP)1
0.6
mA
VGS = 6 V, VDS = 0
Input current (shut down)
IGS(OP)2
0.35
mA
VGS = 3.5 V, VDS = 0
Zero gate voltage drain
current
IDSS
10
µA
VDS = 60 V, VGS = 0
Gate to source cut off voltage
VGS(off)
1.0
2.25
V
VDS = 10 V, ID = 1 mA
Forward transfer admittance
|yfs|
15
65
S
ID = 25 A, VDS = 10 V
Note3
RDS(on)
7.7
10
m
ID = 25 A, VGS = 10 V
Note3
Static drain to source on state
resistance
RDS(on)
10.3
15
m
ID = 25 A, VGS = 4 V
Note3
Output capacitance
Coss
1423
pF
VDS = 10 V, VGS = 0, f = 1MHz
Turn-on delay time
td(on)
10
µs
Rise time
tr
48
µs
Turn off delay time
td(off)
22
µs
Fall time
tf
23
µs
VGS = 10 V, ID= 25 A, RL = 1.2
Body-drain diode forward
voltage
VDF
0.9
V
IF = 50 A, VGS = 0
Body-drain diode reverse
recovery time
trr
102
ns
IF = 50 A, VGS = 0, diF/dt = 100 A/
µs
tos1
0.7
ms
VGS = 5 V, VDD = 16 V
Over load shut down
operation time
Note4
tos2
0.43
ms
VGS = 5 V, VDD = 24 V
Notes: 3. Pulse test
4. Including the junction temperature rise of the over lorded condition.


Similar Part No. - HAF2027(L)_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAF2027 RENESAS-HAF2027 Datasheet
116Kb / 9P
   Silicon N Channel Power MOSFET Power Switching
HAF2027-90STL-E RENESAS-HAF2027-90STL-E Datasheet
116Kb / 9P
   Silicon N Channel Power MOSFET Power Switching
HAF2027-90STR-E RENESAS-HAF2027-90STR-E Datasheet
116Kb / 9P
   Silicon N Channel Power MOSFET Power Switching
HAF2027L RENESAS-HAF2027L Datasheet
116Kb / 9P
   Silicon N Channel Power MOSFET Power Switching
HAF2027S RENESAS-HAF2027S Datasheet
116Kb / 9P
   Silicon N Channel Power MOSFET Power Switching
More results

Similar Description - HAF2027(L)_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2299WP RENESAS-HAT2299WP Datasheet
108Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
HAT2142H RENESAS-HAT2142H Datasheet
125Kb / 12P
   Silicon N Channel Power MOS FET Power Switching
HAT2171H RENESAS-HAT2171H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2183WP RENESAS-HAT2183WP_15 Datasheet
111Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2184WP RENESAS-HAT2184WP_15 Datasheet
130Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2169H RENESAS-HAT2169H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2096H RENESAS-HAT2096H_15 Datasheet
104Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2193WP RENESAS-HAT2193WP_15 Datasheet
121Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_15 Datasheet
112Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_16 Datasheet
216Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
RJK0211DPA RENESAS-RJK0211DPA Datasheet
71Kb / 4P
   Silicon N Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com