Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MABA-007569-ETK42T Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MABA-007569-ETK42T
Description  E-Series RF 1:4 Transmission Line Step-up Transformer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABA-007569-ETK42T Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MABA-007569-ETK42T_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABA-007569-ETK42T_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MABA-007569-ETK42T_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MABA-007569-ETK42T_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
E-Series RF 1:4 Transmission Line Step-up Transformer
2-1000 MHz
M/A-COM Products
Rev. V2
MABA-007569-ETK42T
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Parameter
Units
Value
Qty per reel
-
2000
Reel size
mm
330
Tape width (W)
mm
12.00
Pitch (P1)
mm
8.00
A0
mm
4.0
B0
mm
4.3
K0
mm
2.9
Orientation
-
F5
Reference Application note ANI-019 for orientation
Part Number
Description
MABA-007569-ETK42T
Tape & Reel
Ordering Information
Recommended Maximum Ratings
Parameter
Units
Min
Max
Input Power
mW
250
DC Current
mA
200
Operating Temperature Range
ºC
-40
+85
Tape & Reel Information
Temperature data available on request


Similar Part No. - MABA-007569-ETK42T_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-007569-ETK42T-V2 MA-COM-MABA-007569-ETK42T-V2 Datasheet
594Kb / 4P
   E-Series RF 1:4 Transmission Line Step-up Transformer
More results

Similar Description - MABA-007569-ETK42T_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ETK4-2T MACOM-ETK4-2T Datasheet
92Kb / 2P
   E-Series RF 1:4 Transmission Line Step-up Transformer
logo
M/A-COM Technology Solu...
MABA-009711-ETK2MM MA-COM-MABA-009711-ETK2MM_15 Datasheet
115Kb / 2P
   E-Series RF 1:4 Transmission Line Step-up Transformer
MABA-009711-ETK2MM MA-COM-MABA-009711-ETK2MM Datasheet
115Kb / 2P
   E-Series RF 1:4 Transmission Line Step-up Transformer
MABA-007236-C16423 MA-COM-MABA-007236-C16423 Datasheet
89Kb / 3P
   E-Series RF 1:4 Transmission Line Step-up Transformer
MABA-007569-ETK42T-V2 MA-COM-MABA-007569-ETK42T-V2 Datasheet
594Kb / 4P
   E-Series RF 1:4 Transmission Line Step-up Transformer
MABA-007236-C16423 MA-COM-MABA-007236-C16423_15 Datasheet
89Kb / 3P
   E-Series RF 1:4 Transmission Line Step-up Transformer
logo
Tyco Electronics
ETC4-1T-7 MACOM-ETC4-1T-7 Datasheet
169Kb / 2P
   E-Series RF 1:4 Transmission Line Step-up Transformer
logo
M/A-COM Technology Solu...
MABA-008639-TC41T7_V2 MA-COM-MABA-008639-TC41T7_V2 Datasheet
83Kb / 4P
   E-Series RF 1:4 Transmission Line Step-up Transformer
MABA-007236-C16423_V6 MA-COM-MABA-007236-C16423_V6 Datasheet
89Kb / 3P
   E-Series RF 1:4 Transmission Line Step-up Transformer
ETC4-1T-7 MA-COM-ETC4-1T-7 Datasheet
134Kb / 2P
   E-Series RF 1:4 Transmission Line Step-up Transformer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com