Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGC4407-SM Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # TGC4407-SM
Description  Ka-Band Up-Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGC4407-SM Datasheet(HTML) 6 Page - TriQuint Semiconductor

Back Button TGC4407-SM_15 Datasheet HTML 2Page - TriQuint Semiconductor TGC4407-SM_15 Datasheet HTML 3Page - TriQuint Semiconductor TGC4407-SM_15 Datasheet HTML 4Page - TriQuint Semiconductor TGC4407-SM_15 Datasheet HTML 5Page - TriQuint Semiconductor TGC4407-SM_15 Datasheet HTML 6Page - TriQuint Semiconductor TGC4407-SM_15 Datasheet HTML 7Page - TriQuint Semiconductor TGC4407-SM_15 Datasheet HTML 8Page - TriQuint Semiconductor TGC4407-SM_15 Datasheet HTML 9Page - TriQuint Semiconductor TGC4407-SM_15 Datasheet HTML 10Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TGC4407-SM
Ka-Band Up-Converter
Preliminary Data Sheet: RevA 3/30/12
- 6 of 16 -
Disclaimer: Subject to change without notice
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
Typical Performance (cont.)
-10
-5
0
5
10
15
10
11
12
13
14
15
16
LO Frequency (GHz)
Input P1dB vs. Temperature
Vd = 5 V, IF = 500 MHz, LO = 0 dBm, USB
85 °C
25 °C
-40 °C
-10
-5
0
5
10
15
10
11
12
13
14
15
16
LO Frequency (GHz)
Input P1dB vs. Temperature
Vd = 5 V, IF = 500 MHz, LO = 0 dBm, LSB
85 °C
25 °C
-40 °C
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
14
16
18
20
22
24
26
28
Pout/Tone (dBm)
IM5 vs. Pout/Tone vs. Frequency
Vd = 6 V, Id = 1.3 A, Vg = -0.55 V Typical, +25 0C
12.7GHz
13.30GHz
14.4GHz
15.4GHz
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
14
16
18
20
22
24
26
28
Pout/Tone (dBm)
IM5 vs. Pout/Tone vs. Frequency
Vd = 6 V, Id = 1.3 A, Vg = -0.55 V Typical, +25 0C
12.7GHz
13.30GHz
14.4GHz
15.4GHz
-30
-25
-20
-15
-10
-5
0
10
11
12
13
14
15
16
LO Frequency (GHz)
Conversion Gain vs. Temperature
Vd = 5 V, IF = 500 MHz, LO = 0 dBm, USB
85 °C
25 °C
-40 °C
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
14
16
18
20
22
24
26
28
Pout/Tone (dBm)
IM5 vs. Pout/Tone vs. Frequency
Vd = 6 V, Id = 1.3 A, Vg = -0.55 V Typical, +25 0C
12.7GHz
13.30GHz
14.4GHz
15.4GHz
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
14
16
18
20
22
24
26
28
Pout/Tone (dBm)
IM5 vs. Pout/Tone vs. Frequency
Vd = 6 V, Id = 1.3 A, Vg = -0.55 V Typical, +25 0C
12.7GHz
13.30GHz
14.4GHz
15.4GHz
-30
-25
-20
-15
-10
-5
0
10
11
12
13
14
15
16
LO Frequency (GHz)
Conversion Gain vs. Temperature
Vd = 5 V, IF = 500 MHz, LO = 0 dBm, LSB
85 °C
25 °C
-40 °C
-5
0
5
10
15
20
25
10
11
12
13
14
15
16
LO Frequency (GHz)
Input IP3 vs. Temperature
Vd = 5 V, IF = 500 MHz, LO = 0 dBm, LSB
85 °C
25 °C
-40 °C
Input Power = -10 dBm/Tone
10 MHz Spacing
-5
0
5
10
15
20
25
10
11
12
13
14
15
16
LO Frequency (GHz)
Input IP3 vs. Temperature
Vd = 5 V, IF = 500 MHz, LO = 0 dBm, USB
85 °C
25 °C
-40 °C
Input Power = -10 dBm/Tone
10 MHz Spacing


Similar Part No. - TGC4407-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGC4407-SM TRIQUINT-TGC4407-SM Datasheet
570Kb / 16P
   Ka-Band Up-Converter
More results

Similar Description - TGC4407-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGC4407-SM TRIQUINT-TGC4407-SM Datasheet
570Kb / 16P
   Ka-Band Up-Converter
logo
List of Unclassifed Man...
UC-2930-3358 ETC2-UC-2930-3358 Datasheet
96Kb / 1P
   2 W Ka-Band Block Up-converter
logo
NEC
UPG2121TB NEC-UPG2121TB Datasheet
60Kb / 8P
   L-BAND UP/DOWN CONVERTER
logo
Toshiba Semiconductor
TA4103F TOSHIBA-TA4103F Datasheet
148Kb / 4P
   1.9GHz BAND UP CONVERTER APPLICATION
logo
API Technologies Corp
CMWD203 APITECH-CMWD203 Datasheet
109Kb / 1P
   Ka Band Diplexer
logo
Analog Devices
HMC7054 AD-HMC7054 Datasheet
283Kb / 8P
   Ka-Band HPA
logo
TriQuint Semiconductor
TGA4517 TRIQUINT-TGA4517 Datasheet
130Kb / 10P
   Ka-Band Power Amplifier
TGA4902-SM TRIQUINT-TGA4902-SM_15 Datasheet
399Kb / 10P
   Ka Band Packaged MPA
TGA4517 TRIQUINT-TGA4517_15 Datasheet
411Kb / 11P
   Ka Band Power Amplifier
TGA4517-EPU TRIQUINT-TGA4517-EPU Datasheet
135Kb / 10P
   Ka-Band Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com