Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGC4408-SM Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TGC4408-SM
Description  18 - 20 GHz Block Downconverter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGC4408-SM Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TGC4408-SM Datasheet HTML 1Page - TriQuint Semiconductor TGC4408-SM Datasheet HTML 2Page - TriQuint Semiconductor TGC4408-SM Datasheet HTML 3Page - TriQuint Semiconductor TGC4408-SM Datasheet HTML 4Page - TriQuint Semiconductor TGC4408-SM Datasheet HTML 5Page - TriQuint Semiconductor TGC4408-SM Datasheet HTML 6Page - TriQuint Semiconductor TGC4408-SM Datasheet HTML 7Page - TriQuint Semiconductor TGC4408-SM Datasheet HTML 8Page - TriQuint Semiconductor TGC4408-SM Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TGC4408-SM
18 - 20 GHz Block Downconverter
Preliminary Data Sheet: Rev A 4/1/13
- 2 of 20 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Specifications
Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
-40 to 125
C
Mounting Temperature (30
Seconds)
260
C
Channel Temperature, Tch
200
C
RF Input Power, 50Ω,T = 25
C
10 dBm
Vcc_VCO
+5.5V
Vcc _Prescaler
+5.5 V
Vtune
+5.5 V
Vswitch_low, Vswitch_high
Vcc + 0.5 V
Current, Vcc_VCO
120 mA
Current, Vcc_Prescaler
140 mA
Current, Vd_down_converter
155 mA
Current, Vtune
0.5 mA
Current, Vswitch_low,
Vswitch_high
4 mA
Power Dissipation, Pdiss
2.28 W
Operation of this device outside the parameter ranges
given above may cause permanent damage.
Recommended Operating Conditions
Parameter
Min
Typ
Max
Units
Operating Temp.
Range
-40
+85
C
Vcc _VCO
5.0
V
Vcc _Prescaler
5.0
V
Vtune
1
2.1
4.0
V
Vd _down_convert er
5.0
V
Current, Vcc _VCO
100
mA
Current,
Vcc_Prescaler
105
mA
Current, Vcc _VCO +
Vcc_prescaler
205
240
mA
Current,
Vd_down_converter
100
135
mA
T
J
(for >10
6
hours
MTTF)
175
C
Electrical specifications are measured at specified test
conditions. Specifications are not guaranteed over all
recommended operating conditions.


Similar Part No. - TGC4408-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGC4408-SM TRIQUINT-TGC4408-SM Datasheet
1Mb / 20P
   18 - 20 GHz Block Downconverter
More results

Similar Description - TGC4408-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGC4408-SM TRIQUINT-TGC4408-SM Datasheet
1Mb / 20P
   18 - 20 GHz Block Downconverter
logo
Analog Devices
HMC1048ALC3B AD-HMC1048ALC3B Datasheet
373Kb / 15P
   2.25 GHz to 18 GHz, MMIC, Double Balanced Downconverter
HMC977 AD-HMC977 Datasheet
797Kb / 20P
   GaAs, MMIC, I/Q, Downconverter, 20 GHz to 28 GHz
logo
Hittite Microwave Corpo...
HMC966LP4E HITTITE-HMC966LP4E Datasheet
1Mb / 12P
   GaAs MMIC I/Q DOWNCONVERTER 17 - 20 GHz
HMC977LP4E HITTITE-HMC977LP4E Datasheet
1Mb / 12P
   GaAs MMIC I/Q DOWNCONVERTER 20 - 28 GHz
logo
TriQuint Semiconductor
TGC2610-SM TRIQUINT-TGC2610-SM_15 Datasheet
880Kb / 17P
   10 GHz ??15.4 GHz Downconverter
logo
Analog Devices
HMC265 AD-HMC265 Datasheet
344Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED DOWNCONVERTER, 20 - 32 GHz
logo
Hittite Microwave Corpo...
HMC265 HITTITE-HMC265_08 Datasheet
256Kb / 6P
   GaAs MMIC SUB-HARMONICALLY PUMPED DOWNCONVERTER, 20 - 32 GHz
logo
TriQuint Semiconductor
TGC1411 TRIQUINT-TGC1411 Datasheet
370Kb / 5P
   0.3 - 10 GHz Downconverter
logo
Broadcom Corporation.
DEMO-IAM9156-3 BOARDCOM-DEMO-IAM9156-3 Datasheet
289Kb / 14P
   0.8?? GHz 3V Downconverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com