Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGC4702-FC Datasheet(PDF) 11 Page - TriQuint Semiconductor

Part # TGC4702-FC
Description  77 GHz Down Converting IQ Mixer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGC4702-FC Datasheet(HTML) 11 Page - TriQuint Semiconductor

Back Button TGC4702-FC_15 Datasheet HTML 5Page - TriQuint Semiconductor TGC4702-FC_15 Datasheet HTML 6Page - TriQuint Semiconductor TGC4702-FC_15 Datasheet HTML 7Page - TriQuint Semiconductor TGC4702-FC_15 Datasheet HTML 8Page - TriQuint Semiconductor TGC4702-FC_15 Datasheet HTML 9Page - TriQuint Semiconductor TGC4702-FC_15 Datasheet HTML 10Page - TriQuint Semiconductor TGC4702-FC_15 Datasheet HTML 11Page - TriQuint Semiconductor TGC4702-FC_15 Datasheet HTML 12Page - TriQuint Semiconductor TGC4702-FC_15 Datasheet HTML 13Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
TGC4702-FC
November 2009 © Rev B
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
GaAs MMIC devices are susceptible to damage from Electrostatic Discharge. Proper precautions should
be observed during handling, assembly and test.
Mechanical Drawing
Drawing is for chip face-up
Units: millimeters
Thickness: 0.380
Die x,y size tolerance: +/- 0.050
Chip edge to pillar dimensions are shown to center of pillar
Pillar #1,3,6,8,10,
11,13,16,18
RF CPW Ground
0.075 Ø
Pillar #2
IF Out (I)
0.075 Ø
Pillar #4, 10
DC Ground
0.075 Ø
Pillar #5, 9
Vb
0.075 Ø
Pillar #7
LO In
0.075 Ø
Pillar #12
IF Out (Q)
0.075 Ø
Pillar #17
RF In
0.075 Ø
Pillar #14, 15, 19, 20, 21
Mech. Support
Only
0.075 Ø
0.000
0.178
0.404
0.628
1.644
1.890
1.769
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
0.121
0.121
0.122
0.123
0.123
1.769
1.771
0.178
0.404
0.628
1.644


Similar Part No. - TGC4702-FC_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGC4702-FC TRIQUINT-TGC4702-FC Datasheet
239Kb / 13P
   77 GHz Down Converting IQ Mixer
More results

Similar Description - TGC4702-FC_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGC4702-FC TRIQUINT-TGC4702-FC Datasheet
239Kb / 13P
   77 GHz Down Converting IQ Mixer
TGC1430H TRIQUINT-TGC1430H Datasheet
438Kb / 3P
   20 - 40 GHz IQ Mixer
logo
Mini-Circuits
SMIQ-653H-D++ MINI-SMIQ-653H-D+ Datasheet
1Mb / 17P
   IQ Mixer
REV. OR
SMIQ-6243H++ MINI-SMIQ-6243H+ Datasheet
688Kb / 15P
   IQ Mixer
REV. OR
logo
Teledyne Technologies I...
IQM4221 TELEDYNE-IQM4221 Datasheet
272Kb / 2P
   1.9 TO 4.2 GHz IQ MIXER MODULATOR/DEMODULATOR
IQM11621 TELEDYNE-IQM11621 Datasheet
241Kb / 2P
   6.0 TO 10.8 GHz IQ MIXER MODULATOR/DEMODULATOR
logo
TriQuint Semiconductor
TGS4307 TRIQUINT-TGS4307_15 Datasheet
308Kb / 9P
   77 GHz Transceiver Switch
TGS4307-EPU TRIQUINT-TGS4307-EPU Datasheet
187Kb / 9P
   77 GHz Transceiver Switch
logo
Teledyne Technologies I...
IQM2811 TELEDYNE-IQM2811 Datasheet
268Kb / 2P
   IQ MIXER MODULATOR/DEMODULATOR
logo
TriQuint Semiconductor
TGA4706-FC TRIQUINT-TGA4706-FC_15 Datasheet
372Kb / 10P
   77 GHz Medium Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com