Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGC4704-FC Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TGC4704-FC
Description  38 to 77 GHz Doubler and Medium Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGC4704-FC Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TGC4704-FC_15 Datasheet HTML 1Page - TriQuint Semiconductor TGC4704-FC_15 Datasheet HTML 2Page - TriQuint Semiconductor TGC4704-FC_15 Datasheet HTML 3Page - TriQuint Semiconductor TGC4704-FC_15 Datasheet HTML 4Page - TriQuint Semiconductor TGC4704-FC_15 Datasheet HTML 5Page - TriQuint Semiconductor TGC4704-FC_15 Datasheet HTML 6Page - TriQuint Semiconductor TGC4704-FC_15 Datasheet HTML 7Page - TriQuint Semiconductor TGC4704-FC_15 Datasheet HTML 8Page - TriQuint Semiconductor TGC4704-FC_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
TGC4704-FC
November 2009 © Rev A
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
Table II
Recommended Operating Conditions
Table I
Absolute Maximum Ratings
1/
Symbol
Parameter
Value
Notes
Vd-Vg
Drain to Gate Voltage
5.5 V
Vd
Drain Voltage
4.0 V
Vg
Gate Voltage Range
-1 to + 0.45 V
Id
Drain Current
330 mA
Ig
Gate Current Range
-0.5 to +3.0 mA
Pin
Input Continuous Wave Power
16 dBm
1/
These ratings represent the maximum operable values for this device. Stresses beyond those listed
under “Absolute Maximum Ratings” may cause permanent damage to the device and / or affect
device lifetime. These are stress ratings only, and functional operation of the device at these
conditions is not implied.
Symbol
Parameter
1/
Value
Vd
Drain Voltage
3.75 V
Idq
Drain Current, No RF signal at Input
180 mA
Id
Drain Current, RF signal at Input
240 mA
Vg1
Multiplier Stage Gate Voltage
-0.4 V
Vg2a thru Vg2d
Amplifier Stages Gate Voltage
+0.2 V
1/
See electrical schematic diagram for bias instructions.


Similar Part No. - TGC4704-FC_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGC4702-FC TRIQUINT-TGC4702-FC Datasheet
239Kb / 13P
   77 GHz Down Converting IQ Mixer
TGC4702-FC TRIQUINT-TGC4702-FC Datasheet
239Kb / 13P
   77 GHz Down Converting IQ Mixer
TGC4702-FC TRIQUINT-TGC4702-FC_15 Datasheet
239Kb / 13P
   77 GHz Down Converting IQ Mixer
TGC4703-FC TRIQUINT-TGC4703-FC Datasheet
340Kb / 11P
   19 to 38 GHz Doubler
TGC4703-FC TRIQUINT-TGC4703-FC_15 Datasheet
340Kb / 11P
   19 to 38 GHz Doubler
More results

Similar Description - TGC4704-FC_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4706-FC TRIQUINT-TGA4706-FC_15 Datasheet
372Kb / 10P
   77 GHz Medium Power Amplifier
TGA4706-FC TRIQUINT-TGA4706-FC Datasheet
372Kb / 10P
   77 GHz Medium Power Amplifier
TGA4036 TRIQUINT-TGA4036_15 Datasheet
303Kb / 11P
   19 to 38 GHz Medium Power Amplifier
logo
Qorvo, Inc
TGA4036 QORVO-TGA4036 Datasheet
303Kb / 11P
   19 -38 GHz Medium Power Amplifier
logo
TriQuint Semiconductor
TGC4703-FC TRIQUINT-TGC4703-FC_15 Datasheet
340Kb / 11P
   19 to 38 GHz Doubler
logo
M/A-COM Technology Solu...
XX1001-QK MA-COM-XX1001-QK Datasheet
690Kb / 7P
   Doubler and Power Amplifier
XX1001-QK MA-COM-XX1001-QK_15 Datasheet
690Kb / 7P
   Doubler and Power Amplifier
XX1001-BD MA-COM-XX1001-BD Datasheet
774Kb / 7P
   Doubler and Power Amplifier
XX1001-BD MA-COM-XX1001-BD_15 Datasheet
774Kb / 7P
   Doubler and Power Amplifier
logo
TriQuint Semiconductor
TGA1073G-SCC TRIQUINT-TGA1073G-SCC_15 Datasheet
412Kb / 8P
   19 to 27 GHz Medium Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com