Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGF2023-01 Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # TGF2023-01
Description  6 Watt Discrete Power GaN on SiC HEMT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGF2023-01 Datasheet(HTML) 6 Page - TriQuint Semiconductor

Back Button TGF2023-01 Datasheet HTML 2Page - TriQuint Semiconductor TGF2023-01 Datasheet HTML 3Page - TriQuint Semiconductor TGF2023-01 Datasheet HTML 4Page - TriQuint Semiconductor TGF2023-01 Datasheet HTML 5Page - TriQuint Semiconductor TGF2023-01 Datasheet HTML 6Page - TriQuint Semiconductor TGF2023-01 Datasheet HTML 7Page - TriQuint Semiconductor TGF2023-01 Datasheet HTML 8Page - TriQuint Semiconductor TGF2023-01 Datasheet HTML 9Page - TriQuint Semiconductor TGF2023-01 Datasheet HTML 10Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TGF2023-01
6
Apr 2011 © Rev D
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
Measured Data
Bias conditions: Vd = 28 V, Idq = 125 mA, Vg = -3.6 V Typical
Power tuned data at 3GHz
For power tuned devices at 3GHz:
1.25mm device is input matched for maximum gain & the output load is:
Vd=28V: Rp = 79.3
Ω-mm, Cp = 0.524 pF/mm, Γ = 0.345, θ = 90.1°
Efficiency tuned data at 3GHz
For efficiency tuned devices at 3GHz:
1.25mm device is input matched for maximum gain & the output load is:
Vd=28V: Rp = 153
Ω-mm, Cp = 0.426 pF/mm, Γ = 0.519, θ = 59.9°


Similar Part No. - TGF2023-01

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGF2023-01 TRIQUINT-TGF2023-01 Datasheet
445Kb / 8P
   6 Watt Discrete Power GaN on SiC HEMT
More results

Similar Description - TGF2023-01

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGF2023-2-01 TRIQUINT-TGF2023-2-01_15 Datasheet
2Mb / 22P
   6 Watt Discrete Power GaN on SiC HEMT
TGF2023-01 TRIQUINT-TGF2023-01 Datasheet
445Kb / 8P
   6 Watt Discrete Power GaN on SiC HEMT
TGF2023-10 TRIQUINT-TGF2023-10 Datasheet
221Kb / 7P
   50 Watt Discrete Power GaN on SiC HEMT
TGF2952 TRIQUINT-TGF2952_15 Datasheet
1Mb / 22P
   7 Watt Discrete Power GaN on SiC HEMT
logo
Qorvo, Inc
TGF2954 QORVO-TGF2954 Datasheet
1Mb / 19P
   27 Watt Discrete Power GaN on SiC HEMT
logo
TriQuint Semiconductor
TGF2023-20 TRIQUINT-TGF2023-20 Datasheet
223Kb / 7P
   100 Watt Discrete Power GaN on SiC HEMT
TGF2023-2-10 TRIQUINT-TGF2023-2-10_15 Datasheet
1Mb / 14P
   50 Watt Discrete Power GaN on SiC HEMT
TGF2023-10 TRIQUINT-TGF2023-10_15 Datasheet
200Kb / 9P
   50 Watt Discrete Power GaN on SiC HEMT
TGF2023-02 TRIQUINT-TGF2023-02_15 Datasheet
196Kb / 9P
   12 Watt Discrete Power GaN on SiC HEMT
logo
Qorvo, Inc
TGF2023-2-05 QORVO-TGF2023-2-05 Datasheet
2Mb / 22P
   25 Watt Discrete Power GaN on SiC HEMT
01-22-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com