Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGF2023-2-20 Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part # TGF2023-2-20
Description  90 Watt Discrete Power GaN on SiC HEMT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGF2023-2-20 Datasheet(HTML) 9 Page - TriQuint Semiconductor

Back Button TGF2023-2-20_15 Datasheet HTML 5Page - TriQuint Semiconductor TGF2023-2-20_15 Datasheet HTML 6Page - TriQuint Semiconductor TGF2023-2-20_15 Datasheet HTML 7Page - TriQuint Semiconductor TGF2023-2-20_15 Datasheet HTML 8Page - TriQuint Semiconductor TGF2023-2-20_15 Datasheet HTML 9Page - TriQuint Semiconductor TGF2023-2-20_15 Datasheet HTML 10Page - TriQuint Semiconductor TGF2023-2-20_15 Datasheet HTML 11Page - TriQuint Semiconductor TGF2023-2-20_15 Datasheet HTML 12Page - TriQuint Semiconductor TGF2023-2-20_15 Datasheet HTML 13Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
TGF2023-2-20
90 Watt Discrete Power GaN on SiC HEMT
Datasheet: Rev C 09-27-13
- 9 of 14 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Model Efficiency Tuned Data
Simulated signal: 10% pulses.
Source Γ : fo: 0.91∠131°, 2fo: 0, 3fo: 0
Load Γ : fo: 0.36∠114°, 2fo: 0, 3fo: 0
Source Γ : fo: 0.91∠131°, 2fo: 0, 3fo: 0
Load Γ : fo: 0.35∠117°, 2fo: 0, 3fo: 0
Source Γ : fo: 0.84∠135°, 2fo: 0, 3fo: 0
Load Γ : fo: 0.43∠80°, 2fo: 0, 3fo: 0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
5
10
15
20
25
30
35
40
45
50
-5
0
5
10
15
20
25
30
35
Input Power (dBm)
Pout & Drain Current vs. Input Power
Temp.=+25°C
V
D=12 V, IDQ=400 mA
Freq.=3 GHz, Efficiency Tuned
Model Without Bond Wires
Pout
I
D
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
-5
0
5
10
15
20
25
30
35
Input Power (dBm)
Gain & PAE vs. Input Power
Temp.=+25°C
V
D=12 V, IDQ=400 mA
Freq.=3 GHz, Efficiency Tuned
Model Without Bond Wires
Gain
PAE
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
5
10
15
20
25
30
35
40
45
50
-5
0
5
10
15
20
25
30
35
Input Power (dBm)
Pout & Drain Current vs. Input Power
Temp.=+25°C
V
D=12 V, IDQ=1000 mA
Freq.=3 GHz, Efficiency Tuned
Model Without Bond Wires
Pout
I
D
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
-5
0
5
10
15
20
25
30
35
Input Power (dBm)
Gain & PAE vs. Input Power
Temp.=+25°C
V
D=12 V, IDQ=1000 mA
Freq.=3 GHz, Efficiency Tuned
Model Without Bond Wires
Gain
PAE
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
5
10
15
20
25
30
35
40
45
50
55
-5
0
5
10
15
20
25
30
35
Input Power (dBm)
Pout & Drain Current vs. Input Power
Temp.=+25°C
V
D=28 V, IDQ=400 mA
Freq.=3 GHz, Efficiency Tuned
Model Without Bond Wires
Pout
I
D
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
-5
0
5
10
15
20
25
30
35
Input Power (dBm)
Gain & PAE vs. Input Power
Temp.=+25°C
V
D=28 V, IDQ=400 mA
Freq.=3 GHz, Efficiency Tuned
Model Without Bond Wires
Gain
PAE


Similar Part No. - TGF2023-2-20_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGF2023-2-20 QORVO-TGF2023-2-20 Datasheet
2Mb / 21P
   100 W, 32 V, DC to 14 GHz, Discrete Power GaN on SiC HEMT
More results

Similar Description - TGF2023-2-20_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGF2023-10 TRIQUINT-TGF2023-10 Datasheet
221Kb / 7P
   50 Watt Discrete Power GaN on SiC HEMT
TGF2952 TRIQUINT-TGF2952_15 Datasheet
1Mb / 22P
   7 Watt Discrete Power GaN on SiC HEMT
logo
Qorvo, Inc
TGF2954 QORVO-TGF2954 Datasheet
1Mb / 19P
   27 Watt Discrete Power GaN on SiC HEMT
logo
TriQuint Semiconductor
TGF2023-20 TRIQUINT-TGF2023-20 Datasheet
223Kb / 7P
   100 Watt Discrete Power GaN on SiC HEMT
TGF2023-2-10 TRIQUINT-TGF2023-2-10_15 Datasheet
1Mb / 14P
   50 Watt Discrete Power GaN on SiC HEMT
TGF2023-10 TRIQUINT-TGF2023-10_15 Datasheet
200Kb / 9P
   50 Watt Discrete Power GaN on SiC HEMT
TGF2023-01 TRIQUINT-TGF2023-01_15 Datasheet
780Kb / 13P
   6 Watt Discrete Power GaN on SiC HEMT
TGF2023-02 TRIQUINT-TGF2023-02_15 Datasheet
196Kb / 9P
   12 Watt Discrete Power GaN on SiC HEMT
TGF2023-2-01 TRIQUINT-TGF2023-2-01_15 Datasheet
2Mb / 22P
   6 Watt Discrete Power GaN on SiC HEMT
logo
Qorvo, Inc
TGF2023-2-05 QORVO-TGF2023-2-05 Datasheet
2Mb / 22P
   25 Watt Discrete Power GaN on SiC HEMT
01-22-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com