Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAT2185WP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HAT2185WP
Description  Silicon N Channel Power MOS FET Power Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2185WP Datasheet(HTML) 5 Page - Renesas Technology Corp

  HAT2185WP_15 Datasheet HTML 1Page - Renesas Technology Corp HAT2185WP_15 Datasheet HTML 2Page - Renesas Technology Corp HAT2185WP_15 Datasheet HTML 3Page - Renesas Technology Corp HAT2185WP_15 Datasheet HTML 4Page - Renesas Technology Corp HAT2185WP_15 Datasheet HTML 5Page - Renesas Technology Corp HAT2185WP_15 Datasheet HTML 6Page - Renesas Technology Corp HAT2185WP_15 Datasheet HTML 7Page - Renesas Technology Corp HAT2185WP_15 Datasheet HTML 8Page - Renesas Technology Corp HAT2185WP_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
HAT2185WP
REJ03G1744-0200 Nov 28, 2008
Page 3 of 6
Main Characteristics
110
100
0.1
1
0.01
Drain Current
ID (A)
Static Drain to Source on State Resistance
vs. Drain Current (Typical)
Pulse Test
VGS = 10 V
Ta = 25
°C
20
16
12
8
4
0
24
6
8
10
VGS = 5 V
Drain to Source Voltage
VDS (V)
Typical Output Characteristics
Pulse Test
Ta = 25
°C
6.6 V
5.5 V
6 V
7 V
10 V
9 V
20
16
12
8
4
0
24
68
10
Tc = 75
°C
25
°C
−25°C
Gate to Source Voltage
VGS (V)
Typical Transfer Characteristics
VDS = 10 V
Pulse Test
10
1
0.1
0.1
1
1000
0.001
0.01
100
Drain to Source Voltage
VDS (V)
Maximum Safe Operation Area
100
10
Tc = 25
°C
1 shot
PW
=
100
µs
10
µs
Operation in this
area is limited by
RDS(on)
7.6 V
8 V
1
0.8
0.6
0.4
0.2
−25
0
25
50
75
100
125 150
0
Case Temperature
Tc (
°C)
Static Drain to Source on State Resistance
vs. Temperature (Typical)
Pulse Test
VGS = 10 V
ID = 10 A
1000
100
10
1
Drain to Source Voltage
VDS (V)
Typical Capacitance vs.
Drain to Source Voltage (Typical)
0
20
40
60
80
100
VGS = 0
f = 1 MHz
Ta = 25
°C
Ciss
Coss
Crss
5 A


Similar Part No. - HAT2185WP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2185WP-EL-E RENESAS-HAT2185WP-EL-E Datasheet
123Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
Nov 28, 2008
More results

Similar Description - HAT2185WP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2299WP RENESAS-HAT2299WP Datasheet
108Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
HAT2142H RENESAS-HAT2142H Datasheet
125Kb / 12P
   Silicon N Channel Power MOS FET Power Switching
HAT2171H RENESAS-HAT2171H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2183WP RENESAS-HAT2183WP_15 Datasheet
111Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2184WP RENESAS-HAT2184WP_15 Datasheet
130Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2169H RENESAS-HAT2169H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2096H RENESAS-HAT2096H_15 Datasheet
104Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2193WP RENESAS-HAT2193WP_15 Datasheet
121Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_15 Datasheet
112Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_16 Datasheet
216Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
RJK0211DPA RENESAS-RJK0211DPA Datasheet
71Kb / 4P
   Silicon N Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com