Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAT2189WP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HAT2189WP
Description  Silicon N Channel Power MOS FET Power Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2189WP Datasheet(HTML) 5 Page - Renesas Technology Corp

  HAT2189WP_15 Datasheet HTML 1Page - Renesas Technology Corp HAT2189WP_15 Datasheet HTML 2Page - Renesas Technology Corp HAT2189WP_15 Datasheet HTML 3Page - Renesas Technology Corp HAT2189WP_15 Datasheet HTML 4Page - Renesas Technology Corp HAT2189WP_15 Datasheet HTML 5Page - Renesas Technology Corp HAT2189WP_15 Datasheet HTML 6Page - Renesas Technology Corp HAT2189WP_15 Datasheet HTML 7Page - Renesas Technology Corp HAT2189WP_15 Datasheet HTML 8Page - Renesas Technology Corp HAT2189WP_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
HAT2189WP
REJ03G1251-0200 Rev.2.00 Aug 28, 2009
Page 3 of 6
Main Characteristics
0
2
4
68
10
Drain to Source Voltage VDS (V)
Typical Output Characteristics
Gate to Source Voltage VGS (V)
Typical Transfer Characteristics
1100
10
0.1
1
0.01
Drain Current ID (A)
Static Drain to Source on State Resistance
vs. Drain Current (Typical)
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
Case Temperature Tc (
°C)
Static Drain to Source on State Resistance
vs. Temperature (Typical)
02
4
68
10
16
12
20
4
8
0
16
12
20
4
8
0
0
0.2
0.4
0.6
1.0
0.8
1.2
-25
0
50
25
75
100 125 150
0.001
0.01
0.1
1
10
100
0.1
1
10
100
1000
ID = 17 A
VGS = 10 V
Ta = 25
°C
Pulse Test
7 V
6 V
6.5 V
5.5 V
VGS = 5 V
10 V
Ta = 25
°C
Pulse Test
Tc = 25
°C
1 shot
Operation in this
area is limited by
RDS(on)
10
μs
PW
=
100
μs
8 V
9 V
VGS = 10 V
Pulse Test
4.3 A
8.5 A
Tc =
−25°C 25°C
VDS = 10 V
Pulse Test
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
080
4060
20
100
1000
10
100
1
VGS = 0
f = 1 MHz
Ta = 25
°C
Ciss
Coss
Crss
75
°C


Similar Part No. - HAT2189WP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2189WP-EL-E RENESAS-HAT2189WP-EL-E Datasheet
56Kb / 4P
   Silicon N Channel Power MOS FET Power Switching
HAT2189WP-EL-E RENESAS-HAT2189WP-EL-E Datasheet
210Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
HAT2189WP RENESAS-HAT2189WP_09 Datasheet
210Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
More results

Similar Description - HAT2189WP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2299WP RENESAS-HAT2299WP Datasheet
108Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
HAT2142H RENESAS-HAT2142H Datasheet
125Kb / 12P
   Silicon N Channel Power MOS FET Power Switching
HAT2171H RENESAS-HAT2171H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2183WP RENESAS-HAT2183WP_15 Datasheet
111Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2184WP RENESAS-HAT2184WP_15 Datasheet
130Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2169H RENESAS-HAT2169H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2096H RENESAS-HAT2096H_15 Datasheet
104Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2193WP RENESAS-HAT2193WP_15 Datasheet
121Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_15 Datasheet
112Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_16 Datasheet
216Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
RJK0211DPA RENESAS-RJK0211DPA Datasheet
71Kb / 4P
   Silicon N Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com