Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR3AS-14B Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # BCR3AS-14B
Description  Triac Low Power Use
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR3AS-14B Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button BCR3AS-14B_15 Datasheet HTML 2Page - Renesas Technology Corp BCR3AS-14B_15 Datasheet HTML 3Page - Renesas Technology Corp BCR3AS-14B_15 Datasheet HTML 4Page - Renesas Technology Corp BCR3AS-14B_15 Datasheet HTML 5Page - Renesas Technology Corp BCR3AS-14B_15 Datasheet HTML 6Page - Renesas Technology Corp BCR3AS-14B_15 Datasheet HTML 7Page - Renesas Technology Corp BCR3AS-14B_15 Datasheet HTML 8Page - Renesas Technology Corp BCR3AS-14B_15 Datasheet HTML 9Page - Renesas Technology Corp BCR3AS-14B_15 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
BCR3AS-14B
Preliminary
REJ03G1807-0100 Rev.1.00 Jul 22, 2009
Page 5 of 7
Rate of Rise of Off-State Voltage (V/
µs)
Breakover Voltage vs.
Rate of Rise of Off-State Voltage (Tj=125°C)
Rate of Rise of Off-State Voltage (V/
µs)
Breakover Voltage vs.
Rate of Rise of Off-State Voltage (Tj=150°C)
Breakover Voltage vs.
Junction Temperature
Junction Temperature (°C)
Commutation Characteristics (Tj=125°C)
Rate of Decay of On-State
Commutating Current (A/ms)
Commutation Characteristics (Tj=150°C)
Rate of Decay of On-State
Commutating Current (A/ms)
0
20
40
80
60
100
120
140
160
–60 –40–20 0 20 40 60 80 100 120
160
140
23 5 710
2
10
1
23 5 710
3
23 5 710
4
0
20
40
80
60
100
120
160
140
23 5 710
2
10
1
23 5 710
3
23 5 710
4
0
20
40
80
60
100
120
160
140
2
3
5
7
10
1
2
3
5
7
10
2
10
0
2
3
5
7
10
1
2
3
5
7
10
2
10
0
10
0
10
1
10
3
37
25
10
2
37
25
3
7
25
10
0
10
1
10
3
37
25
10
2
37
25
3
7
25
Typical Example
Typical Example
Tj = 125°C
III Quadrant
I Quadrant
Main Voltage
Main Current
IT
(di/dt)c
τ
VD
Time
Time
(dv/dt)c
Typical Example
Tj = 125°C
IT = 4A
τ = 500µs
VD = 200V
f = 3Hz
Minimum
Characteristics
Value
I Quadrant
III Quadrant
Typical Example
Tj = 150°C
III Quadrant
I Quadrant
Main Voltage
Main Current
IT
(di/dt)c
τ
VD
Time
Time
(dv/dt)c
Typical Example
Tj = 150°C
IT = 4A
τ = 500µs
VD = 200V
f = 3Hz
III Quadrant
I Quadrant
Minimum
Characteristics
Value
Gate Current Pulse Width (
µs)
Gate Trigger Current vs.
Gate Current Pulse Width
10
3
7
5
3
2
7
5
3
2
10
2
10
1
10
0
10
1
10
2
37
25
3
7
25
Typical Example
IFGT I
IRGT I
IRGT III


Similar Part No. - BCR3AS-14B_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR3AS-14B-T13B00 RENESAS-BCR3AS-14B-T13B00 Datasheet
447Kb / 8P
   700V - 3A - Triac Low Power Use
May. 10, 2019
BCR3AS-14BB00 RENESAS-BCR3AS-14BB00 Datasheet
447Kb / 8P
   700V - 3A - Triac Low Power Use
May. 10, 2019
More results

Similar Description - BCR3AS-14B_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR3AS-12A RENESAS-BCR3AS-12A_15 Datasheet
131Kb / 9P
   Triac Low Power Use
BCR08AM-12 RENESAS-BCR08AM-12 Datasheet
134Kb / 7P
   Triac Low Power Use
BCR08AM-14A RENESAS-BCR08AM-14A Datasheet
116Kb / 7P
   Triac Low Power Use
BCR3PM-12L RENESAS-BCR3PM-12L Datasheet
121Kb / 7P
   Triac Low Power Use
BCR2PM-12 RENESAS-BCR2PM-12 Datasheet
120Kb / 7P
   Triac Low Power Use
BCR2PM-12RE RENESAS-BCR2PM-12RE Datasheet
81Kb / 7P
   Triac Low Power Use
BCR08AS-12 RENESAS-BCR08AS-12 Datasheet
146Kb / 8P
   Triac Low Power Use
BCR08AM-12A RENESAS-BCR08AM-12A Datasheet
114Kb / 7P
   Triac Low Power Use
BCR3KM-14L RENESAS-BCR3KM-14L Datasheet
140Kb / 8P
   Triac Low Power Use
BCR08AS-12A RENESAS-BCR08AS-12A_15 Datasheet
126Kb / 8P
   Triac Low Power Use
BCR3AM-14B RENESAS-BCR3AM-14B_15 Datasheet
144Kb / 10P
   Triac Low Power Use
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com