Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD853C Datasheet(PDF) 2 Page - International Rectifier

Part # SD853C
Description  FAST RECOVERY DIODES Hockey Puk Version
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD853C Datasheet(HTML) 2 Page - International Rectifier

  SD853C Datasheet HTML 1Page - International Rectifier SD853C Datasheet HTML 2Page - International Rectifier SD853C Datasheet HTML 3Page - International Rectifier SD853C Datasheet HTML 4Page - International Rectifier SD853C Datasheet HTML 5Page - International Rectifier SD853C Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SD853C..S50K SERIES
FAST RECOVERY DIODES
Hockey Puk Version
990A
D-733
Bulletin I2093/B
Features
High power FAST rectifier diode series
5.0 µs recovery time
High voltage ratings up to 4500V
High current capability
Optimized turn on and turn off characteristics
Low forward recovery
Fast and soft reverse recovery
Press-puk encapsulation
Case style conform to JEDEC DO-200AC (K-PUK)
Maximum junction temperature 125°C
Typical Applications
Snubber diode for GTO
High voltage free-wheeling diode
Fast recovery rectifier applications
Major Ratings and Characteristics
I
F(AV)
990
A
@ T
hs
55
°C
I
F(RMS)
1800
A
@ T
hs
25
°C
I
FSM
@ 50Hz
19000
A
@ 60Hz
19900
A
I
2t
@ 50Hz
1810
KA
2s
@ 60Hz
1652
KA
2s
V
RRM
range
3000 to 4500
V
t
rr
5.0
µs
@ T
J
25
°C
T
J
- 40 to 125
°C
Parameters
SD853C..S50K
Units
case style DO-200AC (K-PUK)
Index
Previous Datasheet
Next Data Sheet
To Order


Similar Part No. - SD853C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD853C30S50K VISHAY-SD853C30S50K Datasheet
231Kb / 9P
   Fast Recovery Diodes (Hockey PUK Version), 990 A
Revision: 14-May-08
SD853C30S50K VISHAY-SD853C30S50K Datasheet
250Kb / 10P
   Fast Recovery Diodes (Hockey PUK Version), 990 A
Revision: 14-May-08
SD853C30S50K VISHAY-SD853C30S50K_12 Datasheet
250Kb / 10P
   Fast Recovery Diodes (Hockey PUK Version), 990 A
Revision: 14-May-08
SD853C36S50K VISHAY-SD853C36S50K Datasheet
231Kb / 9P
   Fast Recovery Diodes (Hockey PUK Version), 990 A
Revision: 14-May-08
SD853C36S50K VISHAY-SD853C36S50K Datasheet
250Kb / 10P
   Fast Recovery Diodes (Hockey PUK Version), 990 A
Revision: 14-May-08
More results

Similar Description - SD853C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD1553C IRF-SD1553C Datasheet
505Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
SD823C IRF-SD823C Datasheet
618Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD263C IRF-SD263C Datasheet
354Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD703C IRF-SD703C Datasheet
600Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com