Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FYLP-1W-UYS Datasheet(PDF) 7 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYLP-1W-UYS
Description  High Power Led lamp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYLP-1W-UYS Datasheet(HTML) 7 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYLP-1W-UYS Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLP-1W-UYS Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLP-1W-UYS Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLP-1W-UYS Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLP-1W-UYS Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLP-1W-UYS Datasheet HTML 6Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLP-1W-UYS Datasheet HTML 7Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLP-1W-UYS Datasheet HTML 8Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Model. No.
Rev.
Precautions for use:
Page: 7/8
After the bag is opened, the High-power LEDs must be stored at <30
and < 60% RH. Under these conditions,
High-power LEDs must be used within 24 hours. If the LEDs are not within 24 hours after removal from the bag ,
frequently during the baking process.
Http://www.foryard.com
Handling of an High-power LED should be done only when the package has been cooled down to below 40
And soldering time no more than 2 seconds.
The epoxy resin of an High-power LED should not contact the tip of the soldering iron.
No mechanical stress should be exerted on the resin portion of an High-power LED during soldering.
(1) Manual soldering with a soldering Iron
2. Soldering
Before opening the packaging , check for air leaks in the bag.
baking is required Take the material out of the packaging bag before baking. Do not open the oven door
Use a soldering iron of less than 25 watts is recommended . The iron temperature must be kept below 315
FYLP-1W-UYS
A
1. Storage
(2)Reflow soldering
Temperature profile
To prevent moisture absorption into High-power LEDs during the transportation and storage , the LEDs are packed
required if the shelf life has expired
secondary protection
in a moisture-barrier bag. Desiccants and a humidity indicator are packed together with the LEDs as
The shelf life of LEDs stored in the original sealed bag at <40
and < 90% RH is 12 months. Baking is
Model No.
FYLP-1W-UYS
Peak temperature
Temperature
Pre-heat
Soak
Reflow
Cooling
Time
Melting-point


Similar Part No. - FYLP-1W-UYS

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLP-1W-UYS FORYARD-FYLP-1W-UYS Datasheet
127Kb / 3P
   HIGH POWER
FYLP-1W-UYS-A FORYARD-FYLP-1W-UYS-A Datasheet
391Kb / 7P
   High Power Led lamp
More results

Similar Description - FYLP-1W-UYS

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLP-1W-PGS FORYARD-FYLP-1W-PGS Datasheet
414Kb / 8P
   High Power Led lamp
FYLP-1W-URS FORYARD-FYLP-1W-URS Datasheet
409Kb / 8P
   High Power Led lamp
FYLP-3W-PGS FORYARD-FYLP-3W-PGS Datasheet
410Kb / 8P
   High Power Led lamp
FYLP-10W-UWH FORYARD-FYLP-10W-UWH Datasheet
344Kb / 4P
   High Power Led lamp
logo
BetLux Electronics
BL-HP20EUECB BETLUX-BL-HP20EUECB Datasheet
32Kb / 1P
   High Power LED lamp
logo
Ningbo Foryard Optoelec...
FYLP-1W-PGB FORYARD-FYLP-1W-PGB Datasheet
421Kb / 8P
   High Power Led lamp
FYLP-1W-PGB-A FORYARD-FYLP-1W-PGB-A Datasheet
400Kb / 7P
   High Power Led lamp
FYLP-1W-URB-A FORYARD-FYLP-1W-URB-A Datasheet
404Kb / 7P
   High Power Led lamp
FYLP-1W-UWB-A FORYARD-FYLP-1W-UWB-A Datasheet
399Kb / 7P
   High Power Led lamp
FYLP-1W-UYB-A FORYARD-FYLP-1W-UYB-A Datasheet
404Kb / 7P
   High Power Led lamp
FYLP-3W-PGB FORYARD-FYLP-3W-PGB Datasheet
413Kb / 8P
   High Power Led lamp
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com