Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST173C Datasheet(PDF) 5 Page - International Rectifier

Part # ST173C
Description  INVERTER GRADE THYRISTORS Hockey Puk Version
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST173C Datasheet(HTML) 5 Page - International Rectifier

  ST173C Datasheet HTML 1Page - International Rectifier ST173C Datasheet HTML 2Page - International Rectifier ST173C Datasheet HTML 3Page - International Rectifier ST173C Datasheet HTML 4Page - International Rectifier ST173C Datasheet HTML 5Page - International Rectifier ST173C Datasheet HTML 6Page - International Rectifier ST173C Datasheet HTML 7Page - International Rectifier ST173C Datasheet HTML 8Page - International Rectifier ST173C Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ST173C..C Series
D-517
Fig. 9 - On-state Voltage Drop Characteristics
Fig. 10 - Thermal Impedance Z
thJ-hs
Characteristics
Fig. 11 - Reverse Recovered Charge Characteristics
Fig. 12 - Reverse Recovery Current Characteristics
Fig. 13 - Frequency Characteristics
To Order
Next Data Sheet
Index
Previous Datasheet


Similar Part No. - ST173C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST173C10CCJ0LP IRF-ST173C10CCJ0LP Datasheet
279Kb / 9P
   INVERTER GRADE THYRISTORS
ST173C10CCJ0P IRF-ST173C10CCJ0P Datasheet
279Kb / 9P
   INVERTER GRADE THYRISTORS
ST173C10CCJ1LP IRF-ST173C10CCJ1LP Datasheet
279Kb / 9P
   INVERTER GRADE THYRISTORS
ST173C10CCJ1P IRF-ST173C10CCJ1P Datasheet
279Kb / 9P
   INVERTER GRADE THYRISTORS
ST173C10CCJ2LP IRF-ST173C10CCJ2LP Datasheet
279Kb / 9P
   INVERTER GRADE THYRISTORS
More results

Similar Description - ST173C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST303C IRF-ST303C Datasheet
471Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST333C1111 IRF-ST333C1111 Datasheet
471Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST203C IRF-ST203C Datasheet
483Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST333C IRF-ST333C Datasheet
478Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST223C IRF-ST223C Datasheet
479Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST183C IRF-ST183C Datasheet
426Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST733C IRF-ST733C Datasheet
404Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
logo
Vishay Siliconix
ST333CPBF VISHAY-ST333CPBF Datasheet
346Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
Revision: 30-Apr-08
VS-ST333CC VISHAY-VS-ST333CC Datasheet
286Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
Revision: 13-Sep-17
VS-ST203C VISHAY-VS-ST203C_V01 Datasheet
382Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 370 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com