Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD178003 Datasheet(PDF) 2 Page - NEC

Part # UPD178003
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD178003 Datasheet(HTML) 2 Page - NEC

  UPD178003 Datasheet HTML 1Page - NEC UPD178003 Datasheet HTML 2Page - NEC UPD178003 Datasheet HTML 3Page - NEC UPD178003 Datasheet HTML 4Page - NEC UPD178003 Datasheet HTML 5Page - NEC UPD178003 Datasheet HTML 6Page - NEC UPD178003 Datasheet HTML 7Page - NEC UPD178003 Datasheet HTML 8Page - NEC UPD178003 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
µPD178002, 178003
2
Data Sheet U12628EJ3V0DS00
APPLICATIONS
Car stereo, home stereo systems.
ORDERING INFORMATION
Part Number
Package
µPD178002GC-×××-3B9
80-pin plastic QFP (14
× 14 mm, 0.65 mm pitch)
µPD178003GC-×××-3B9
80-pin plastic QFP (14
× 14 mm, 0.65 mm pitch)
Remark
××× indicates ROM code suffix.
µPD178003 AND µPD178018A SUBSERIES LINEUP
PD178018A Subseries
80 pins
PROM: 60 KB
RAM: 3 KB
PD178P018A
80 pins
ROM: 60 KB
RAM: 3 KB
PD178018A
80 pins
ROM: 48 KB
RAM: 3 KB
PD178016A
80 pins
ROM: 48 KB
RAM: 1 KB
PD178006A
80 pins
ROM: 32 KB
RAM: 1 KB
PD178004A
µ
µ
µ
µ
µ
µ
PD178003 Subseries
80 pins
ROM: 24 KB
RAM: 0.5 KB
PD178003
80 pins
ROM: 16 KB
RAM: 0.5 KB
PD178002
µ
µ
µ


Similar Part No. - UPD178003

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD178002 RENESAS-UPD178002 Datasheet
358Kb / 50P
   MOS INTEGRATED CIRCUIT
1999
logo
NEC
UPD178004 NEC-UPD178004 Datasheet
304Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178004A NEC-UPD178004A Datasheet
314Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
UPD178004A RENESAS-UPD178004A Datasheet
416Kb / 58P
   MOS INTEGRATED CIRCUIT
1997
logo
NEC
UPD178004AGC NEC-UPD178004AGC Datasheet
314Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - UPD178003

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com