Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FYLP-5W-UBS Datasheet(PDF) 7 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYLP-5W-UBS
Description  High Power Led lamp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYLP-5W-UBS Datasheet(HTML) 7 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYLP-5W-UBS Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLP-5W-UBS Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLP-5W-UBS Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLP-5W-UBS Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLP-5W-UBS Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLP-5W-UBS Datasheet HTML 6Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLP-5W-UBS Datasheet HTML 7Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLP-5W-UBS Datasheet HTML 8Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Model. No.
Rev.
Precautions for use:
Page: 7/8
To prevent moisture absorption into High-power LEDs during the transportation and storage , the LEDs are packed
required if the shelf life has expired
secondary protection
in a moisture-barrier bag. Desiccants and a humidity indicator are packed together with the LEDs as
The shelf life of LEDs stored in the original sealed bag at <40
and < 90% RH is 12 months. Baking is
No mechanical stress should be exerted on the resin portion of an High-power LED during soldering.
(2)Reflow soldering
Temperature profile
1. Storage
FYLP-5W-UBS
A
2. Soldering
Before opening the packaging , check for air leaks in the bag.
(1) Manual soldering with a soldering Iron
Model No.
FYLP-5W-UBS
Http://www.foryard.com
Handling of an High-power LED should be done only when the package has been cooled down to below 40
baking is required Take the material out of the packaging bag before baking. Do not open the oven door
Use a soldering iron of less than 25 watts is recommended . The iron temperature must be kept below 315
And soldering time no more than 2 seconds.
The epoxy resin of an High-power LED should not contact the tip of the soldering iron.
After the bag is opened, the High-power LEDs must be stored at <30
and < 60% RH. Under these conditions,
High-power LEDs must be used within 24 hours. If the LEDs are not within 24 hours after removal from the bag ,
frequently during the baking process.
Peak temperature
Temperature
Pre-heat
Soak
Reflow
Cooling
Time
Melting-point


Similar Part No. - FYLP-5W-UBS

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLP-5W-UBS-A FORYARD-FYLP-5W-UBS-A Datasheet
391Kb / 7P
   High Power Led lamp
More results

Similar Description - FYLP-5W-UBS

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLP-1W-PGS FORYARD-FYLP-1W-PGS Datasheet
414Kb / 8P
   High Power Led lamp
FYLP-1W-URS FORYARD-FYLP-1W-URS Datasheet
409Kb / 8P
   High Power Led lamp
FYLP-3W-PGS FORYARD-FYLP-3W-PGS Datasheet
410Kb / 8P
   High Power Led lamp
FYLP-10W-UWH FORYARD-FYLP-10W-UWH Datasheet
344Kb / 4P
   High Power Led lamp
logo
BetLux Electronics
BL-HP20EUECB BETLUX-BL-HP20EUECB Datasheet
32Kb / 1P
   High Power LED lamp
logo
Ningbo Foryard Optoelec...
FYLP-1W-PGB FORYARD-FYLP-1W-PGB Datasheet
421Kb / 8P
   High Power Led lamp
FYLP-1W-PGB-A FORYARD-FYLP-1W-PGB-A Datasheet
400Kb / 7P
   High Power Led lamp
FYLP-1W-URB-A FORYARD-FYLP-1W-URB-A Datasheet
404Kb / 7P
   High Power Led lamp
FYLP-1W-UWB-A FORYARD-FYLP-1W-UWB-A Datasheet
399Kb / 7P
   High Power Led lamp
FYLP-1W-UYB-A FORYARD-FYLP-1W-UYB-A Datasheet
404Kb / 7P
   High Power Led lamp
FYLP-3W-PGB FORYARD-FYLP-3W-PGB Datasheet
413Kb / 8P
   High Power Led lamp
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com