Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST183S Datasheet(PDF) 3 Page - International Rectifier

Part # ST183S
Description  INVERTER GRADE THYRISTORS Stud Version
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ST183S Datasheet(HTML) 3 Page - International Rectifier

  ST183S Datasheet HTML 1Page - International Rectifier ST183S Datasheet HTML 2Page - International Rectifier ST183S Datasheet HTML 3Page - International Rectifier ST183S Datasheet HTML 4Page - International Rectifier ST183S Datasheet HTML 5Page - International Rectifier ST183S Datasheet HTML 6Page - International Rectifier ST183S Datasheet HTML 7Page - International Rectifier ST183S Datasheet HTML 8Page - International Rectifier ST183S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ST183S Series
D-462
Voltage
V
DRM
/V
RRM
, maximum
V
RSM
, maximum
I
DRM
/I
RRM
max.
Type number
Code
repetitive peak voltage
non-repetitive peak voltage
@ T
J
= T
J
max.
V
V
mA
04
400
500
08
800
900
ELECTRICAL SPECIFICATIONS
Voltage Ratings
Frequency
Units
50Hz
570
370
900
610
7040
5220
400Hz
560
360
940
630
3200
2280
1000Hz
500
300
925
610
1780
1200
A
2500Hz
340
190
760
490
880
560
Recovery voltage Vr
50
50
50
50
50
50
Voltage before turn-on Vd
V
DRM
V
DRM
V
DRM
Rise of on-state current di/dt
50
50
-
-
-
-
A/
µs
Case temperature
60
85
60
85
60
85
°C
Equivalent values for RC circuit
47
Ω / 0.22µF
47
Ω / 0.22µF
47
Ω / 0.22µF
I
TM
180oel
180oel
100
µs
I
TM
I
TM
Current Carrying Capability
V
I
T(AV)
Max. average on-state current
195
A
180° conduction, half sine wave
@ Case temperature
85
°C
I
T(RMS)
Max. RMS on-state current
306
DC @ 74°C case temperature
I
TSM
Max. peak, one half cycle,
4900
t = 10ms
No voltage
non-repetitive surge current
5130
A
t = 8.3ms
reapplied
4120
t = 10ms
100% V
RRM
4310
t = 8.3ms
reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
120
t = 10ms
No voltage
Initial T
J
= T
J
max
110
t = 8.3ms
reapplied
85
t = 10ms
100% V
RRM
78
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
1200
KA2
√s
t = 0.1 to 10ms, no voltage reapplied
Parameter
ST183S
Units
Conditions
On-state Conduction
KA2s
ST183S
40
To Order
Next Data Sheet
Index
Previous Datasheet


Similar Part No. - ST183S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST183S08PFK0PBF VISHAY-ST183S08PFK0PBF Datasheet
253Kb / 9P
   Inverter Grade Thyristors (Stud Version), 195 A
Revision: 30-Apr-08
ST183S08PFK1PBF VISHAY-ST183S08PFK1PBF Datasheet
253Kb / 9P
   Inverter Grade Thyristors (Stud Version), 195 A
Revision: 30-Apr-08
ST183SPBF VISHAY-ST183SPBF Datasheet
253Kb / 9P
   Inverter Grade Thyristors (Stud Version), 195 A
Revision: 30-Apr-08
More results

Similar Description - ST183S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST083S IRF-ST083S Datasheet
343Kb / 9P
   INVERTER GRADE THYRISTORS Stud Version
ST103S IRF-ST103S Datasheet
351Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST173S IRF-ST173S Datasheet
407Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST203S IRF-ST203S Datasheet
361Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST223S IRF-ST223S Datasheet
444Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST333S IRF-ST333S Datasheet
402Kb / 10P
   INVERTER GRADE THYRISTORS Stud Version
ST303S IRF-ST303S Datasheet
257Kb / 9P
   INVERTER GRADE THYRISTORS Stud Version
logo
Vishay Siliconix
ST303SPBF VISHAY-ST303SPBF Datasheet
299Kb / 9P
   Inverter Grade Thyristors (Stud Version), 300 A
Revision: 30-Apr-08
VS-ST083SP VISHAY-VS-ST083SP Datasheet
207Kb / 10P
   Inverter Grade Thyristors (Stud Version), 85 A
Revision: 06-Feb-17
ST083SPBF VISHAY-ST083SPBF Datasheet
164Kb / 9P
   Inverter Grade Thyristors (Stud Version), 85 A
Revision: 25-Jul-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com