Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN487 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN487
Description  INTRODUCTION TO A 10A MONOLITHIC SWITCHING
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN487 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN487 Datasheet HTML 5Page - STMicroelectronics AN487 Datasheet HTML 6Page - STMicroelectronics AN487 Datasheet HTML 7Page - STMicroelectronics AN487 Datasheet HTML 8Page - STMicroelectronics AN487 Datasheet HTML 9Page - STMicroelectronics AN487 Datasheet HTML 10Page - STMicroelectronics AN487 Datasheet HTML 11Page - STMicroelectronics AN487 Datasheet HTML 12Page - STMicroelectronics AN487 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11/13
AN487 APPLICATION NOTE
When the comparator senses an overcurrent, the
flip-flop is set and an internal inhibit signal is gen-
erated. The flip-flop remains set until next reset
clock pulse coming from the internal 40 KHz oscil-
lator. After the reset pulse the regulation loop
takes the control of the system and the output cur-
rent begins to increase to the load value at the
switching frequency of the master clock.
If the
overload condition is still present the protection cy-
cle repeats. This mixed, pulse by pulse, lowering
frequency current protection method, assures a
constant current output when the system is in
overload or short circuit and allows to implement a
reliable current limitation even at high switching
frequency (500 KHz) reducing the problems of sig-
nal delay through the protection stage. Fig.22
shows behavior of the inductance current when
the system is in overload.
Figure 22. Overload inductance current.
The internal 40 KHz oscillator is synchronized with
the master clock. When the system works with the
master clock at a lower frequency of the internal
clock, than the internal clock tracks the master fre-
quency. This assures that the frequency does not
increas during overload.
POWER FAIL-RESET CIRCUIT
The L4970A include a voltage sensing circuit that
may be used to generate a power on power off re-
set signal for a microprocessor system. The circuit
senses the input supply voltage and the output
generated voltage and will generate the required
reset signal only when both the sensed voltages
have reached the required value for correct sys-
tem operation. The Reset signal is generated after
a delay time programmable by an external capac-
itor on the delay pin. Fig. 23 shows the circuit im-
plementation of Reset circuit. The supply voltage
is sensed on an external pin, for programmability
of the threshold, by a first comparator. The second
comparator has the reference threshold set at
slightly less the ref. voltage for the regulation cir-
cuit and the other input connected internally at the
feedback point on the error amplifier. This allows
to sense the output regulated voltage. When both
the supply voltage and the regulated voltage are in
the correct range, transistor Q1 turns off and al-
lows the current generator to charge the delay ca-
pacitor. When the capacitor voltage reaches 5V
the output Reset signal is generated. A latch as-
sures that if a spike is present on the sensed volt-
age the delay capacitor discharges completely
before initialization of a new Reset cycle. The out-
put gate assures immediate take of reset signal
without waiting for complete discharge of delay ca-
pacitor. Reset output is an open collector transis-
tor capable of sinking 20mA at 200mV volt-
age.Fig. 24 shows reset waveforms.
Figure 23.


Similar Part No. - AN487

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
AN4870 DYNEX-AN4870 Datasheet
81Kb / 5P
   Effects Of Temperature On Thyristor Performance
More results

Similar Description - AN487

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
BOK-11729 SPARKFUN-BOK-11729 Datasheet
115Kb / 2P
   Python for Kids: A Playful Introduction to Programming
6??1??7
logo
STMicroelectronics
AN900 STMICROELECTRONICS-AN900 Datasheet
787Kb / 15P
   INTRODUCTION TO SEMICONDUCTOR TECHNOLOGY
logo
Fairchild Semiconductor
AN-558 FAIRCHILD-AN-558 Datasheet
774Kb / 12P
   Introduction to Power MOSFETS
logo
Renesas Technology Corp
RZ_A RENESAS-RZ_A Datasheet
437Kb / 2P
   RTOS-Based MPU Introduction to Renesas RZ/A Series
2022.8
logo
ON Semiconductor
AND8085 ONSEMI-AND8085 Datasheet
23Kb / 2P
   An Introduction to FST
April, 2002 ??Rev. 0
logo
List of Unclassifed Man...
STM32-P407 ETC2-STM32-P407 Datasheet
2Mb / 33P
   Introduction to the chapter
logo
CIT Relay & Switch
WJ152 CIT-WJ152 Datasheet
236Kb / 3P
   Switching capacity up to 10A
J105D CIT-J105D Datasheet
133Kb / 3P
   Switching capacity up to 10A
J097 CIT-J097 Datasheet
125Kb / 2P
   Switching capacity up to 10A
J152 CIT-J152 Datasheet
170Kb / 3P
   Switching capacity up to 10A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com