Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN937 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN937
Description  The L4971 is a 1.5 A monolithic dc-dc converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN937 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN937 Datasheet HTML 3Page - STMicroelectronics AN937 Datasheet HTML 4Page - STMicroelectronics AN937 Datasheet HTML 5Page - STMicroelectronics AN937 Datasheet HTML 6Page - STMicroelectronics AN937 Datasheet HTML 7Page - STMicroelectronics AN937 Datasheet HTML 8Page - STMicroelectronics AN937 Datasheet HTML 9Page - STMicroelectronics AN937 Datasheet HTML 10Page - STMicroelectronics AN937 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
AN937
Power supply, UVLO and voltage reference
Doc ID 5655 Rev 15
7/29
In this condition, because of this fixed blanking time, the output current is given by:
In Figure 8, the pulse by pulse protection is sufficient to limit the current.
In Figure 9 the pulse by pulse protection is no more effective to limit the current due to the
minimum Ton fixed by the blanking time TB, and the hiccup protection intervenes because
the output peak current reaches the relative threshold. At the pulse by pulse intervention
(point A) the output voltage drops because of the Ton reduction, and the current is almost
constant. Going versus the short circuit condition, the current is only limited by the series
resistances RD and RL (see relation above) and could reach the hiccup threshold (point B),
set 20% higher than the pulse by pulse. Once the hiccup limiting current is operating, in
output short circuit condition, the delivered average output current decreases dramatically at
very low values (point C).
Figure 8.
Output characteristics
Figure 9.
Output characteristics
I
max
V
CC
T
B
F
SW
V
f
1T
B
F
SW
()
⋅⋅
[]
R
O
R
D
R
L
+
() 1T
B
F
SW
()
R
dson
R
L
+
()T
B
F
SW
++
[]
---------------------------------------------------------------------------------------------------------------------------------------------------
=
2.5A 3A
IO
VO
D98IN908A
A
B
C
2.5A 3A
IO
VO
D97IN809
A


Similar Part No. - AN937

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN934 STMICROELECTRONICS-AN934 Datasheet
129Kb / 14P
   How to use the digital calibration feature
AN938 STMICROELECTRONICS-AN938 Datasheet
1Mb / 33P
   The L4973 family is a 3.5 A monolithic DC-DC converter
logo
Microchip Technology
AN939 MICROCHIP-AN939 Datasheet
432Kb / 18P
   Designing Energy Meters with the PIC16F873A
2005
logo
List of Unclassifed Man...
AN93B06K ETC2-AN93B06K Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Panasonic Semiconductor
AN93B06SCR PANASONIC-AN93B06SCR Datasheet
201Kb / 3P
   BROAD BAND VIDEO AMPLIFIER IC FOR CRT MONITOR
More results

Similar Description - AN937

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN938 STMICROELECTRONICS-AN938 Datasheet
1Mb / 33P
   The L4973 family is a 3.5 A monolithic DC-DC converter
AN3392 STMICROELECTRONICS-AN3392 Datasheet
5Mb / 57P
   The SPV1020 is a monolithic DC-DC boost converter designed
logo
Allegro MicroSystems
SPI-8002TW ALLEGRO-SPI-8002TW Datasheet
444Kb / 10P
   Dual 1.5 A, DC/DC Step-Down Converter
SPI-8001TW ALLEGRO-SPI-8001TW Datasheet
427Kb / 10P
   Dual 1.5 A, DC/DC Step-Down Converter
logo
Nippon Precision Circui...
SM8131B NPC-SM8131B Datasheet
218Kb / 21P
   The SM8131B is a charge pump DC/DC converter that switches between 1 and 1.5 automatically.
logo
Allegro MicroSystems
SI-8025JF ALLEGRO-SI-8025JF Datasheet
320Kb / 9P
   Step-Down to 2.5 V, 1.5 A, DC/DC Converter
SI-8090JF ALLEGRO-SI-8090JF Datasheet
326Kb / 9P
   Step-Down to 9.0 V, 1.5 A, DC/DC Converter
SI-8050JF ALLEGRO-SI-8050JF Datasheet
326Kb / 9P
   Step-Down to 5.0 V, 1.5 A, DC/DC Converter
SI-8033JD ALLEGRO-SI-8033JD Datasheet
546Kb / 10P
   Step-Down to 3.3 V, 1.5 A, DC/DC Converter
SI-8120JD ALLEGRO-SI-8120JD Datasheet
574Kb / 10P
   Step-Down to 12.0 V, 1.5 A, DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com