Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1061 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1061
Description  2A HIGH EFFICIENCY DC-DC CONVERTERY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1061 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1061 Datasheet HTML 1Page - STMicroelectronics AN1061 Datasheet HTML 2Page - STMicroelectronics AN1061 Datasheet HTML 3Page - STMicroelectronics AN1061 Datasheet HTML 4Page - STMicroelectronics AN1061 Datasheet HTML 5Page - STMicroelectronics AN1061 Datasheet HTML 6Page - STMicroelectronics AN1061 Datasheet HTML 7Page - STMicroelectronics AN1061 Datasheet HTML 8Page - STMicroelectronics AN1061 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
AN1061 APPLICATION NOTE
4/21
The oscillator peak-to-valley voltage is proportional to the supply voltage, and the voltage
feedforward is operative from 8V to 55V of input supply.
Also the
∆V/∆t of the sawtooth is directly proportional to the supply voltage. As Vcc increases,
the Ton time of the power transistor decreases in such a way to provide to the chocke, and
finally also the load, the product Voltxsec constant.
Figure 6 shows how the duty cycle varies as a result of the change on the
∆V/∆t of the sawtooth
with the Vcc.
Figure 6. Voltage Feedforward Function
The output of the error amplifier doesn’t change in order to maintain the output voltage con-
stant and in regulation.
With this function on board, the output response time is greatly reduced in presence of an
abrupt change on the supply voltage, and the output ripple voltage at the mains frequency is
greatly reduced too.
In fact, the slope of the ramp is modulated by the input ripple voltage, generally present in the
order of some tens of Volt, for both off-line and dc-dc converters using mains transformers.
The charge and discharge time are approximable to:
The maximum duty cycle is a function of Tch, Tdis and an internal delay and is expressed by
the equation:
and is represented in figure 7.
∆V
osc
V
CC
1
6
--------------------
=
V1
V2-3
D97IN684
Vi=30V
Vi=15V
Vc
t
Vi=30V
Vi=15V
t
T
ch
R
osc
C
osc
In
6
5
---


⋅⋅
=
T
dis
100 C
osc
=
Dmax
R
osc
C
osc
In
6
5
---


80 10
9
⋅⋅
R
osc
C
osc
In
6
5
---


100 C
osc
+
⋅⋅
----------------------------------------------------------------------------------
=


Similar Part No. - AN1061

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1060 STMICROELECTRONICS-AN1060 Datasheet
204Kb / 11P
   FLYBACK CONVERTERS WITH THE L6561 PFC
logo
Motorola, Inc
AN1062 MOTOROLA-AN1062 Datasheet
609Kb / 11P
   Using the QSPI for Analog Data Acquisition
logo
Freescale Semiconductor...
AN1063/D FREESCALE-AN1063/D Datasheet
58Kb / 10P
   Product Brief Integrated Processor With DMA
logo
NXP Semiconductors
AN1063/D NXP-AN1063/D Datasheet
1Mb / 37P
   Integrated CPU32 Processor
Rev 1
logo
Freescale Semiconductor...
AN1063D FREESCALE-AN1063D Datasheet
2Mb / 441P
   Integrated Processor with DMA User?셲 Manual
More results

Similar Description - AN1061

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM1549 HMSEMI-HM1549 Datasheet
711Kb / 6P
   2A High Efficiency Step-Up DC/DC Voltage Regulator
logo
Maxim Integrated Produc...
MAX5090A MAXIM-MAX5090A Datasheet
658Kb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
MAX5090A MAXIM-MAX5090A_V01 Datasheet
2Mb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
2014
logo
List of Unclassifed Man...
TS33001 ETC2-TS33001 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
logo
Maxim Integrated Produc...
MAX5090CATE-T MAXIM-MAX5090CATE-T Datasheet
664Kb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
logo
Richtek Technology Corp...
RT8058 RICHTEK-RT8058 Datasheet
237Kb / 15P
   1MHz, 2A, High Efficiency PWM Step-Down DC/DC Converter
RT8058A RICHTEK-RT8058A Datasheet
285Kb / 14P
   1.2MHz, 2A, High Efficiency PWM Step-Down DC/DC Converter
logo
List of Unclassifed Man...
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
logo
Major-Power Technology ...
MA5201 MPOWER-MA5201 Datasheet
277Kb / 2P
   18V/2A High Efficiency Synchronous Step-Down DC/DC Converter
Rev.1.0
logo
SHANGHAI BELLING CO., L...
BL8042B BELLING-BL8042B Datasheet
818Kb / 6P
   High Efficiency 1.2MHz 28V 2A Step-up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com