Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1134 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1134
Description  45W AC-DC ADAPTER WITH STANDBY FUNCTION
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1134 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1134 Datasheet HTML 1Page - STMicroelectronics AN1134 Datasheet HTML 2Page - STMicroelectronics AN1134 Datasheet HTML 3Page - STMicroelectronics AN1134 Datasheet HTML 4Page - STMicroelectronics AN1134 Datasheet HTML 5Page - STMicroelectronics AN1134 Datasheet HTML 6Page - STMicroelectronics AN1134 Datasheet HTML 7Page - STMicroelectronics AN1134 Datasheet HTML 8Page - STMicroelectronics AN1134 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
If the user wants to decrease the power level that causes the switching frequency to be moved from fosc
to fSB (PinSB), he or she can add a fixed DC offset (typically in the range 0-200 mV) on L5991’s current
sense pin (13, ISEN). This can be accomplished by means of R24, currently not used. The offset will be
the partition of the reference voltage (pin 4, VREF) through R24 and R14. Consider that applying the off-
set may require the sense resistor R15 to be reduced, as shown in table 4. Increasing R15 is instead the
way to increase PinSB.
Table 4. Adjustment of the static standby thresholds
R24
open
100k
47k
33k
24k
R15[
Ω]
0.47
0.43
0.43
0.43
0.39
DC offset[mV]
0
50
100
150
200
PinSB[W]
8.3
6.2
5.1
3.6
2.5
PinNW[W]
13.3
11.9
12.3
11.1
11.5
Table 3. Transformer Specification (Part Number RDT20001, supplied by RD Elettronica).
Core
Philips EFD30x15x9, 3C85 Material or equivalent
Bobbin
Horizontal mounting, 12 pins
Air gap
≅ 0.7 mm for an inductance 2-6 of 400 µH
Leakage inductance
< 10
µH
Windings
Spec & Build
Winding
Wire
S-F
Turns
Notes
Pri1
AWG27
2-4
25
Sec (a)
AWG25
11-7
12
Bifiliar with Sec (b)
Sec (b)
AWG25
12-8
12
Bifiliar with Sec (a)
Pri2
AWG27
4-6
25
Aux
AWG32
3-1
10
Evenly spaced
Note: sec (a) and sec (b) are paralleled on the PCB
Figure 2. PCB layout: Silk + component side and bottom layer (top view); 1:1.25 scale.
AN1134 APPLICATION NOTE
4/9


Similar Part No. - AN1134

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN113 SILABS-AN113 Datasheet
496Kb / 52P
   SERIAL COMMUNICATION WITH THE SMBUS
logo
NXP Semiconductors
AN11308 NXP-AN11308 Datasheet
2Mb / 40P
   Quick Start Up Guide PNEV512B Board
Rev. 2.4-26 June 2018
logo
STMicroelectronics
AN1131 STMICROELECTRONICS-AN1131 Datasheet
215Kb / 17P
   This application note provides information
AN1132 STMICROELECTRONICS-AN1132 Datasheet
196Kb / 12P
   90W SMPS FOR MONITORS WITH STANDBY FUNCTION
More results

Similar Description - AN1134

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2344 NJRC-NJM2344 Datasheet
156Kb / 9P
   PWM DC/DC Converter IC with Standby Function
NJM2345 NJRC-NJM2345 Datasheet
144Kb / 8P
   PWM DC/DC Converter IC with Standby Function
logo
MORNSUN Science& Techno...
LO45-10B03 MORNSUN-LO45-10B03 Datasheet
915Kb / 4P
   45W, AC-DC converter
logo
CUI INC
DPR050030-P6P-SZ CUI-DPR050030-P6P-SZ Datasheet
597Kb / 13P
   AC/DC Adapter
logo
Rohm
BP5074 ROHM-BP5074 Datasheet
595Kb / 2P
   AC/DC converters with low power consumption during standby
logo
STMicroelectronics
AN1132 STMICROELECTRONICS-AN1132 Datasheet
196Kb / 12P
   90W SMPS FOR MONITORS WITH STANDBY FUNCTION
logo
MORNSUN Science& Techno...
MG01203UA MORNSUN-MG01203UA Datasheet
274Kb / 3P
   12W AC/DC Adapter
MI00505WA MORNSUN-MI00505WA Datasheet
240Kb / 3P
   5W AC/DC Adapter
MC01203UA MORNSUN-MC01203UA Datasheet
257Kb / 3P
   12W AC/DC Adapter
ME02405HA MORNSUN-ME02405HA Datasheet
431Kb / 4P
   24W AC/DC Adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com