Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1283 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1283
Description  A BATTERY CHARGER USING TSM101
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1283 Datasheet(HTML) 7 Page - STMicroelectronics

  AN1283 Datasheet HTML 1Page - STMicroelectronics AN1283 Datasheet HTML 2Page - STMicroelectronics AN1283 Datasheet HTML 3Page - STMicroelectronics AN1283 Datasheet HTML 4Page - STMicroelectronics AN1283 Datasheet HTML 5Page - STMicroelectronics AN1283 Datasheet HTML 6Page - STMicroelectronics AN1283 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
AN1283 - APPLICATION NOTE
7/7
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the
consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from
its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications
mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information
previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or
systems without express written approval of STMicroelectronics.
© The ST logo is a registered trademark of STMicroelectronics
© 2001 STMicroelectronics - Printed in Italy - All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco
Singapore - Spain - Sweden - Switzerland - United Kingdom
© http://www.st.com
For medium currents (< 1A), a good value for the
voltage drop through R5 can be Vsense = 200mV
(dissipation < 200mW).
The resistor bridge R2/R3 should be chosen
following equation 2 :
u V
sense = R3 / (R2+R3) x Vref
eq2
The total value of the resistor bridge should be in
the range of the kW in order to ensure a proper
charge for the voltage reference (in the range of
the mA).
To set the current limit, the sense resistor R5
should be chosen following equation 3 :
u I
lim = Vsense / R5
eq3
The internal current generator (Isce) can be used
to offset the current limitation with a lower value.
This current generator is activated by connecting
pin 2 to ground. It is inhibited if pin 2 is connected
to the positive rail via the pull up resistor R1.
The current offset is given by the choice of the
resistor R4.
If Ilim1 is the current limit calculated in the previous
paragraph, and Ilim2 is the current limit that is to be
set when pin 2 is connected to ground, R4 should
be chosen following equation 4 :
u R
4 = (Vsense - Ilim2 x R5) / Isce
eq4
where Isce = 1.4mA
C4 and C5 are bypass capacitors used to
smoothen the regulated outputs.
C2 and C3 are capacitors used for high frequency
compensation.
EXAMPLES OF COMPONENT LISTS
Table
1
summarizes
a
few
examples
of
component lists to generate quickly 15V/700mA/
200mA, 12V/1A/500mA or 8.2V/200mA/100mA
voltage and current regulations.
Table 1
Figure 8
Voltage/
Current
Control
15V
700mA
200mA
12V
1A
500mA
8.2V
200mA
100mA
R1
10k
10k
10k
R2
1.2k
1.2k
1.2k
R3
220
220
220
R4
100
68
68
R5
1.2
Ωx4
0.8
Ωx4
1
Ωx4
R6
1k
1k
1k
R7
12k
8.2k
5.6k
P1
100
100
100
2 straps
0
0
0
C2
100nF
100nF
100nF
C3
100nF
100nF
100nF
C4
10
µF22µF
4.7
µF
C5
100nF
100nF
100nF


Similar Part No. - AN1283

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1280 STMICROELECTRONICS-AN1280 Datasheet
86Kb / 8P
   ELECTRONIC CIRCUIT BREAKER
AN1281 STMICROELECTRONICS-AN1281 Datasheet
47Kb / 3P
   TS613 AS DRIVER FOR ADSL LINE INTERFACES
logo
Panasonic Semiconductor
AN1281SSM PANASONIC-AN1281SSM Datasheet
55Kb / 2P
   Ripple Filter IC
logo
STMicroelectronics
AN1282 STMICROELECTRONICS-AN1282 Datasheet
179Kb / 2P
   PREAMPLIFIER AND SPEAKER DRIVER USING TS925
AN1284 STMICROELECTRONICS-AN1284 Datasheet
79Kb / 3P
   A Li-Ion BATTERY CHARGER USING TSM102A
More results

Similar Description - AN1283

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1284 STMICROELECTRONICS-AN1284 Datasheet
79Kb / 3P
   A Li-Ion BATTERY CHARGER USING TSM102A
logo
Silicon Laboratories
AN137 SILABS-AN137 Datasheet
380Kb / 36P
   LITHIUM ION BATTERY CHARGER USING C8051F300
logo
STMicroelectronics
STEVAL-ISA020V1 STMICROELECTRONICS-STEVAL-ISA020V1 Datasheet
126Kb / 6P
   3.5 W battery charger demonstration board based on the VIPer12AS-E and TSM101
logo
Power Sonic Corporation
PSC-121000A-C POWER-SONIC-PSC-121000A-C Datasheet
334Kb / 1P
   Sealed Lead Acid Battery Charger A-C Battery Charger Series
logo
STMicroelectronics
AN2390 STMICROELECTRONICS-AN2390 Datasheet
578Kb / 42P
   A flexible universal battery charger
logo
Shanghai Consonance Ele...
CN3059 CONSONANCE-CN3059 Datasheet
205Kb / 12P
   Battery Charger
logo
Altech corporation
CB12245A ALTECH-CB12245A Datasheet
785Kb / 2P
   Battery Charger
logo
STMicroelectronics
GSAC-8.507BC STMICROELECTRONICS-GSAC-8.507BC Datasheet
57Kb / 4P
   BATTERY CHARGER
logo
Technology Dynamics Inc...
TCP-BC-12-50 TECHNOLOGY-TCP-BC-12-50 Datasheet
286Kb / 2P
   BATTERY CHARGER
logo
STMicroelectronics
GSCC-8507BC STMICROELECTRONICS-GSCC-8507BC Datasheet
68Kb / 4P
   BATTERY CHARGER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com