Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1495 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1495
Description  Microstepping stepper motor drive
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1495 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1495 Datasheet HTML 1Page - STMicroelectronics AN1495 Datasheet HTML 2Page - STMicroelectronics AN1495 Datasheet HTML 3Page - STMicroelectronics AN1495 Datasheet HTML 4Page - STMicroelectronics AN1495 Datasheet HTML 5Page - STMicroelectronics AN1495 Datasheet HTML 6Page - STMicroelectronics AN1495 Datasheet HTML 7Page - STMicroelectronics AN1495 Datasheet HTML 8Page - STMicroelectronics AN1495 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
General description
AN1495
4/25
Doc ID 8700 Rev 3
1
General description
Microstepping a stepper motor may be used to achieve one or both of two objectives; 1)
increase the position resolution or 2) achieve smoother operation of the motor. In either case
the basic theory of operation is the same.
The simplified model of a stepper motor is a permanent magnet rotor and two coils on the
stator separated by 90°, as shown in Figure 1. In classical full step operation an equal
current is delivered to each of the coils and the rotor will align itself with the resulting
magnetic vector along one of the 45° axis. To step the motor, the current in one of the two
coils is reversed and the rotor will rotate 90°. The complete full step sequence is shown in
Figure 2. Half step drive, where the current in the coil is turned off for one step period before
being turned on in the opposite direction, has been used to double the step resolution of a
motor. In either full and half step drive, the motor can be positioned only at one of the 4 (8 for
half step) defined positions.[4.][5.] Therefore, the number of steps per electrical revolution
and the number of poles on the motor determine the resolution of the motor. Typical motors
are designed for 1.8° steps (200 steps per revolution) or 7.5° steps (48 steps per revolution).
The resolution may be doubled to 0.9 or 3.75° by driving the motor in half step. Further
increasing the resolution requires positioning the rotor at positions between the full step and
half step positions.
Figure 1.
Model of stepper motor
Figure 2.
Full step sequence
I1
I2
AM15142v1
I1
I2
I1
I2
I2
I1
I2
1
3
5
7
I1
AM15143v1


Similar Part No. - AN1495

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1496 STMICROELECTRONICS-AN1496 Datasheet
240Kb / 17P
   Flash Programming / Reprogramming
More results

Similar Description - AN1495

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA3717 ETC1-TDA3717 Datasheet
270Kb / 6P
   STEPPER MOTOR DRIVE CIRCUIT
logo
Texas Instruments
UC3717Q TI-UC3717Q Datasheet
479Kb / 10P
[Old version datasheet]   Stepper Motor Drive Circuit
logo
NXP Semiconductors
SAA1027 PHILIPS-SAA1027 Datasheet
214Kb / 9P
   STEPPER MOTOR DRIVE CIRCUIT
December 1974
logo
Texas Instruments
UC3717A TI-UC3717A Datasheet
454Kb / 9P
[Old version datasheet]   Stepper Motor Drive Circuit
UC1517 TI1-UC1517_12 Datasheet
540Kb / 12P
[Old version datasheet]   Stepper Motor Drive Circuit
logo
Ericsson
PBL3717 ERICSSON-PBL3717 Datasheet
508Kb / 7P
   Stepper Motor Drive Circuit
September 1989
PBD3517-1 ERICSSON-PBD3517-1 Datasheet
135Kb / 10P
   Stepper Motor Drive Circuit
logo
Texas Instruments
UC1717 TI-UC1717 Datasheet
515Kb / 9P
[Old version datasheet]   Stepper Motor Drive Circuit
SLUS369 TI1-SLUS369 Datasheet
648Kb / 12P
[Old version datasheet]   Stepper Motor Drive Circuit
UC3717A TI1-UC3717A_9 Datasheet
648Kb / 12P
[Old version datasheet]   Stepper Motor Drive Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com