Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX66L1G45G Datasheet(PDF) 9 Page - Macronix International

Part # MX66L1G45G
Description  3V 1G-BIT [x 1/x 2/x 4] CMOS MXSMIO
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX66L1G45G Datasheet(HTML) 9 Page - Macronix International

Back Button MX66L1G45G Datasheet HTML 5Page - Macronix International MX66L1G45G Datasheet HTML 6Page - Macronix International MX66L1G45G Datasheet HTML 7Page - Macronix International MX66L1G45G Datasheet HTML 8Page - Macronix International MX66L1G45G Datasheet HTML 9Page - Macronix International MX66L1G45G Datasheet HTML 10Page - Macronix International MX66L1G45G Datasheet HTML 11Page - Macronix International MX66L1G45G Datasheet HTML 12Page - Macronix International MX66L1G45G Datasheet HTML 13Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 124 page
background image
9
MX66L1G45G
REV. 1.0, OCT. 01, 2014
P/N: PM2018
6. DATA PROTECTION
During power transition, there may be some false system level signals which result in inadvertent erasure or
programming. The device is designed to protect itself from these accidental write cycles.
The state machine will be reset as standby mode automatically during power up. In addition, the control register
architecture of the device constrains that the memory contents can only be changed after specific command
sequences have completed successfully.
In the following, there are several features to protect the system from the accidental write cycles during VCC power-
up and power-down or from system noise.
• Valid command length checking: The command length will be checked whether it is at byte base and completed
on byte boundary.
• Write Enable (WREN) command: WREN command is required to set the Write Enable Latch bit (WEL) before
other command to change data.
• Deep Power Down Mode: By entering deep power down mode, the flash device also is under protected from
writing all commands except Release from deep power down mode command (RDP) and Read Electronic
Signature command (RES), Erase/Program suspend command, Erase/Program resume command and softreset
command.
• Advanced Security Features: there are some protection and security features which protect content from
inadvertent write and hostile access.


Similar Part No. - MX66L1G45G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX66L51235F MCNIX-MX66L51235F Datasheet
1Mb / 107P
   3V 512M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX66L51235FMI-10G MCNIX-MX66L51235FMI-10G Datasheet
1Mb / 83P
   3V, 512M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX66L51235FMI10G MCNIX-MX66L51235FMI10G Datasheet
1Mb / 107P
   3V 512M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX66L51235FXDI-10G MCNIX-MX66L51235FXDI-10G Datasheet
1Mb / 83P
   3V, 512M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
MX66L51235FXDI10G MCNIX-MX66L51235FXDI10G Datasheet
1Mb / 107P
   3V 512M-BIT [x 1/x 2/x 4] CMOS MXSMIO짰 (SERIAL MULTI I/O) FLASH MEMORY
More results

Similar Description - MX66L1G45G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25U6473F MCNIX-MX25U6473F Datasheet
1Mb / 90P
   1.8V 64M-BIT [x 1/x 2/x 4] CMOS MXSMIO
MX25L51245G MCNIX-MX25L51245G Datasheet
1Mb / 123P
   3V 512M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O)
MX25L12835F MCNIX-MX25L12835F Datasheet
1Mb / 102P
   3V 128M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
logo
Generalplus Technology ...
GPR25L3203F GENERALPLUS-GPR25L3203F Datasheet
3Mb / 47P
   3V, 32M-BIT [x 1/x 2/x 4] CMOS MXSMIO(SERIAL MULTI I/O) FLASH MEMORY
logo
Macronix International
MX25R6435F MCNIX-MX25R6435F Datasheet
1Mb / 77P
   Wide Vcc Range 64M-BIT [x 1/x 2/x 4] CMOS MXSMIO
logo
Generalplus Technology ...
GPR25L6403F GENERALPLUS-GPR25L6403F Datasheet
1Mb / 47P
   3V, 64M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
GPR25L25606F GENERALPLUS-GPR25L25606F Datasheet
1Mb / 73P
   3V, 256M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
GPR25L12806F GENERALPLUS-GPR25L12806F Datasheet
968Kb / 50P
   3V, 128M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
logo
Macronix International
MX25L12875F MCNIX-MX25L12875F Datasheet
1Mb / 102P
   3V 128M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
logo
Generalplus Technology ...
GPR25L6404F GENERALPLUS-GPR25L6404F Datasheet
1Mb / 56P
   3V, 64M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com