Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGF2025 Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TGF2025
Description  250 um Discrete GaAs pHEMT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGF2025 Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TGF2025_15 Datasheet HTML 1Page - TriQuint Semiconductor TGF2025_15 Datasheet HTML 2Page - TriQuint Semiconductor TGF2025_15 Datasheet HTML 3Page - TriQuint Semiconductor TGF2025_15 Datasheet HTML 4Page - TriQuint Semiconductor TGF2025_15 Datasheet HTML 5Page - TriQuint Semiconductor TGF2025_15 Datasheet HTML 6Page - TriQuint Semiconductor TGF2025_15 Datasheet HTML 7Page - TriQuint Semiconductor TGF2025_15 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TGF2025
250 um Discrete GaAs pHEMT
Datasheet: Rev. D 11-04-13
- 3 of 8 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
S-Parameters
Test Conditions: VDS=+8 V (typ.), IDS=50% IDSS, Temp=+25°C, 50Ω system
Freq (GHz) S11 (mag) S11 (ang) S21 (mag) S21 (ang) S12 (mag) S12 (ang) S22 (mag) S22 (ang)
1
0.98
-25.0
7.88
162.0
0.020
72.9
0.73
-10.1
2
0.95
-49.0
7.45
146.6
0.037
61.3
0.70
-19.7
3
0.92
-71.5
6.86
132.2
0.051
49.9
0.66
-27.9
4
0.88
-92.3
6.23
118.9
0.062
39.4
0.61
-35.0
5
0.85
-110.7
5.62
106.9
0.069
30.2
0.56
-41.4
6
0.83
-127.1
5.04
96.2
0.074
22.3
0.52
-46.8
7
0.82
-141.7
4.54
86.5
0.077
15.3
0.49
-51.4
8
0.81
-155.0
4.10
77.6
0.079
9.3
0.46
-55.0
9
0.81
-167.1
3.70
69.2
0.079
3.7
0.44
-59.1
10
0.80
-177.6
3.35
61.6
0.079
-1.4
0.42
-63.0
11
0.80
173.2
3.04
54.5
0.078
-5.5
0.40
-67.2
12
0.81
164.9
2.78
47.6
0.076
-9.4
0.39
-71.3
13
0.81
157.4
2.56
40.8
0.075
-13.2
0.39
-75.8
14
0.82
150.9
2.36
34.4
0.073
-16.5
0.38
-80.1
15
0.83
144.8
2.19
28.8
0.071
-18.8
0.37
-84.6
16
0.84
139.0
2.04
23.2
0.069
-20.8
0.37
-88.7
17
0.85
134.0
1.90
17.7
0.068
-22.8
0.36
-94.5
18
0.85
128.9
1.76
12.3
0.066
-24.8
0.36
-100.3
19
0.84
124.6
1.64
7.5
0.063
-26.0
0.37
-105.2
20
0.86
121.5
1.56
2.6
0.062
-26.4
0.38
-110.5
21
0.88
116.9
1.47
-2.6
0.061
-27.4
0.38
-116.5
22
0.89
113.5
1.38
-7.7
0.059
-28.4
0.39
-122.0
23
0.89
110.1
1.31
-12.7
0.058
-29.4
0.39
-127.3
24
0.89
106.9
1.23
-17.4
0.057
-29.1
0.40
-133.1
25
0.90
103.9
1.16
-22.2
0.056
-28.9
0.41
-138.7
26
0.91
100.9
1.10
-26.9
0.056
-29.2
0.42
-144.3
Includes 1 bond wire on Gate, 1 bond wire on Drain, and 3 bond wires on each Source pad.


Similar Part No. - TGF2025_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGF2021-01 TRIQUINT-TGF2021-01 Datasheet
166Kb / 8P
   DC-12 GHz Discrete Power pHEMT
TGF2021-02 TRIQUINT-TGF2021-02 Datasheet
125Kb / 8P
   DC - 12 GHz Discrete power pHEMT
TGF2021-04 TRIQUINT-TGF2021-04 Datasheet
126Kb / 8P
   DC - 12 GHz Discrete power pHEMT
logo
Tyco Electronics
TGF2021-08 MACOM-TGF2021-08 Datasheet
147Kb / 8P
   DC - 12 GHz Discrete power pHEMT
logo
TriQuint Semiconductor
TGF2021-08 TRIQUINT-TGF2021-08 Datasheet
151Kb / 8P
   DC - 12 GHz Discrete power pHEMT
More results

Similar Description - TGF2025_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGF2060 TRIQUINT-TGF2060_15 Datasheet
410Kb / 8P
   600 um Discrete GaAs pHEMT
TGF2040 TRIQUINT-TGF2040 Datasheet
411Kb / 8P
   400 um Discrete GaAs pHEMT
TGF2040 TRIQUINT-TGF2040_15 Datasheet
411Kb / 8P
   400 um Discrete GaAs pHEMT
TGF2018 TRIQUINT-TGF2018_15 Datasheet
245Kb / 8P
   180 um Discrete GaAs pHEMT
TGF2060 TRIQUINT-TGF2060 Datasheet
410Kb / 8P
   600 um Discrete GaAs pHEMT
TGF2080 TRIQUINT-TGF2080_15 Datasheet
191Kb / 6P
   800um Discrete GaAs pHEMT
TGF2120 TRIQUINT-TGF2120 Datasheet
217Kb / 6P
   1200um Discrete GaAs pHEMT
TGF2120 TRIQUINT-TGF2120_15 Datasheet
212Kb / 6P
   1200um Discrete GaAs pHEMT
TGF2160 TRIQUINT-TGF2160_15 Datasheet
225Kb / 6P
   1600um Discrete GaAs pHEMT
TGF4350 TRIQUINT-TGF4350 Datasheet
554Kb / 5P
   300um Discrete pHEMT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com