Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGF2819-FL Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # TGF2819-FL
Description  100W Peak Power, 20W Average Power
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGF2819-FL Datasheet(HTML) 8 Page - TriQuint Semiconductor

Back Button TGF2819-FL_15 Datasheet HTML 4Page - TriQuint Semiconductor TGF2819-FL_15 Datasheet HTML 5Page - TriQuint Semiconductor TGF2819-FL_15 Datasheet HTML 6Page - TriQuint Semiconductor TGF2819-FL_15 Datasheet HTML 7Page - TriQuint Semiconductor TGF2819-FL_15 Datasheet HTML 8Page - TriQuint Semiconductor TGF2819-FL_15 Datasheet HTML 9Page - TriQuint Semiconductor TGF2819-FL_15 Datasheet HTML 10Page - TriQuint Semiconductor TGF2819-FL_15 Datasheet HTML 11Page - TriQuint Semiconductor TGF2819-FL_15 Datasheet HTML 12Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
TGF2819-FL
100W Peak Power, 20W Average Power,
32V DC
– 3.5 GHz, GaN RF Power Transistor
Datasheet: Rev B- 03-03-15
- 8 of 21 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Load Pull Smith Charts (1, 2)
RF performance that the device typically exhibits when placed in the specified impedance environment. The impedances are not the
impedances of the device, they are the impedances presented to the device via an RF circuit or load-pull system. The impedances
listed follow an optimized trajectory to maintain high power and high efficiency at reference planes indicated on page 18.
Notes:
1.
Test Conditions: VDS = 32 V, IDQ = 250 mA
2.
Test Signal: Pulse Width = 100 µsec, Duty Cycle = 20%
-0
.4
-0
.3
-0.2
-0.1
2.9GHz, Load-pull
51.6
51.4
51.2
13.3
13.3
12.8
12.3
62.2
60.2
58.2
Max Power is 51.6dBm
at Z = 2.377-3.545i
= -0.4934-0.4278i
Max Gain is 13.6dB
at Z = 2.514-1.449i
= -0.577-0.1827i
Max PAE is 63.8%
at Z = 1.796-2.264i
= -0.6352-0.3138i
Zo = 10
Pin_ref = 20.6dBm
Zs(fo) = 8.04-7.51i
Power
Gain
PAE


Similar Part No. - TGF2819-FL_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGF2819-FLEVB03 QORVO-TGF2819-FLEVB03 Datasheet
2Mb / 19P
   DC – 4 GHz, 50 V, 200 W GaN RF Transistor
Rev. E, January 2022
TGF2819-FLPCB4B01 QORVO-TGF2819-FLPCB4B01 Datasheet
2Mb / 19P
   DC – 4 GHz, 50 V, 200 W GaN RF Transistor
Rev. E, January 2022
More results

Similar Description - TGF2819-FL_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGF2819-FS TRIQUINT-TGF2819-FS_15 Datasheet
1Mb / 21P
   100W Peak Power, 20W Average Power
logo
Mean Well Enterprises C...
LRS-100N2 MEANWELL-LRS-100N2 Datasheet
198Kb / 5P
   100W Single Output High Peak Power Supply
2023-08-14
logo
Keysight Technologies
E4416A KEYSIGHT-E4416A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
E9321A KEYSIGHT-E9321A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
E9326A KEYSIGHT-E9326A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
E4417A KEYSIGHT-E4417A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
U2021XA KEYSIGHT-U2021XA Datasheet
2Mb / 20P
   U2020 X-Series USB Peak and Average Power Sensors
logo
M/A-COM Technology Solu...
MAGX-001220-100L00 MA-COM-MAGX-001220-100L00 Datasheet
833Kb / 6P
   GaN HEMT Power Transistor 100W Peak, 1.2 - 2.0 GHz
logo
Sanyo Semicon Device
STK400-030 SANYO-STK400-030 Datasheet
183Kb / 6P
   AF Power Amplifier (Split Power Supply) (20W20W20W, THD = 0.4%)
logo
TriQuint Semiconductor
T1G4012036-FL TRIQUINT-T1G4012036-FL_15 Datasheet
993Kb / 13P
   120W Peak Power, 24W Average Power, 36V DC ??3.5 GHz, GaN RF Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com