Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGF2819-FL Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # TGF2819-FL
Description  100W Peak Power, 20W Average Power
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGF2819-FL Datasheet(HTML) 4 Page - TriQuint Semiconductor

  TGF2819-FL Datasheet HTML 1Page - TriQuint Semiconductor TGF2819-FL Datasheet HTML 2Page - TriQuint Semiconductor TGF2819-FL Datasheet HTML 3Page - TriQuint Semiconductor TGF2819-FL Datasheet HTML 4Page - TriQuint Semiconductor TGF2819-FL Datasheet HTML 5Page - TriQuint Semiconductor TGF2819-FL Datasheet HTML 6Page - TriQuint Semiconductor TGF2819-FL Datasheet HTML 7Page - TriQuint Semiconductor TGF2819-FL Datasheet HTML 8Page - TriQuint Semiconductor TGF2819-FL Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
TGF2819-FL
100W Peak Power, 20W Average Power,
32V DC
– 3.5 GHz, GaN RF Power Transistor
Datasheet: Rev B- 03-03-15
- 4 of 21 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
RF Characterization
– Performance at 3.5GHz (1, 2)
Test conditions unless otherwise noted: TA = 25 °C, VD = 32 V, IDQ = 250 mA
Symbol Parameter
Min
Typical
Max
Units
GLIN
Linear Gain
15.1
dB
P3dB
Output Power at 3 dB Gain Compression
126
W
PAE3dB
Power-Added Efficiency at 3 dB Gain Compression
49.2
%
G3dB
Gain at 3 dB Compression
12.1
dB
Notes:
1.
Pulse: 100µs PW, 20%
2.
Performance at 3.5GHz in the 3.1 to 3.5GHz Evaluation Board
RF Characterization
– Mismatched Ruggedness at 3.50 GHz (1, 2)
Test conditions unless otherwise noted: TA = 25 °C, VD = 32 V, IDQ = 250 mA
Symbol Parameter
Typical
VSWR
Impedance Mismatch Ruggedness
10:1
Notes:
1. Input power established at P3dB at matched load at the output of 3.1
– 3.5 GHz Evaluation Board
2. Pulse: 100uS PW, 20%


Similar Part No. - TGF2819-FL

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGF2819-FL QORVO-TGF2819-FL Datasheet
2Mb / 19P
   DC – 4 GHz, 50 V, 200 W GaN RF Transistor
Rev. E, January 2022
TGF2819-FLEVB03 QORVO-TGF2819-FLEVB03 Datasheet
2Mb / 19P
   DC – 4 GHz, 50 V, 200 W GaN RF Transistor
Rev. E, January 2022
TGF2819-FLPCB4B01 QORVO-TGF2819-FLPCB4B01 Datasheet
2Mb / 19P
   DC – 4 GHz, 50 V, 200 W GaN RF Transistor
Rev. E, January 2022
More results

Similar Description - TGF2819-FL

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGF2819-FS TRIQUINT-TGF2819-FS_15 Datasheet
1Mb / 21P
   100W Peak Power, 20W Average Power
logo
Mean Well Enterprises C...
LRS-100N2 MEANWELL-LRS-100N2 Datasheet
198Kb / 5P
   100W Single Output High Peak Power Supply
2023-08-14
logo
Keysight Technologies
E4416A KEYSIGHT-E4416A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
E9321A KEYSIGHT-E9321A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
E9326A KEYSIGHT-E9326A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
E4417A KEYSIGHT-E4417A Datasheet
996Kb / 19P
   Power Meters and E-Series E9320 Peak and Average Power Sensors
U2021XA KEYSIGHT-U2021XA Datasheet
2Mb / 20P
   U2020 X-Series USB Peak and Average Power Sensors
logo
M/A-COM Technology Solu...
MAGX-001220-100L00 MA-COM-MAGX-001220-100L00 Datasheet
833Kb / 6P
   GaN HEMT Power Transistor 100W Peak, 1.2 - 2.0 GHz
logo
Sanyo Semicon Device
STK400-030 SANYO-STK400-030 Datasheet
183Kb / 6P
   AF Power Amplifier (Split Power Supply) (20W20W20W, THD = 0.4%)
logo
TriQuint Semiconductor
T1G4012036-FL TRIQUINT-T1G4012036-FL_15 Datasheet
993Kb / 13P
   120W Peak Power, 24W Average Power, 36V DC ??3.5 GHz, GaN RF Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com