Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGF3020-SM Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TGF3020-SM
Description  5W, 32V, 4 ??6 GHz, GaN RF Input-Matched Transistor
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGF3020-SM Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TGF3020-SM_15 Datasheet HTML 1Page - TriQuint Semiconductor TGF3020-SM_15 Datasheet HTML 2Page - TriQuint Semiconductor TGF3020-SM_15 Datasheet HTML 3Page - TriQuint Semiconductor TGF3020-SM_15 Datasheet HTML 4Page - TriQuint Semiconductor TGF3020-SM_15 Datasheet HTML 5Page - TriQuint Semiconductor TGF3020-SM_15 Datasheet HTML 6Page - TriQuint Semiconductor TGF3020-SM_15 Datasheet HTML 7Page - TriQuint Semiconductor TGF3020-SM_15 Datasheet HTML 8Page - TriQuint Semiconductor TGF3020-SM_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
TGF3020-SM
5W, 32V, 4 – 6 GHz, GaN RF Input-Matched Transistor
Datasheet: Rev A 09-26-14
- 2 of 23 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
RF Characterization – Load Pull Performance at 4.0 GHz
Test conditions unless otherwise noted: TA = 25 °C, VD = 32 V, IDQ = 25 mA, Pulse: 100uS Pulse Width, 20% Duty Cycle
Symbol Parameter
Min
Typical
Max
Units
GLIN
Linear Gain, Power Tuned
12.6
dB
P3dB
Output Power at 3 dB Gain Compression, Power
Tuned
38.4
dBm
PAE3dB
Power-Added Efficiency at 3 dB Gain
Compression, Efficiency Tuned
60.1
%
G3dB
Gain at 3 dB Compression, Power Tuned
9.6
dB
RF Characterization – Load Pull Performance at 4.4 GHz
Test conditions unless otherwise noted: TA = 25 °C, VD = 32 V, IDQ = 25 mA, Pulse: 100uS Pulse Width, 20% Duty Cycle
Symbol Parameter
Min
Typical
Max
Units
GLIN
Linear Gain, Power Tuned
12.7
dB
P3dB
Output Power at 3 dB Gain Compression, Power
Tuned
38.3
dBm
PAE3dB
Power-Added Efficiency at 3 dB Gain
Compression, Efficiency Tuned
61.5
%
G3dB
Gain at 3 dB Compression, Power Tuned
9.7
dB
Absolute Maximum Ratings
Parameter
Value
Breakdown Voltage (BVDG)
100 V min.
Gate Voltage Range (VG)
-50 to 0 V
Drain Current (ID)
0.6 A
Gate Current (IG)
-1.25 to 2.1 mA
Power Dissipation (PD)
7.5 W
RF Input Power, CW,
T = 25°C (PIN)
30 dBm
Channel Temperature (TCH)
275 °C
Storage Temperature
-40 to 150 °C
Operation of this device outside the parameter ranges
given above may cause permanent damage. These are
stress ratings only, and functional operation of the device
at these conditions is not implied.
Recommended Operating Conditions
Parameter1
Value
Drain Voltage (VD)
32 V (Typ.)
Drain Quiescent Current (IDQ)
25 mA (Typ.)
Peak Drain Current ( ID)
326 mA (Typ.)
Gate Voltage (VG)
-2.7 V (Typ.)
Channel Temperature (TCH)
225 °C (Max)
Power Dissipation, CW (PD)
7.05 W (Max)
Power Dissipation, Pulse (PD)2
9.1 W (Max)
1 Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating
conditions.
2 100uS Pulse Width, 20% Duty Cycle


Similar Part No. - TGF3020-SM_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGF3020-SMEVB01 QORVO-TGF3020-SMEVB01 Datasheet
2Mb / 19P
   4 – 6 GHz, 32 V, 5 W GaN RF Input-Matched Transistor
February 2022
TGF3020-SMEVB02 QORVO-TGF3020-SMEVB02 Datasheet
2Mb / 19P
   4 – 6 GHz, 32 V, 5 W GaN RF Input-Matched Transistor
February 2022
TGF3020-SMEVBP01 QORVO-TGF3020-SMEVBP01 Datasheet
2Mb / 24P
   4 ??6 GHz, 32 V, 5 W GaN RF Input-Matched Transistor
TGF3020-SMEVBP02 QORVO-TGF3020-SMEVBP02 Datasheet
2Mb / 24P
   4 ??6 GHz, 32 V, 5 W GaN RF Input-Matched Transistor
TGF3020-SM QORVO-TGF3020-SM_V01 Datasheet
2Mb / 19P
   4 – 6 GHz, 32 V, 5 W GaN RF Input-Matched Transistor
February 2022
More results

Similar Description - TGF3020-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T1G3000532-SM TRIQUINT-T1G3000532-SM_15 Datasheet
1Mb / 21P
   5W, 32V, 0.03 ??3.5 GHz, GaN RF Input-Matched Transistor
TGF2965-SM TRIQUINT-TGF2965-SM_15 Datasheet
2Mb / 23P
   5W, 32V, 0.03 ??3 GHz, GaN RF Input-Matched Transistor
TGF3015-SM TRIQUINT-TGF3015-SM_15 Datasheet
1Mb / 21P
   10W, 32V, 0.03 ??3 GHz, GaN RF Input-Matched Transistor
logo
Qorvo, Inc
TGF3020-SM QORVO-TGF3020-SM Datasheet
2Mb / 24P
   4 ??6 GHz, 32 V, 5 W GaN RF Input-Matched Transistor
TGF3020-SM QORVO-TGF3020-SM_V01 Datasheet
2Mb / 19P
   4 – 6 GHz, 32 V, 5 W GaN RF Input-Matched Transistor
February 2022
logo
TriQuint Semiconductor
TGF3021-SM TRIQUINT-TGF3021-SM_15 Datasheet
2Mb / 33P
   30W, 32V, 0.03 ??4 GHz, GaN RF Transistor
T1G6001032-SM TRIQUINT-T1G6001032-SM_15 Datasheet
1Mb / 13P
   10W, 32V, DC 6 GHz, GaN RF Power Transistor
QPD1014 TRIQUINT-QPD1014 Datasheet
2Mb / 21P
   GaN RF Input-Matched Transistor
logo
Qorvo, Inc
QPD1022 QORVO-QPD1022 Datasheet
2Mb / 22P
   10W, 32V, DC ??12 GHz, GaN RF Transistor
February 2022
logo
TriQuint Semiconductor
QPD1022 TRIQUINT-QPD1022 Datasheet
2Mb / 23P
   10W, 32V, DC ??12 GHz, GaN RF Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com