Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGF3021-SM Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TGF3021-SM
Description  30W, 32V, 0.03 ??4 GHz, GaN RF Transistor
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGF3021-SM Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TGF3021-SM_15 Datasheet HTML 1Page - TriQuint Semiconductor TGF3021-SM_15 Datasheet HTML 2Page - TriQuint Semiconductor TGF3021-SM_15 Datasheet HTML 3Page - TriQuint Semiconductor TGF3021-SM_15 Datasheet HTML 4Page - TriQuint Semiconductor TGF3021-SM_15 Datasheet HTML 5Page - TriQuint Semiconductor TGF3021-SM_15 Datasheet HTML 6Page - TriQuint Semiconductor TGF3021-SM_15 Datasheet HTML 7Page - TriQuint Semiconductor TGF3021-SM_15 Datasheet HTML 8Page - TriQuint Semiconductor TGF3021-SM_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
TGF3021-SM
30W, 32V, 0.03 – 4 GHz, GaN RF Transistor
Datasheet: Rev A 2-27-15
- 2 of 33 -
Disclaimer: Subject to change without notice
© 2015 TriQuint
www.triquint.com
Absolute Maximum Ratings
Recommended Operating Conditions
Parameter
Value
Parameter
Value
Breakdown Voltage (BVDG)
100 V min.
Drain Voltage (VD)
32 V (Typ.)
Gate Voltage Range (VG)
-10 to 0 V
Drain Quiescent Current (IDQ)
65 mA (Typ.)
Drain Current (ID)
5.8 A
Peak Drain Current ( ID)
1800 mA (Typ.)
Gate Current (IG)
-7.5 to 16.8 mA
Gate Voltage (VG)
-2.7 V (Typ.)
Power Dissipation (PD)
32.3 W
Channel Temperature (TCH)
225 °C (Max)
RF Input Power, CW,
T = 25°C (PIN)
See page 10.
Power Dissipation, CW (PD)2
25.7 W (Max)
Channel Temperature (TCH)
275 °C
Power Dissipation, Pulse (PD)3
41.5 W (Max)
Storage Temperature
-40 to 150 °C
1 Electrical specifications are measured at specified test
conditions.
Specifications are not guaranteed over all recommended operating
conditions.
2 Package at 85 °C
3 100uS Pulse Width, 20 % Duty Cycle, package at 85 °C
Operation of this device outside the parameter ranges
given above may cause permanent damage. These are
stress ratings only, and functional operation of the device
at these conditions is not implied.


Similar Part No. - TGF3021-SM_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGF3021-SM-EVB1 QORVO-TGF3021-SM-EVB1 Datasheet
2Mb / 31P
   30 W, 32 V, 0.03 to 4 GHz, GaN RF Transistor
More results

Similar Description - TGF3021-SM_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T1G3000532-SM TRIQUINT-T1G3000532-SM_15 Datasheet
1Mb / 21P
   5W, 32V, 0.03 ??3.5 GHz, GaN RF Input-Matched Transistor
T2G4003532-FL TRIQUINT-T2G4003532-FL_15 Datasheet
990Kb / 13P
   30W, 32V DC 3.5 GHz, GaN RF Power Transistor
TGF3015-SM TRIQUINT-TGF3015-SM_15 Datasheet
1Mb / 21P
   10W, 32V, 0.03 ??3 GHz, GaN RF Input-Matched Transistor
TGF2965-SM TRIQUINT-TGF2965-SM_15 Datasheet
2Mb / 23P
   5W, 32V, 0.03 ??3 GHz, GaN RF Input-Matched Transistor
T2G4003532-FS TRIQUINT-T2G4003532-FS_15 Datasheet
984Kb / 13P
   30W, 32V DC 3.5 GHz, GaN RF Power Transistor
TGF3020-SM TRIQUINT-TGF3020-SM_15 Datasheet
2Mb / 23P
   5W, 32V, 4 ??6 GHz, GaN RF Input-Matched Transistor
logo
Qorvo, Inc
QPD1022 QORVO-QPD1022 Datasheet
2Mb / 22P
   10W, 32V, DC ??12 GHz, GaN RF Transistor
February 2022
logo
TriQuint Semiconductor
QPD1022 TRIQUINT-QPD1022 Datasheet
2Mb / 23P
   10W, 32V, DC ??12 GHz, GaN RF Transistor
logo
Qorvo, Inc
TGF3021-SM QORVO-TGF3021-SM Datasheet
2Mb / 31P
   30 W, 32 V, 0.03 to 4 GHz, GaN RF Transistor
logo
TriQuint Semiconductor
T1G4003532-FL TRIQUINT-T1G4003532-FL_15 Datasheet
1Mb / 13P
   35W, 32V, DC ??3.5 GHz, GaN RF Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com