Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGF3021-SM-EVB1 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # TGF3021-SM-EVB1
Description  30W, 32V, 0.03 ??4 GHz, GaN RF Transistor
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGF3021-SM-EVB1 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  TGF3021-SM-EVB1 Datasheet HTML 1Page - TriQuint Semiconductor TGF3021-SM-EVB1 Datasheet HTML 2Page - TriQuint Semiconductor TGF3021-SM-EVB1 Datasheet HTML 3Page - TriQuint Semiconductor TGF3021-SM-EVB1 Datasheet HTML 4Page - TriQuint Semiconductor TGF3021-SM-EVB1 Datasheet HTML 5Page - TriQuint Semiconductor TGF3021-SM-EVB1 Datasheet HTML 6Page - TriQuint Semiconductor TGF3021-SM-EVB1 Datasheet HTML 7Page - TriQuint Semiconductor TGF3021-SM-EVB1 Datasheet HTML 8Page - TriQuint Semiconductor TGF3021-SM-EVB1 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
TGF3021-SM
30W, 32V, 0.03 – 4 GHz, GaN RF Transistor
Datasheet: Rev A 2-27-15
- 5 of 33 -
Disclaimer: Subject to change without notice
© 2015 TriQuint
www.triquint.com
RF Characterization – 0.05 – 0.55 GHz EVB Performance at 0.25 GHz
Test conditions unless otherwise noted: TA = 25 °C, VD = 32 V, IDQ = 65 mA, Signal: CW
Symbol Parameter
Min
Typical
Max
Units
GLIN
Linear Gain
21.8
dB
P1dB
Output Power at 1 dB Gain Compression
25.7
W
PAE1dB
Power-Added Efficiency at 3 dB Gain
Compression
52.4
%
G1dB
Gain at 3 dB Compression
20.8
dB
RF Characterization – Test Performance at 2.6 GHz
Test conditions unless otherwise noted: TA = 25 °C, VD = 32 V, IDQ = 60 mA, Signal: 100uS Pulse Width, 20% Duty Cycle
Symbol Parameter
Min
Typical
Max
Units
P3dB
Output Power at 1 dB Gain Compression
21.4
W
DrE3dB
Drain Efficiency at 3 dB Gain Compression
65
%
G3dB
Gain at 3 dB Compression
14.3
dB
RF Characterization – Mismatch Ruggedness at 512 MHz
Test conditions unless otherwise noted: TA = 25 °C, VD = 32 V, IDQ = 65 mA
Driving input power is determined at pulsed compression under matched condition at EVB output connector.
Symbol Parameter
dB Compression
Typical
VSWR
Impedance Mismatch Ruggedness
1
10:1


Similar Part No. - TGF3021-SM-EVB1

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGF3021-SM-EVB1 QORVO-TGF3021-SM-EVB1 Datasheet
2Mb / 31P
   30 W, 32 V, 0.03 to 4 GHz, GaN RF Transistor
More results

Similar Description - TGF3021-SM-EVB1

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T1G3000532-SM TRIQUINT-T1G3000532-SM_15 Datasheet
1Mb / 21P
   5W, 32V, 0.03 ??3.5 GHz, GaN RF Input-Matched Transistor
T2G4003532-FL TRIQUINT-T2G4003532-FL_15 Datasheet
990Kb / 13P
   30W, 32V DC 3.5 GHz, GaN RF Power Transistor
TGF3015-SM TRIQUINT-TGF3015-SM_15 Datasheet
1Mb / 21P
   10W, 32V, 0.03 ??3 GHz, GaN RF Input-Matched Transistor
TGF2965-SM TRIQUINT-TGF2965-SM_15 Datasheet
2Mb / 23P
   5W, 32V, 0.03 ??3 GHz, GaN RF Input-Matched Transistor
T2G4003532-FS TRIQUINT-T2G4003532-FS_15 Datasheet
984Kb / 13P
   30W, 32V DC 3.5 GHz, GaN RF Power Transistor
TGF3020-SM TRIQUINT-TGF3020-SM_15 Datasheet
2Mb / 23P
   5W, 32V, 4 ??6 GHz, GaN RF Input-Matched Transistor
logo
Qorvo, Inc
QPD1022 QORVO-QPD1022 Datasheet
2Mb / 22P
   10W, 32V, DC ??12 GHz, GaN RF Transistor
February 2022
logo
TriQuint Semiconductor
QPD1022 TRIQUINT-QPD1022 Datasheet
2Mb / 23P
   10W, 32V, DC ??12 GHz, GaN RF Transistor
logo
Qorvo, Inc
TGF3021-SM QORVO-TGF3021-SM Datasheet
2Mb / 31P
   30 W, 32 V, 0.03 to 4 GHz, GaN RF Transistor
logo
TriQuint Semiconductor
T1G4003532-FL TRIQUINT-T1G4003532-FL_15 Datasheet
1Mb / 13P
   35W, 32V, DC ??3.5 GHz, GaN RF Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com