Electronic Components Datasheet Search |
|
MAOC-009264 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc. |
|
MAOC-009264 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc. |
1 / 5 page 1 Voltage Controlled Oscillator 8.8 - 9.8 GHz Rev. V2 MAOC-009264 • North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400 • India Tel: +91.80.43537383 • China Tel: +86.21.2407.1588 Visit www.macomtech.com for additional data sheets and product information. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions is considering for development. Performance is based on target specifications, simulated results, and/or prototype measurements. Commitment to develop is not guaranteed. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. Commitment to produce in volume is not guaranteed. Features Low Phase Noise Wide Tuning Range Divide-by-Two Output Integrated Buffer Amplifier Excellent Temperature Stability +5V Bias Lead-Free 5 mm 32-Lead PQFN Package Halogen-Free “Green” Mold Compound RoHS* Compliant and 260°C Reflow Compatible Description The MAOC-009264 is an InGaP HBT-based voltage controlled oscillator for frequency generation. No external matching components are required. This VCO is easily integrated into a phase lock loop using the divide-by-two output. The extremely low phase noise makes this part ideal for many radio applications including high capacity digital radios. The MAOC-009264 primary applications are Point-to-Point Radio, Point-to-Multipoint Radio, Communications Systems, and Low Phase Noise applications. The 5 mm PQFN package has a lead-free finish that is RoHS compliant and compatible with a 260ºC reflow temperature. The package also features low lead inductance and an excellent thermal path. Block Diagram Ordering Information1 Part Number Package MAOC-009264-TR0500 500 piece reel MAOC-009264-TR1000 1000 piece reel MAOC-009264-SMB003 Sample Board Pin Function Pin Function 1 N/C 17 N/C 2 N/C 18 N/C 3 N/C 19 RF 4 N/C 20 N/C 5 N/C 21 VCC 6 N/C 22 N/C 7 VBUFFER 23 N/C 8 N/C 24 N/C 9 N/C 25 N/C 10 N/C 26 N/C 11 N/C 27 N/C 12 RF/2 28 N/C 13 N/C 29 VTUNE 14 N/C 30 N/C 15 N/C 31 N/C 16 N/C 32 N/C Pin Designations2 * Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1. Reference Application Note M513 for reel size information. The exposed pad centered on the package bottom must be connected to RF and DC ground. Connecting all N/C pins to RF/DC Ground in the layout is also recommended. |
Similar Part No. - MAOC-009264_15 |
|
Similar Description - MAOC-009264_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |