Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA178L08P-TZ Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HA178L08P-TZ
Description  HA178L00_15
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA178L08P-TZ Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HA178L08P-TZ Datasheet HTML 4Page - Renesas Technology Corp HA178L08P-TZ Datasheet HTML 5Page - Renesas Technology Corp HA178L08P-TZ Datasheet HTML 6Page - Renesas Technology Corp HA178L08P-TZ Datasheet HTML 7Page - Renesas Technology Corp HA178L08P-TZ Datasheet HTML 8Page - Renesas Technology Corp HA178L08P-TZ Datasheet HTML 9Page - Renesas Technology Corp HA178L08P-TZ Datasheet HTML 10Page - Renesas Technology Corp HA178L08P-TZ Datasheet HTML 11Page - Renesas Technology Corp HA178L08P-TZ Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
HA178L00 Series
REJ03D0683-0400 Rev.4.00 Jan 16, 2009
Page 6 of 10
HA178L12
(VIN = 19 V, IOUT = 40 mA, 0°C ≤ Tj ≤ 125°C, CIN = 0.33 μF, COUT = 0.1 μF)
HA178L12P
HA178L12
HA178L12PA
HA178L12A
HA178L12UA
Item
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Output voltage
VOUT
11.22
12
12.78
11.5
12
12.5
V
Tj = 25°C
120
250
120
250
14.5 V
≤ V
IN ≤ 27 V
Line regulation
ΔV
OLINE
100
200
100
200
mV
Tj = 25°C
16 V
≤ V
IN ≤ 27 V
28.5
28.5
1.0 mA
≤ I
OUT ≤ 150 mA
20
100
20
100
1.0 mA
≤ I
OUT ≤ 100 mA
Load regulation
ΔV
OLOAD
10
50
10
50
mV
Tj = 25°C
1.0 mA
≤ I
OUT ≤ 40 mA
11.04
12.96
11.4
12.6
14.5 V
≤ V
IN ≤ 27 V,
1.0 mA
≤ I
OUT ≤ 40 mA
Output voltage
VOUT
11.04
12.96
11.4
12.6
V
VIN = 19 V, 1.0 mA ≤ IOUT ≤ 70 mA
Quiescent current
IQ
3.1
6.5
3.1
6.5
mA
Tj= 25°C
1.5
1.5
16 V
≤ V
IN ≤ 27 V, Tj = 25°C
Quiescent current
change
ΔI
Q
0.2
0.1
mA
1.0 mA
≤ I
OUT ≤ 40 mA, Tj = 25°C
Ripple rejection
ratio
RREJ
52
52
dB
f = 120 Hz, 15 V
≤ V
IN < 25 V,
Tj = 25°C
Temperature
coefficient of output
voltage
ΔV
OUT/ΔTj
–0.3
–0.3
mV/°C
IOUT = 5 mA
Dropout voltage
VDROP
1.7
1.7
V
Tj = 25°C
HA178L15
(VIN = 23 V, IOUT = 40 mA, 0°C ≤ Tj ≤ 125°C, CIN = 0.33 μF, COUT = 0.1 μF)
HA178L15P
HA178L15
HA178L15PA
HA178L15A
HA178L15UA
Item
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Output voltage
VOUT
14.03
15
15.97
14.4
15
15.6
V
Tj = 25°C
130
300
130
300
17.5 V
≤ V
IN ≤ 30 V
Line regulation
ΔV
OLINE
110
250
110
250
mV
Tj = 25°C
20 V
≤ V
IN ≤ 30 V
36
36
1.0 mA
≤ I
OUT ≤ 150 mA
25
150
25
150
1.0 mA
≤ I
OUT ≤ 100 mA
Load regulation
ΔV
OLOAD
12
75
12
75
mV
Tj = 25°C
1.0 mA
≤ I
OUT ≤ 40 mA
13.8
16.2
14.25
15.75
17.5 V
≤ V
IN ≤ 30 V,
1.0 mA
≤ I
OUT ≤ 40 mA
Output voltage
VOUT
13.8
16.2
14.25
15.75
V
VIN = 23 V, 1.0 mA ≤ IOUT ≤ 70 mA
Quiescent current
IQ
3.2
6.5
3.2
6.5
mA
Tj= 25°C
1.5
1.5
20 V
≤ V
IN ≤ 30 V, Tj = 25°C
Quiescent current
change
ΔI
Q
0.2
0.1
mA
1.0 mA
≤ I
OUT ≤ 40 mA, Tj = 25°C
Ripple rejection
ratio
RREJ
49
49
dB
f = 120 Hz, 18.5 V
≤ V
IN < 28.5 V,
Tj = 25°C
Temperature
coefficient of output
voltage
ΔV
OUT/ΔTj
–0.5
–0.5
mV/°C
IOUT = 5 mA
Dropout voltage
VDROP
1.7
1.7
V
Tj = 25°C


Similar Part No. - HA178L08P-TZ

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA178L08 HITACHI-HA178L08 Datasheet
90Kb / 21P
   3-terminal Fixed Voltage Regulators
HA178L08UA HITACHI-HA178L08UA Datasheet
90Kb / 21P
   3-terminal Fixed Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com