Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGL2203 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # TGL2203
Description  Ka-Band 1 W VPIN Limiter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGL2203 Datasheet(HTML) 4 Page - TriQuint Semiconductor

  TGL2203_15 Datasheet HTML 1Page - TriQuint Semiconductor TGL2203_15 Datasheet HTML 2Page - TriQuint Semiconductor TGL2203_15 Datasheet HTML 3Page - TriQuint Semiconductor TGL2203_15 Datasheet HTML 4Page - TriQuint Semiconductor TGL2203_15 Datasheet HTML 5Page - TriQuint Semiconductor TGL2203_15 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TGL2203
Ka-Band 1 W VPIN Limiter
Preliminary Datasheet: Rev - 06-17-14
- 4 of 6 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Assembly Drawing
Mechanical Information and Pad Description
Unit: millimeters
Thickness: 0.10
Die x, y size tolerance: ± 0.050
Chip edge to bond pad dimensions are shown to center of pad
Ground is backside of die
Pad Number
Symbol
Description
Pad Size
1
RFIN
Input; matched to 50 Ω.
0.100 x 0.200
2
RFOUT
Output; matched to 50 Ω.
0.100 x 0.200
Notes:
1. RF input and output ports are not interchangeable.
IN
OUT
1
2
RF IN
RF OUT
0.000
0.322
0.524
0.723
1.150
1
2
0.322
0.524
0.723
0.000
1.150


Similar Part No. - TGL2203_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGL2201 TRIQUINT-TGL2201 Datasheet
197Kb / 5P
   Wideband Dual Stage VPIN Limiter
logo
Qorvo, Inc
TGL2201 QORVO-TGL2201 Datasheet
254Kb / 6P
   Wideband Dual Stage VPIN Limiter
logo
TriQuint Semiconductor
TGL2201-EPU TRIQUINT-TGL2201-EPU Datasheet
247Kb / 5P
   Wideband Dual Stage VPIN Limiter
TGL2201-SM TRIQUINT-TGL2201-SM Datasheet
1Mb / 11P
   Wideband Dual Stage VPIN Limiter
logo
Qorvo, Inc
TGL2201-SM QORVO-TGL2201-SM Datasheet
511Kb / 10P
   Wideband Dual Stage VPIN Limiter
More results

Similar Description - TGL2203_15

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGL2206 QORVO-TGL2206 Datasheet
205Kb / 7P
   S-Band 100 W VPIN Limiter
TGL2205 QORVO-TGL2205 Datasheet
255Kb / 6P
   S and C-Band 100 W VPIN Limiter
QPP2209 QORVO-QPP2209 Datasheet
580Kb / 8P
   8 ??12 GHz 40 W VPIN Limiter
January 2021
logo
Communications & Power ...
VDA1002B CPI-VDA1002B Datasheet
305Kb / 1P
   Ka-Band TR Limiter
logo
TriQuint Semiconductor
TGL2201-SM TRIQUINT-TGL2201-SM Datasheet
1Mb / 11P
   Wideband Dual Stage VPIN Limiter
logo
Qorvo, Inc
TGL2201-SM QORVO-TGL2201-SM Datasheet
511Kb / 10P
   Wideband Dual Stage VPIN Limiter
TGL2201 QORVO-TGL2201 Datasheet
254Kb / 6P
   Wideband Dual Stage VPIN Limiter
logo
TriQuint Semiconductor
TGL2201-EPU TRIQUINT-TGL2201-EPU Datasheet
247Kb / 5P
   Wideband Dual Stage VPIN Limiter
TGL2201 TRIQUINT-TGL2201_15 Datasheet
197Kb / 5P
   Wideband Dual Stage VPIN Limiter
TGL2217 TRIQUINT-TGL2217 Datasheet
495Kb / 9P
   0.1??0 GHz 10 Watt VPIN Limiter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com