Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA178L15A-TZ Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HA178L15A-TZ
Description  HA178L00_15
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA178L15A-TZ Datasheet(HTML) 3 Page - Renesas Technology Corp

  HA178L15A-TZ Datasheet HTML 1Page - Renesas Technology Corp HA178L15A-TZ Datasheet HTML 2Page - Renesas Technology Corp HA178L15A-TZ Datasheet HTML 3Page - Renesas Technology Corp HA178L15A-TZ Datasheet HTML 4Page - Renesas Technology Corp HA178L15A-TZ Datasheet HTML 5Page - Renesas Technology Corp HA178L15A-TZ Datasheet HTML 6Page - Renesas Technology Corp HA178L15A-TZ Datasheet HTML 7Page - Renesas Technology Corp HA178L15A-TZ Datasheet HTML 8Page - Renesas Technology Corp HA178L15A-TZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
REJ03D0683-0400 Rev.4.00 Jan 16, 2009
Page 1 of 10
HA178L00 Series
3-terminal Fixed Voltage Regulators
REJ03D0683-0400
Rev.4.00
Jan 16, 2009
Description
The HA178L00 series three-terminal fixed output voltage regulators. Can be used not only as stabilized power sources,
but also as Zener diodes because of their small outline package.
Features
• Maximum output current: 150 mA (Tj = 25°C)
• Large maximum power dissipation: 800 mW
• Over current protection
• Temperature protection circuit
• Ordering Information
Part No.
Output
Voltage
(V)
Output
Voltage
Tolerance (%)
Package
Name
Package
Code
Taping
Abbreviation
(Quantity)
Application
HA178L05-TZ
Commercial use
HA178L05P-TZ
±8
Industrial use
HA178L05A-TZ
Commercial use
HA178L05PA-TZ
TO-92MOD
PRSS0003DC-A
TZ (2,500pcs/box)
Industrial use
HA178L05UA-TL
5
±5
UPAK
PLZZ0004CA-A
TL (1,000pcs/reel)
Commercial use
Part No.
Output
Voltage
(V)
Output
Voltage
Tolerance (%)
Package
Name
Package
Code
Taping
Abbreviation
(Quantity)
Application
HA178L08-TZ
Commercial use
HA178L08P-TZ
±8
Industrial use
HA178L08A-TZ
Commercial use
HA178L08PA-TZ
TO-92MOD
PRSS0003DC-A
TZ (2,500pcs/box)
Industrial use
HA178L08UA-TL
8
±5
UPAK
PLZZ0004CA-A
TL (1,000pcs/reel)
Commercial use
Part No.
Output
Voltage
(V)
Output
Voltage
Tolerance (%)
Package
Name
Package
Code
Taping
Abbreviation
(Quantity)
Application
HA178L12-TZ
Commercial use
HA178L12P-TZ
±8
Industrial use
HA178L12A-TZ
Commercial use
HA178L12PA-TZ
TO-92MOD
PRSS0003DC-A
TZ (2,500pcs/box)
Industrial use
HA178L12UA-TL
12
±5
UPAK
PLZZ0004CA-A
TL (1,000pcs/reel)
Commercial use
Part No.
Output
Voltage
(V)
Output
Voltage
Tolerance (%)
Package
Name
Package
Code
Taping
Abbreviation
(Quantity)
Application
HA178L15-TZ
Commercial use
HA178L15P-TZ
±8
Industrial use
HA178L15A-TZ
Commercial use
HA178L15PA-TZ
TO-92MOD
PRSS0003DC-A
TZ (2,500pcs/box)
Industrial use
HA178L15UA-TL
15
±5
UPAK
PLZZ0004CA-A
TL (1,000pcs/reel)
Commercial use


Similar Part No. - HA178L15A-TZ

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA178L15 HITACHI-HA178L15 Datasheet
90Kb / 21P
   3-terminal Fixed Voltage Regulators
HA178L15UA HITACHI-HA178L15UA Datasheet
90Kb / 21P
   3-terminal Fixed Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com