Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGL2206-SM Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # TGL2206-SM
Description  2.0-5.5 GHz 100 Watt VPIN Limiter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGL2206-SM Datasheet(HTML) 4 Page - TriQuint Semiconductor

  TGL2206-SM Datasheet HTML 1Page - TriQuint Semiconductor TGL2206-SM Datasheet HTML 2Page - TriQuint Semiconductor TGL2206-SM Datasheet HTML 3Page - TriQuint Semiconductor TGL2206-SM Datasheet HTML 4Page - TriQuint Semiconductor TGL2206-SM Datasheet HTML 5Page - TriQuint Semiconductor TGL2206-SM Datasheet HTML 6Page - TriQuint Semiconductor TGL2206-SM Datasheet HTML 7Page - TriQuint Semiconductor TGL2206-SM Datasheet HTML 8Page - TriQuint Semiconductor TGL2206-SM Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TGL2206-SM
2.0-5.5 GHz 100 Watt VPIN Limiter
Datasheet: Rev - 05-14-14
- 4 of 11 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Typical Performance – Tuned EVB Performance
Test conditions unless otherwise noted: 25 C, CW Input Power
0
2
4
6
8
10
12
14
16
18
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28
Input Power (dBm)
Output Power vs. Input Power vs. Freq.
2.0 GHz
3.0 GHz
4.0 GHz
5.0 GHz
6.0 GHz
Temp. = 25 °C
0
2
4
6
8
10
12
14
16
18
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28
Input Power (dBm)
Output Power vs. Input Power vs. Temp.
Frequency = 3.5 GHz
- 40 °C
+25 °C
+85 °C
10
11
12
13
14
15
16
30
32
34
36
38
40
42
44
46
48
50
Input Power (dBm)
Output Power vs. Pin vs. Frequency
2.1 GHz
2.5 GHz
3.0 GHz
3.5 GHz
3.7 GHz
Pin CW, Temp. = 25 °C
10
11
12
13
14
15
16
36
38
40
42
44
46
48
50
Input Power (dBm)
Output Power vs. Pin vs. Frequency
2.1 GHz
2.5 GHz
3.0 GHz
3.5 GHz
3.7 GHz
Pin Pulse: PW=100us, DC=10%, Temp. = 25 °C


Similar Part No. - TGL2206-SM

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGL2206-SM QORVO-TGL2206-SM Datasheet
557Kb / 8P
   2.0 ??5.5 GHz 100 Watt VPIN Limiter
TGL2206-SMEVB-01 QORVO-TGL2206-SMEVB-01 Datasheet
557Kb / 8P
   2.0 ??5.5 GHz 100 Watt VPIN Limiter
More results

Similar Description - TGL2206-SM

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGL2206-SM QORVO-TGL2206-SM Datasheet
557Kb / 8P
   2.0 ??5.5 GHz 100 Watt VPIN Limiter
logo
TriQuint Semiconductor
TGL2207-SM TRIQUINT-TGL2207-SM_15 Datasheet
1Mb / 11P
   2.0-6.5 GHz 100 Watt VPIN Limiter
TGL2205-SM TRIQUINT-TGL2205-SM_15 Datasheet
769Kb / 10P
   2-6 GHz 100 Watt VPIN Limiter
logo
Qorvo, Inc
TGL2205-SM QORVO-TGL2205-SM Datasheet
729Kb / 9P
   2 ??6 GHz 100 Watt VPIN Limiter
TGL2210 QORVO-TGL2210 Datasheet
654Kb / 10P
   0.05 ??6 GHz 100 Watt VPIN Limiter
logo
TriQuint Semiconductor
TGL2217 TRIQUINT-TGL2217 Datasheet
495Kb / 9P
   0.1??0 GHz 10 Watt VPIN Limiter
logo
Qorvo, Inc
TGL2217 QORVO-TGL2217 Datasheet
318Kb / 8P
   0.1 ??20 GHz 10 Watt VPIN Limiter
logo
TriQuint Semiconductor
TGL2209-SM TRIQUINT-TGL2209-SM Datasheet
1Mb / 9P
   8.0-12.0 GHz 50 Watt VPIN Limiter
TGL2217-SM TRIQUINT-TGL2217-SM Datasheet
1Mb / 9P
   0.1??0.0 GHz 10 Watt VPIN Limiter
logo
Qorvo, Inc
TGL2217-SM QORVO-TGL2217-SM Datasheet
602Kb / 9P
   0.1 ??20 GHz 10 Watt VPIN Limiter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com